Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1K Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # S1K
Description  SURFACE MOUNT RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

S1K Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  S1K Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited S1K Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified
S1D
S1G
S1J
S1K
S1M
SA
SD
SG
SJ
SK
SM
Maximumrecurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
MaximumRMS voltage
VRMS
140
280
420
560
700
V
MaximumDC blocking voltage
VDC
200
400
600
800
1000
V
Maximumaverage forw ord rectified current
V @TL=110
IF(AV)
A
Peak forw ard surge current @ T
L = 110°C
V 8.3ms single half-sine-w ave superimposed
V on rated load (JEDEC Method)
IFSM
A
Maximuminstantaneous forw ard voltage at 1.0A
VF
V
MaximumDC reverse current
@T
A=25
oC
at rated DC blockjing voltage
@T
A=125
oC
Typical junction capacitance(NOTE1)
CJ
pF
Operating junction and storage temperature range T
JTSTG
oC
Plastic package has underwriters laboratory
111 flammability classifications
SB
UNITS
40.0
30.0
50
100
35
70
50
100
50.0
1.1
2.Thermal resistance form junction to ambient and junction to lead P.C.B mounted on 0.27"X0.27"(7.0X7.0mm2) copper pad areas.
-55--------+175
1.0
IR
5.0
For surface mounted applications
Low profile package
S1A
Polarity: Color band denotes cathode end
Weight: 0.002 ounces, 0.064 gram
Terminals:Solder Plated, solderable per MIL-STD-
1111750, Method 2026
Glass passivated chip junction
High temperature soldering:
111 250
oC/10 seconds at terminals
S1A --- S1M
NOTE: 1.Measured at 1.0MHz and applied reverse voltage of 4.0volts
15
REVERSE VOLTAGE: 50 - 1000 V
CURRENT: 1.0 A
Built-in strain relief,ideal for automated placement
Case:JEDEC DO-214AC,molded plastic over
1111passivated chip
Device marking code
SURFACE MOUNT RECTIFIER
GALAXY ELECTRICAL
DO - 214AC(SMA)
Typical thermal resitance (NOTE2)
oC/W
S1B
www.galaxycn.com
BLGALAXY ELECTRICAL
BL
Document Number 0280001
1.
inch(mm)
JA
R
50


Similar Part No. - S1K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S1K PANJIT-S1K Datasheet
116Kb / 3P
   SURFACE MOUNT RECTIFIER
S1K PANJIT-S1K Datasheet
74Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diotec Semiconductor
S1K DIOTEC-S1K Datasheet
157Kb / 2P
   Standard Recovery SMD Rectifier Diodes
logo
Gaomi Xinghe Electronic...
S1K GXELECTRONICS-S1K Datasheet
233Kb / 1P
   1.0Amp Surface Mount Glass Passivated Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
S1K MCC-S1K Datasheet
618Kb / 3P
   1 Amp Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - S1K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1A PANJIT-GS1A_07 Datasheet
83Kb / 3P
   SURFACE MOUNT RECTIFIER
S3A PANJIT-S3A_07 Datasheet
71Kb / 3P
   SURFACE MOUNT RECTIFIER
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
   SURFACE MOUNT RECTIFIER
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Galaxy Semi-Conductor H...
GL34A BILIN-GL34A Datasheet
90Kb / 2P
   SURFACE MOUNT RECTIFIER
SODDB3 BILIN-SODDB3 Datasheet
106Kb / 2P
   SURFACE MOUNT RECTIFIER
SM513 BILIN-SM513 Datasheet
205Kb / 2P
   SURFACE MOUNT RECTIFIER
ES07B BILIN-ES07B Datasheet
173Kb / 3P
   SURFACE MOUNT RECTIFIER
SM4933 BILIN-SM4933 Datasheet
115Kb / 2P
   SURFACE MOUNT RECTIFIER
RS1A BILIN-RS1A Datasheet
64Kb / 2P
   SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com