Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6115 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6115
Description  QUAD 100 V, DMOS SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6115 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6115 Datasheet HTML 2Page - STMicroelectronics L6115 Datasheet HTML 3Page - STMicroelectronics L6115 Datasheet HTML 4Page - STMicroelectronics L6115 Datasheet HTML 5Page - STMicroelectronics L6115 Datasheet HTML 6Page - STMicroelectronics L6115 Datasheet HTML 7Page - STMicroelectronics L6115 Datasheet HTML 8Page - STMicroelectronics L6115 Datasheet HTML 9Page - STMicroelectronics L6115 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Figure 7 : Input Logic Levels
Set
V = 0.8 V
S1,S2 open
for
IIN L and IEN L
Set
V = 0.8 V
S1,S2 close
for
VIN L and VEN H
Set
V =
2 V
S1,S2 open
for
IIN H and IEN H
Set
V =
2 V
S1,S2 close
for
VIN H and VEN H
Figure 8 : Static Drain-source on Resistance.
Figure 9 : Normalized Break-down Voltage vs.
Temperature.
L6114 - L6115
6/11


Similar Part No. - L6115

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L611 CRYDOM-L611 Datasheet
585Kb / 4P
   Power Modules
logo
Hamamatsu Corporation
L6112 HAMAMATSU-L6112 Datasheet
144Kb / 4P
   High output red LED
L6112-01 HAMAMATSU-L6112-01 Datasheet
144Kb / 4P
   High output red LED
L6112-02 HAMAMATSU-L6112-02 Datasheet
144Kb / 4P
   High output red LED
logo
List of Unclassifed Man...
L61120F ETC2-L61120F Datasheet
171Kb / 1P
   Low Profile Designed for PCB Connections
More results

Similar Description - L6115

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6122 STMICROELECTRONICS-L6122 Datasheet
182Kb / 9P
   100 V DMOS SWITCHES
logo
Calogic, LLC
CWB201 CALOGIC-CWB201 Datasheet
53Kb / 5P
   100MHz CMOS/DMOS Wideband Quad Analog Switch
SD5400CY-LF CALOGIC-SD5400CY-LF Datasheet
45Kb / 3P
   High-Speed DMOS Quad FET Analog Switch Arrays
SD5000 CALOGIC-SD5000 Datasheet
37Kb / 3P
   High-Speed DMOS Quad FET Analog Switch Arrays
SD5400CY CALOGIC-SD5400CY_15 Datasheet
45Kb / 3P
   High-Speed DMOS Quad FET Analog Switch Arrays
logo
Linear Integrated Syste...
SD5000 LINEAR-SD5000 Datasheet
505Kb / 3P
   QUAD N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
SD5000T LINEAR-SD5000T Datasheet
226Kb / 4P
   QUAD N-CHANNEL LATERAL DMOS JFET SWITCH TYPICAL CHARACTERISTICS
logo
Calogic, LLC
SD5300 CALOGIC-SD5300 Datasheet
35Kb / 3P
   Quad DMOS Analog Switch Driver Improved Performance Over SD5000N and SD5400CY
logo
NXP Semiconductors
MC33XS2410 NXP-MC33XS2410_V01 Datasheet
1Mb / 86P
   Quad 100 mΩ / dual 50 mΩ, 3.0 V to 60 V high-side switch
Rev. 8 - 7 July 2023
MC33XS2410 NXP-MC33XS2410 Datasheet
1Mb / 80P
   Quad 100 mΩ / dual 50 mΩ, 3.0 V to 60 V high-side switch
Rev. 7 - 31 October 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com