Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMQ-CB1 Datasheet(PDF) 3 Page - SYNERGY MICROWAVE CORPORATION

Part # SMQ-CB1
Description  90쨘 HYBRID SURFACE MOUNT 2:1 bandwidth 7 - 14 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

SMQ-CB1 Datasheet(HTML) 3 Page - SYNERGY MICROWAVE CORPORATION

  SMQ-CB1 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION SMQ-CB1 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION SMQ-CB1 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION SMQ-CB1 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
7 - 14 MHz
2:1 bandwidth
90º HYBRID
SURFACE MOUNT MODEL: SMQ-CB1
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © 2008 Synergy Microwave Corporation
data @ 25ºC
88
88.5
89
89.5
90
90.5
91
91.5
92
7
8
9
10
11
12
13
14
Frequency (MHz)
0
5
10
15
20
25
30
7
8
9
10
11
12
13
14
Frequency (MHz)
S11
S22
S33
S44


Similar Part No. - SMQ-CB1

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SMQ-C01 SYNERGY-SMQ-C01 Datasheet
376Kb / 4P
   90쨘 HYBRID
SMQ-C02 SYNERGY-SMQ-C02 Datasheet
342Kb / 4P
   90쨘 HYBRID 2:1 SURFACE MOUNT Bandwidth 40 - 80 MHz
SMQ-C03 SYNERGY-SMQ-C03 Datasheet
461Kb / 4P
   2:1 bandwidth
SMQ-C04 SYNERGY-SMQ-C04 Datasheet
472Kb / 4P
   90쨘 HYBRID
SMQ-C05 SYNERGY-SMQ-C05 Datasheet
372Kb / 4P
   90쨘 HYBRID
More results

Similar Description - SMQ-CB1

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SMQ-C09 SYNERGY-SMQ-C09 Datasheet
342Kb / 4P
   90쨘 HYBRID SURFACE MOUNT 3:1 BANDWIDTH 14 - 42 MHz
SMQ-C02 SYNERGY-SMQ-C02 Datasheet
342Kb / 4P
   90쨘 HYBRID 2:1 SURFACE MOUNT Bandwidth 40 - 80 MHz
SMQ-C12 SYNERGY-SMQ-C12 Datasheet
264Kb / 4P
   90쨘 HYBRID SURFACE MOUNT OPTIMIZED BANDWIDTH 127.72 MHz
SLQ-310 SYNERGY-SLQ-310 Datasheet
341Kb / 4P
   90쨘 HYBRID SURFACE 3:1 bandwidth 115 - 345 MHz
SMQ-C20 SYNERGY-SMQ-C20 Datasheet
344Kb / 4P
   90쨘 HYBRID SURFACE MOUNT optimized bandwidth 52 - 88 MHz
SLQ-K10 SYNERGY-SLQ-K10 Datasheet
334Kb / 4P
   90쨘 HYBRID SURFACE MOUNT optimized bandwidth 500 - 1000 MHz
DQS-3-32 SYNERGY-DQS-3-32 Datasheet
753Kb / 4P
   90쨘 HYBRID 10:1 BANDWIDTH
SLQ-67 SYNERGY-SLQ-67 Datasheet
105Kb / 2P
   90쨘 HYBRID 10% BANDWIDTH Fc=450 MHz
SQ-67 SYNERGY-SQ-67 Datasheet
109Kb / 2P
   90쨘 HYBRID 10% BANDWIDTH 427.5 - 477.5 MHz
DQS-15-150 SYNERGY-DQS-15-150 Datasheet
269Kb / 4P
   90쨘 HYBRID WIDE BANDWIDTH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com