Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLQ-K07 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # SLQ-K07
Description  QUADRATURE HYBRID OCTAVE BANDWIDTH 225 - 400 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

SLQ-K07 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  SLQ-K07 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION SLQ-K07 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail:sales@synergymwave.com•WorldWideWeb:http://www.synergymwave.com
Copyright © 2003 Synergy Microwave Corporation
OCTAVE BANDWIDTH
225 - 400 MHz
QUADRATURE HYBRID
MODEL SLQ-K07
MECHANICAL OUTLINE: 159
Operating Frequency:
225 - 400 MHz
Insertion Loss:
0.4 dB (Typ)/0.75 dB (Max)
Amplitude Unbalance:
0.6 dB (Typ)/1.2 dB (Max)
Phase Unbalance:
2º (Typ)/ 4º (Max)
Isolation:
25 dB (Typ)/17 dB (Min)
Input Power Rating:
1 Watt (Max)
Impedance:
50 Ohms
VSWR :
1.3:1 (Max)
Operating Temp. Range:
-20o to +70oC
SPECIFICATIONS
PIN-OUT
Input
6
+90º Output
1
0º Output
2
Isolated*
5
Ground**
3,4
*Terminate Isolated port in
50 Ohms
** Ground Externally


Similar Part No. - SLQ-K07

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SLQ-K01LF SYNERGY-SLQ-K01LF Datasheet
411Kb / 4P
   90쨘 HYBRID
SLQ-K02 SYNERGY-SLQ-K02 Datasheet
82Kb / 2P
   QUADRATURE HYBRID OCTAVE BANDWIDTH 40 - 80 MHz
SLQ-K04 SYNERGY-SLQ-K04 Datasheet
63Kb / 2P
   QUADRATURE HYBRID OCTAVE BANDWIDTH 100 - 200 MHz
More results

Similar Description - SLQ-K07

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SLQ-KH1 SYNERGY-SLQ-KH1 Datasheet
59Kb / 2P
   QUADRATURE HYBRID OCTAVE BANDWIDTH 30 - 60 MHz
SLQ-K04 SYNERGY-SLQ-K04 Datasheet
63Kb / 2P
   QUADRATURE HYBRID OCTAVE BANDWIDTH 100 - 200 MHz
SLQ-K02 SYNERGY-SLQ-K02 Datasheet
82Kb / 2P
   QUADRATURE HYBRID OCTAVE BANDWIDTH 40 - 80 MHz
logo
API Technologies Corp
DC754 APITECH-DC754 Datasheet
162Kb / 2P
   QUADRATURE HYBRID OCTAVE BAND, 3dB
DC753E APITECH-DC753E Datasheet
162Kb / 2P
   QUADRATURE HYBRID OCTAVE BAND, 3dB
DC751 APITECH-DC751 Datasheet
162Kb / 2P
   QUADRATURE HYBRID OCTAVE BAND, 3dB
DC753 APITECH-DC753 Datasheet
162Kb / 2P
   QUADRATURE HYBRID OCTAVE BAND, 3dB
2375-5 APITECH-2375-5 Datasheet
187Kb / 2P
   QUADRATURE HYBRID MULTI-OCTAVE BAND
DC752E APITECH-DC752E Datasheet
162Kb / 2P
   QUADRATURE HYBRID OCTAVE BAND, 3dB
2375-4 APITECH-2375-4 Datasheet
182Kb / 2P
   QUADRATURE HYBRID MULTI-OCTAVE BAND
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com