Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRO935SA Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # CRO935SA
Description  VOLTAGE CONTROLLED OSCILLATORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

CRO935SA Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  CRO935SA Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ 29 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
VOLTAGE CONTROLLED
OSCILLATORS
VOLTAGE CONTROLLED
OSCILLATORS
617 - 627
1 - 5
+4.5
<40
0
+1.5
2 - 4
-112/-132
10
1
15
CRO617SA
681 - 716
1 - 8
+8
<40
+11
+1.5
5 - 7
-115/-135
10
1
5
CRO-S-698
700 - 730
1 - 8
+9
<26
0
+2.5
3.5 - 5.5
-112/-132
10
1
15
CRO700SA
702 - 738
1 - 8
+8
<40
+11
+1.5
5 - 7
-110/-130
10
1
5
CRO702SA
727 - 768
1 - 8
+9
<20
0
+2.5
6 - 9
-108/-128
10
1
5
CRO-S-747
750 - 850
1 - 24
+12
<40
+10
+2.5
4 - 6
-105/-130
10
5
15
CRO750SA
869 - 894
1.5 - 5
+12
<40
+6.5
+2.5
7 - 10
-110/-130
10
1
5
CRO869SA
889 - 970
1 - 11
+12
<35
+5
+2
8 - 30
-115/-135
10
1
15
CRO889SA
902 - 928
1 - 4
+5
<40
0
+2.5
8 - 14
-105/-130
10
1
5
CRO-S-915
917 - 950
1.5 - 5
+12
<40
0
+2.5
11 - 18
-105/-125
10
1
15
CRO917SA
923 - 962
1.5 - 6.5
+8
<25
+3
+3
8 - 14
-100/-130
15
5
15
CRO923SA
935 - 960
1.5 - 5
+12
<40
0
+2.5
8 - 14
-105/-130
10
1
15
CRO935SA
960 - 990
1 - 8
+5
<40
0
+2.5
4 - 6
-105/-130
10
2
5
CRO-S-975
1020 - 1070 1 - 10
+8
<40
+4
+2.5
5.5 - 8.0
-105/-125
10
2
5
CRO-S-A03
1020 - 1040
1 - 8
+12
<40
+8
+2.5
4 - 6
-105/-132
10
1
15
CRO-S-1030
1030 - 1050
1 - 4
+12
<35
+12
+1.5
7 - 10
-95/-130
10
1
15
CRO-S-1040
1055 - 1125
1 - 10
+12
<40
+10
+2
7 - 10
-105/-130
10
1
15
CRO1055SA
1079 - 1114
1 - 8
+8
<40
+5
+3
6 - 10
-115/-135
15
5
15
CRO1079SA
1160 - 1180
1 - 8
+12
<35
+7
+2
7 - 9
-100/-130
15
2
5
CRO1170SA
1175 - 1245
1 - 10
+12
<40
+13
+2
7 - 10
-115/-138
10
1
15
CRO1175SA
1315 - 1335
1 - 8
+5
<18
0
+2
4 - 6
-100/-130
10
1
15
CRO-S-1325
1511 - 1586
1 - 9
+8
<40
+4
+2
10 - 18
-106/-131
10
1
1
CRO-S-1548
1594 - 1669
1 - 8
+8
<25
+3
+3
11 - 17
-105/-125
15
5
15
CRO1594SA
1600 - 1630
1 - 4
+6
<40
0
+2.5
20 - 30
-100/-125
10
1
5
CRO-S-A05
1710 - 1770
2 - 10
+15
<40
+6
+3
8 - 12
-105/-130
10
1
15
CRO1710SA
1778 - 1842 0.5 - 4.5
+12
<40
+2
+2.5
18 - 25
-102/-128
10
1
5
CRO1778SA
1785 - 1842 2 - 10
+12
<40
+6
+3
8 - 12
-105/-130
10
1
15
CRO-S-A06
1855 - 1910
2 - 10
+12
<40
+6
+3
8 - 12
-105/-130
10
1
15
CRO1855SA
1890 - 1950
1 - 10
+8
<40
+10
+2.5
7 - 14
-105/-125
10
1
5
CRO-S-1920
CERAMIC COAXIAL RESONATOR
SURFACE-MOUNT PACKAGE
124S
PIN-OUT TABLE
1
4
16
ALL OTHERS
RF OUT
Vcc
Vtune
CASE GND
COMMON SPECIFICATIONS
• Output Impedance: 50 ohms
• Operating Temperature:-20oC to +70oC
• VSWR: 1.5:1 (Typ)
• Contact the factory for more stringent operating temperature range
FREQUENCY
RANGE
(MHz)
NOMINAL
TUNING
VOLTAGE
(Volts)
DC BIAS
REQUIREMENTS
VOLTAGE CURRENT
(Volts)
(mA)
OUTPUT
POWER
Tolerance
dBm
(dB)
AVERAGE
TUNING
SENSITIVITY
MHz/Volt
TYPICAL
PHASE NOISE
dBc/Hz
Offset at
10 KHz/100 KHz
TYPICAL
HARMONIC
SUPPRESSION
(dBc)
MODEL
PULLING
(@ 1.75:1 VSWR)
MHz
(Typ)
PUSHING
(MHz/Volt)
(Typ)


Similar Part No. - CRO935SA

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
CRO0410A-LF ZCOMM-CRO0410A-LF Datasheet
93Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
CRO0410A-LF ZCOMM-CRO0410A-LF Datasheet
111Kb / 2P
   Voltage-Controlled Oscillator
CRO0410A-LF ZCOMM-CRO0410A-LF_10 Datasheet
93Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
CRO0419A-LF ZCOMM-CRO0419A-LF Datasheet
111Kb / 2P
   Voltage-Controlled Oscillator
CRO0462A-LF ZCOMM-CRO0462A-LF Datasheet
114Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
More results

Similar Description - CRO935SA

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
K-POS-2 MINI-K-POS-2 Datasheet
242Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
Texas Instruments
SN54LS624 TI1-SN54LS624_14 Datasheet
953Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
SN54LS624 TI-SN54LS624 Datasheet
398Kb / 10P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
logo
SYNERGY MICROWAVE CORPO...
CFO284SA SYNERGY-CFO284SA Datasheet
337Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
Texas Instruments
SN74LS624NSR TI-SN74LS624NSR Datasheet
726Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
SN74LS628DR TI-SN74LS628DR Datasheet
726Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
logo
SYNERGY MICROWAVE CORPO...
VCO-S-A12 SYNERGY-VCO-S-A12 Datasheet
158Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
VCSO-0C12 SYNERGY-VCSO-0C12 Datasheet
515Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
VFC180SA SYNERGY-VFC180SA Datasheet
162Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
Mini-Circuits
K-JTOS-3 MINI-K-JTOS-3 Datasheet
249Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com