Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28372OXCT Datasheet(PDF) 8 Page - SpectraLinear Inc

Part # CY28372OXCT
Description  SiS 746 AMD Athlon??AMD Duron??Clock Synthesizer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28372OXCT Datasheet(HTML) 8 Page - SpectraLinear Inc

Back Button CY28372OXCT Datasheet HTML 4Page - SpectraLinear Inc CY28372OXCT Datasheet HTML 5Page - SpectraLinear Inc CY28372OXCT Datasheet HTML 6Page - SpectraLinear Inc CY28372OXCT Datasheet HTML 7Page - SpectraLinear Inc CY28372OXCT Datasheet HTML 8Page - SpectraLinear Inc CY28372OXCT Datasheet HTML 9Page - SpectraLinear Inc CY28372OXCT Datasheet HTML 10Page - SpectraLinear Inc CY28372OXCT Datasheet HTML 11Page - SpectraLinear Inc CY28372OXCT Datasheet HTML 12Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
CY28372
Rev 1.0, November 20, 2006
Page 8 of 17
Byte 12
Bit
@Pup
Name
Description
Bit 7
0
REF_2
REF_2 Output Control (default: off)
Bit 6
0
Reserved
Reserved
Bit 5
0
Reserved
Reserved
Bit 4
0
DARAG2
Dial-a-Ratio
AGP[0:1].
Programming these bits allow modifying the frequency ratio of the
AGP(1:0), PCI(5:0) and PCIF(0:1) clocks relative to the VCO. (the ratio
of AGP to PCI is retained at 2:1)
DARAG[2:0]
VC0/AGP Ratio
000
- (Frequency Selection Default)
001
6
010
8
011
9
100
10
101
12
110
12
111
12
Bit 3
0
DARAG1
Bit 2
0
DARAG0
Bit 1
0
Fixed_PCI_SEL
PCI output frequency select mode
(valid only when Fixed_3V66_SEL = 1)
0 = Use Frequency Selection Table settings
1 = Use Fractional Aligner settings (default)
Bit 0
0
Fixed_3V66_SEL
3V66 and PCI output frequency select mode
0 = Use Frequency Selection Table settings (default)
1 = Use Fractional Aligner settings
Byte 13
Bit
@Pup
Name
Description
Bit 7
0
Reserved
Reserved
Bit 6
0
N6 (MSB)
Dial-a-Frequency® Control Register N. These bits are for programming
the PLL’s internal N register. This access allows the user to modify the
CPU frequency with great accuracy. All other synchronous clocks (clocks
that are generated from the same PLL, such as PCI, remain at their
existing ratios relative to the CPU clock. (should be written together with
Control Register R)
Bit 5
0
N5
Bit 4
0
N4
Bit 3
0
N3
Bit 2
0
N2
Bit 1
0
N1
Bit 0
0
N0 (LSB)
Byte 14
Bit
@Pup
Name
Pin Description
Bit 7
0
Reserved
Reserved
Bit 6
0
R5 (MSB)
Dial-a-Frequency Control Register R
These bits are for programming the PLL’s internal R register. This access
allows the user to modify the CPU frequency with great accuracy. All other
synchronous clocks (clocks that are generated from the same PLL, such
as PCI, remain at their existing ratios relative to the CPU clock.
(should be written together with Control Register N)
Bit 5
0
R4
Bit 4
0
R3
Bit 3
0
R2
Bit 2
0
R1
Bit 1
0
R0 (LSB)
Bit 0
0
R & N Select
R and N register mux selection.
0 = R and N values come from the ROM.
1 = data is loaded from the DAF registers into R and N.


Similar Part No. - CY28372OXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28372OXCT CYPRESS-CY28372OXCT Datasheet
283Kb / 18P
   SiS 746 AMD Athlon/AMD Duron Clock Synthesizer
More results

Similar Description - CY28372OXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28372 CYPRESS-CY28372 Datasheet
283Kb / 18P
   SiS 746 AMD Athlon/AMD Duron Clock Synthesizer
logo
Fairchild Semiconductor
FAN5240 FAIRCHILD-FAN5240_06 Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676_05 Datasheet
323Kb / 16P
   Mobile AMD Athlon??VRM Controller
logo
Fairchild Semiconductor
FAN5240 FAIRCHILD-FAN5240 Datasheet
447Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon TM and Duron TM
logo
California Micro Device...
CMBUS100 CALMIRCO-CMBUS100 Datasheet
173Kb / 6P
   AMD ATHLON VID/FID INTERFACE
logo
List of Unclassifed Man...
VT8363A ETC2-VT8363A Datasheet
681Kb / 54P
   KT133A AMD ATHLON??NORTH BRIDGE
logo
International Rectifier
IR3082 IRF-IR3082 Datasheet
444Kb / 33P
   XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
logo
AAEON Technology
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
   Embedded Motherboard with AMD Athlon 64/ Athlon 64 x2 (AM2 Socket) Processor
logo
Integrated Circuit Syst...
MK149106 ICST-MK149106 Datasheet
215Kb / 10P
   AMD Geode??Clock Source
logo
AAEON Technology
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
   Embedded Motherboard with AMD Athlon??64/ Athlon??64 x2 (AM2 Socket) Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com