Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28349OC Datasheet(PDF) 4 Page - SpectraLinear Inc

Part # CY28349OC
Description  FTG for Intel짰 Pentium짰 4 CPU and Chipsets
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28349OC Datasheet(HTML) 4 Page - SpectraLinear Inc

  CY28349OC Datasheet HTML 1Page - SpectraLinear Inc CY28349OC Datasheet HTML 2Page - SpectraLinear Inc CY28349OC Datasheet HTML 3Page - SpectraLinear Inc CY28349OC Datasheet HTML 4Page - SpectraLinear Inc CY28349OC Datasheet HTML 5Page - SpectraLinear Inc CY28349OC Datasheet HTML 6Page - SpectraLinear Inc CY28349OC Datasheet HTML 7Page - SpectraLinear Inc CY28349OC Datasheet HTML 8Page - SpectraLinear Inc CY28349OC Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
CY28349
Rev 1.0, November 24, 2006
Page 4 of 20
Swing Select Functions
MULTSEL1
MULTSEL0
Board Target
Trace/Term Z
Reference R, IREF =
VDD/(3*Rr)
Output
Current
VOH @ Z
00
50
Rr = 221 1%,
IREF = 5.00 mA
IOH = 4*Iref
1.0V @ 50
00
60
Rr = 221 1%,
IREF = 5.00 mA
IOH = 4*Iref
1.2V @ 60
01
50
Rr = 221 1%,
IREF = 5.00 mA
IOH = 5*Iref
1.25V @ 50
01
60
Rr = 221 1%,
IREF = 5.00 mA
IOH = 5*Iref
1.5V @ 60
10
50
Rr = 221 1%,
IREF = 5.00 mA
IOH = 6*Iref
1.5V @ 50
10
60
Rr = 221 1%,
IREF = 5.00 mA
IOH = 6*Iref
1.8V @ 60
11
50
Rr = 221 1%,
IREF = 5.00 mA
IOH = 7*Iref
1.75V @ 50
11
60
Rr = 221 1%,
IREF = 5.00 mA
IOH = 7*Iref
2.1V @ 60
00
50
Rr = 475 1%,
IREF = 2.32 mA
IOH = 4*Iref
0.47V @ 50
00
60
Rr = 475 1%,
IREF = 2.32 mA
IOH = 4*Iref
0.56V @ 60
01
50
Rr = 475 1%,
IREF = 2.32 mA
IOH = 5*Iref
0.58V @ 50
01
60
Rr = 475 1%,
IREF = 2.32 mA
IOH = 5*Iref
0.7V @ 60
10
50
Rr = 475 1%,
IREF = 2.32 mA
IOH = 6*Iref
0.7V @ 50
10
60
Rr = 475 1%,
IREF = 2.32 mA
IOH = 6*Iref
0.84V @ 60
11
50
Rr = 475 1%,
IREF = 2.32 mA
IOH = 7*Iref
0.81V @ 50
11
60
Rr = 475 1%,
IREF = 2.32 mA
IOH = 7*Iref
0.97V @ 60


Similar Part No. - CY28349OC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28349B CYPRESS-CY28349B Datasheet
174Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28349B SPECTRALINEAR-CY28349B Datasheet
221Kb / 20P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
Cypress Semiconductor
CY28349BOC CYPRESS-CY28349BOC Datasheet
174Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28349BOC SPECTRALINEAR-CY28349BOC Datasheet
221Kb / 20P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
Cypress Semiconductor
CY28349BOC CYPRESS-CY28349BOC Datasheet
494Kb / 21P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
More results

Similar Description - CY28349OC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28349B CYPRESS-CY28349B_05 Datasheet
494Kb / 21P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
CY28323 CYPRESS-CY28323 Datasheet
180Kb / 22P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28349B SPECTRALINEAR-CY28349B Datasheet
221Kb / 20P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
Cypress Semiconductor
CY28324 CYPRESS-CY28324_02 Datasheet
191Kb / 23P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28323PVC SPECTRALINEAR-CY28323PVC Datasheet
235Kb / 21P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
CY28324 SPECTRALINEAR-CY28324 Datasheet
207Kb / 21P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
Cypress Semiconductor
CY28323B CYPRESS-CY28323B Datasheet
299Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28344 SPECTRALINEAR-CY28344 Datasheet
217Kb / 21P
   FTG for Intel Pentium 4 CPU and Chipsets
logo
Cypress Semiconductor
CY28324 CYPRESS-CY28324 Datasheet
184Kb / 23P
   FTG for Intel Pentium 4 CPU and Chipsets
CY28349B CYPRESS-CY28349B Datasheet
174Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com