Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28349OC Datasheet(PDF) 11 Page - SpectraLinear Inc

Part # CY28349OC
Description  FTG for Intel짰 Pentium짰 4 CPU and Chipsets
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28349OC Datasheet(HTML) 11 Page - SpectraLinear Inc

Back Button CY28349OC Datasheet HTML 7Page - SpectraLinear Inc CY28349OC Datasheet HTML 8Page - SpectraLinear Inc CY28349OC Datasheet HTML 9Page - SpectraLinear Inc CY28349OC Datasheet HTML 10Page - SpectraLinear Inc CY28349OC Datasheet HTML 11Page - SpectraLinear Inc CY28349OC Datasheet HTML 12Page - SpectraLinear Inc CY28349OC Datasheet HTML 13Page - SpectraLinear Inc CY28349OC Datasheet HTML 14Page - SpectraLinear Inc CY28349OC Datasheet HTML 15Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
CY28349
Rev 1.0, November 24, 2006
Page 11 of 20
Bit 6
--
ROCV_FREQ_M6
If ROCV_FREQ_SEL is set, the values programmed in
ROCV_FREQ_N[7:0] and ROCV_FREQ_M[6:0] will be
used to determine the recovery CPU output
frequency.when a Watchdog Timer time-out occurs.
The setting of FS_Override bit determines the frequency
ratio for CPU and other output clocks. When FS_Override
bit is cleared, the same frequency ratio stated in the
Latched FS[4:0] register will be used. When it is set, the
frequency ratio stated in the SEL[4:0] register will be used.
0
Bit 5
--
ROCV_FREQ_M5
0
Bit 4
--
ROCV_FREQ_M4
0
Bit 3
--
ROCV_FREQ_M3
0
Bit 2
--
ROCV_FREQ_M2
0
Bit 1
--
ROCV_FREQ_M1
0
Bit 0
--
ROCV_FREQ_M0
0
Data Byte 12 (continued)
Bit
Pin#
Name
Pin Description
Power On
Default
Data Byte 13
Bit
Pin#
Name
Pin Description
Power On
Default
Bit 7
--
CPU_FSEL_N7
If Prog_Freq_EN is set, the values programmed in
CPU_FSEL_N[7:0] and CPU_FSEL_M[6:0] will be used to
determine the CPU output frequency. The new frequency
will start to load whenever CPU_FSELM[6:0] is updated.
The setting of FS_Override bit determines the frequency
ratio for CPU and other output clocks. When it is cleared,
the same frequency ratio stated in the Latched FS[4:0]
register will be used. When it is set, the frequency ratio
stated in the SEL[4:0] register will be used.
0
Bit 6
--
CPU_FSEL_N6
0
Bit 5
--
CPU_FSEL_N5
0
Bit 4
--
CPU_FSEL_N4
0
Bit 3
--
CPU_FSEL_N3
0
Bit 2
--
CPU_FSEL_N2
0
Bit 1
--
CPU_FSEL_N1
0
Bit 0
--
CPU_FSEL_N0
0
Data Byte 14
Bit
Pin#
Name
Pin Description
Power On
Default
Bit 7
--
Pro_Freq_EN
Programmable output frequencies enabled
0 = Disabled
1 = Enabled
0
Bit 6
--
CPU_FSEL_M6
If Prog_Freq_EN is set, the values programmed in
CPU_FSEL_N[7:0] and CPU_FSEL_M[6:0] will be used to
determine the CPU output frequency. The new frequency
will start to load whenever CPU_FSELM[6:0] is updated.
The setting of FS_Override bit determines the frequency
ratio for CPU and other output clocks. When it is cleared,
the same frequency ratio stated in the Latched FS[4:0]
register will be used. When it is set, the frequency ratio
stated in the SEL[4:0] register will be used.
0
Bit 5
--
CPU_FSEL_M5
0
Bit 4
--
CPU_FSEL_M4
0
Bit 3
--
CPU_FSEL_M3
0
Bit 2
--
CPU_FSEL_M2
0
Bit 1
--
CPU_FSEL_M1
0
Bit 0
--
CPU_FSEL_M0
0
Data Byte 15
Bit
Pin#
Name
Pin Description
Power On
Default
Bit 7
--
Reserved
Reserved
0
Bit 6
--
Reserved
Reserved
0
Bit 5
--
Reserved
Reserved
0
Bit 4
--
Reserved
Reserved
0
Bit 3
--
Reserved
Reserved
0
Bit 2
--
Reserved
Reserved
0
Bit 1
--
Vendor Test Mode
Reserved. Write with “1”
1
Bit 0
--
Vendor Test Mode
Reserved. Write with “1”
1


Similar Part No. - CY28349OC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28349B CYPRESS-CY28349B Datasheet
174Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28349B SPECTRALINEAR-CY28349B Datasheet
221Kb / 20P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
Cypress Semiconductor
CY28349BOC CYPRESS-CY28349BOC Datasheet
174Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28349BOC SPECTRALINEAR-CY28349BOC Datasheet
221Kb / 20P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
Cypress Semiconductor
CY28349BOC CYPRESS-CY28349BOC Datasheet
494Kb / 21P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
More results

Similar Description - CY28349OC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28349B CYPRESS-CY28349B_05 Datasheet
494Kb / 21P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
CY28323 CYPRESS-CY28323 Datasheet
180Kb / 22P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28349B SPECTRALINEAR-CY28349B Datasheet
221Kb / 20P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
Cypress Semiconductor
CY28324 CYPRESS-CY28324_02 Datasheet
191Kb / 23P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28323PVC SPECTRALINEAR-CY28323PVC Datasheet
235Kb / 21P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
CY28324 SPECTRALINEAR-CY28324 Datasheet
207Kb / 21P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
logo
Cypress Semiconductor
CY28323B CYPRESS-CY28323B Datasheet
299Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28344 SPECTRALINEAR-CY28344 Datasheet
217Kb / 21P
   FTG for Intel Pentium 4 CPU and Chipsets
logo
Cypress Semiconductor
CY28324 CYPRESS-CY28324 Datasheet
184Kb / 23P
   FTG for Intel Pentium 4 CPU and Chipsets
CY28349B CYPRESS-CY28349B Datasheet
174Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com