Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28346ZC-2T Datasheet(PDF) 7 Page - SpectraLinear Inc

Part # CY28346ZC-2T
Description  Clock Synthesizer with Differential CPU Outputs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28346ZC-2T Datasheet(HTML) 7 Page - SpectraLinear Inc

Back Button CY28346ZC-2T Datasheet HTML 3Page - SpectraLinear Inc CY28346ZC-2T Datasheet HTML 4Page - SpectraLinear Inc CY28346ZC-2T Datasheet HTML 5Page - SpectraLinear Inc CY28346ZC-2T Datasheet HTML 6Page - SpectraLinear Inc CY28346ZC-2T Datasheet HTML 7Page - SpectraLinear Inc CY28346ZC-2T Datasheet HTML 8Page - SpectraLinear Inc CY28346ZC-2T Datasheet HTML 9Page - SpectraLinear Inc CY28346ZC-2T Datasheet HTML 10Page - SpectraLinear Inc CY28346ZC-2T Datasheet HTML 11Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
CY28346-2
Rev 1.0, November 20, 2006
Page 7 of 19
Special Functions
PCIF and IOAPIC Clock Outputs
The PCIF clock outputs are intended to be used, if required,
for systems IOAPIC clock functionality. ANY two of the PCIF
clock outputs can be used as IOAPIC 33-MHz clock outputs.
They are 3.3V outputs will be divided down via a simple
resistive voltage divider to meet specific system IOAPIC clock
voltage requirements. In the event these clocks are not
required, then these clocks can be used as general PCI clocks
or disabled via the assertion of the PCI_STP# pin.
3V66_1/VCH Clock Output
The 3V66_1/VCH pin has a dual functionality that is selectable
via SMBus.
Configured as DRCG (66M), SMBus Byte0, Bit 5 = ‘0’
The default condition for this pin is to power up in a 66M
operation. In 66M operation this output is SSCG capable and
when spreading is turned on, this clock will be modulated.
Configured as VCH (48M), SMBus Byte0, Bit 5 = ‘1’
In this mode, the output is configured as a 48-MHz non-spread
spectrum output. This output is phase aligned with the other
48M outputs (USB and DOT), to within 1 ns pin-to-pin skew.
The switching of 3V66_1/VCH into VCH mode occurs at
system power on. When the SMBus Bit 5 of Byte 0 is
programmed from a ‘0’ to a ‘1’, the 3V66_1/VCH output may
glitch while transitioning to 48M output mode.
PD# (Power-down) Clarification
The PD# (Power-down) pin is used to shut off ALL clocks prior
to shutting off power to the device. PD# is an asynchronous
active LOW input. This signal is synchronized internally to the
device powering down the clock synthesizer. PD# is an
asynchronous function for powering up the system. When PD#
is low, all clocks are driven to a LOW value and held there and
the VCO and PLLs are also powered down. All clocks are shut
down in a synchronous manner so has not to cause glitches
while transitioning to the low ‘stopped’ state.
PD#—Assertion
When PD# is sampled LOW by two consecutive rising edges
of the CPUC clock, then on the next HIGH-to-LOW transition
of PCIF, the PCIF clock is stopped LOW. On the next
HIGH-to-LOW transition of 66Buff, the 66Buff clock is stopped
LOW. From this time, each clock will stop LOW on its next
HIGH-to-LOW transition, except the CPUT clock. The CPU
clocks are held with the CPUT clock pin driven HIGH with a
value of 2 x Iref, and CPUC undriven. After the last clock has
stopped, the rest of the generator will be shut down.
Table 4. Spread Spectrum
SS2
SS1
SS0
Spread Mode
Spread%
0
0
0
Down
+0.00, –0.25
0
0
1
Down
+0.00, –0.50
0
1
0
Down
+0.00, –0.75
0
1
1
Down
+0.00, –1.00
1
0
0
Center
+0.13, –0.13
1
0
1
Center
+0.25, –0.25
1
1
0
Center
+0.37, –0.37
1
1
1
Center
+0.50, –1.50
66Buff
PCIF
PW RDW N#
CPU 133MHz
CPU# 133MHz
3V66
66In
REF 14.318MHz
USB 48MHz
Figure 1. Power-down Assertion Timing Waveforms—Buffered Mode


Similar Part No. - CY28346ZC-2T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28346ZC-2T CYPRESS-CY28346ZC-2T Datasheet
160Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28346ZC-2T CYPRESS-CY28346ZC-2T Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346ZC-2T SILABS-CY28346ZC-2T Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
More results

Similar Description - CY28346ZC-2T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28408 SPECTRALINEAR-CY28408 Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2_05 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28408 CYPRESS-CY28408 Datasheet
212Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346 CYPRESS-CY28346 Datasheet
179Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346 SPECTRALINEAR-CY28346 Datasheet
220Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346 SILABS-CY28346 Datasheet
200Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2 Datasheet
160Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28346 CYPRESS-CY28346_05 Datasheet
274Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28405-2 SPECTRALINEAR-CY28405-2 Datasheet
497Kb / 48P
   Clock Synthesizer with Differential SRC and CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com