Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28341-3 Datasheet(PDF) 9 Page - SpectraLinear Inc

Part # CY28341-3
Description  Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28341-3 Datasheet(HTML) 9 Page - SpectraLinear Inc

Back Button CY28341-3 Datasheet HTML 5Page - SpectraLinear Inc CY28341-3 Datasheet HTML 6Page - SpectraLinear Inc CY28341-3 Datasheet HTML 7Page - SpectraLinear Inc CY28341-3 Datasheet HTML 8Page - SpectraLinear Inc CY28341-3 Datasheet HTML 9Page - SpectraLinear Inc CY28341-3 Datasheet HTML 10Page - SpectraLinear Inc CY28341-3 Datasheet HTML 11Page - SpectraLinear Inc CY28341-3 Datasheet HTML 12Page - SpectraLinear Inc CY28341-3 Datasheet HTML 13Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
CY28341-3
Rev 1.0, November 21, 2006
Page 9 of 19
Watchdog Self-Recovery Sequence
This feature is designed to allow the system designer to
change frequency while the system is running and reboot the
operation of the system in case of a hang-up due to the
frequency change.
When the system sends an SMBus command requesting a
frequency change through the Dial-a-Frequency Control
Registers, it must have previously sent a command to the
Watchdog timer to select which time-out stamp the Watchdog
must perform, otherwise the System Self-Recovery feature will
not be applicable. Consequently, this device will change
frequency and then the Watchdog timer starts timing.
Meanwhile, the system BIOS is running its operation with the
new frequency. If this device receives a new SMBus command
to clear the bits originally programmed in the Watchdog timer
bits (reprogram to 0000) before the Watchdog times out, then
this device will keep operating in its normal condition with the
new selected frequency.
The Watchdog timer will also be triggered if you program the
software frequency select bits (FSEL) to a new frequency
selection. If the Watchdog times out before the new SMBus
reprograms the Watchdog timer bits to (0000), then this device
send a low system reset pulse, on SRESET# and changes
Watchdog time-out bit to “1”.
Swing Select Functions Through Hardware
MULTSEL
Board Target
Trace/Term Z
Reference R,
IREF = VDD/(3*Rr)
Output Current
VOH@Z
1
50 Ohm
Rr = 475 1%,
IREF = 2.32mA
IOH = 6* Iref
0.7V@50
R E SET W AT CHD O G TIM E R
Set W D T i mer Bi ts = 0
C l ear W D A l ar m bi t = 0
IN IT IAL IZ E W AT CHDO G TIM E R
S et F r eq uenc y R ever t B i t
Set W D T i mer Bi ts
CHANG E F R E Q BY
S E T S O FTW AR E F SEL
S et S W F r eq _S el bi ts
S et F S over r i de bi t
CH AN G E F R E Q B Y
SET DIAL - A- R AT IO
S el ec t a di ffer ent di vi der r ati o
CHANG E F R E Q BY S E T D IAL - A-
FR E Q U E N C Y
Load M and N R eg i s ter s
Set Pr o_F r eq _EN = 1
W AT CHDO G TIM E R
PR O G R AM M IN G
CL E AR W D TIM E R
Set W D Al ar m = 1
CO UNT DO W N W D TIM E R
S end 3m s R es et P ul s e
NO
WD T im er = 0
Frequency R ev ert B it = 0
S et F r eq uenc y to
F S _H W _Latc hed
Freq uency R ev ert B it = 1
S et F r eq uenc y to
F S _S W S etti ng
S R E S E T # = 0 f o r 3 m sec
Reset & Revert
Frequency back
Figure 1. Watchdog Self Recovery Sequence Flowchart


Similar Part No. - CY28341-3

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28341-3 CYPRESS-CY28341-3 Datasheet
349Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
More results

Similar Description - CY28341-3

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28341-3 CYPRESS-CY28341-3 Datasheet
349Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
CY28341-2 CYPRESS-CY28341-2_05 Datasheet
320Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
SpectraLinear Inc
CY28341-2 SPECTRALINEAR-CY28341-2 Datasheet
228Kb / 18P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
Cypress Semiconductor
CY28341-2 CYPRESS-CY28341-2 Datasheet
174Kb / 19P
   Universal Clock Chip for VIA P4M/KT/KM400 DDR Systems
logo
SpectraLinear Inc
CY28341 SPECTRALINEAR-CY28341 Datasheet
264Kb / 19P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 SPECTRALINEAR-CY28347 Datasheet
230Kb / 21P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
logo
Cypress Semiconductor
CY28341 CYPRESS-CY28341 Datasheet
189Kb / 21P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 CYPRESS-CY28347 Datasheet
188Kb / 22P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
logo
Winbond
W83195BR-341 WINBOND-W83195BR-341_06 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83195BR-341 WINBOND-W83195BR-341 Datasheet
325Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com