Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28317ZC-2 Datasheet(PDF) 3 Page - SpectraLinear Inc

Part # CY28317ZC-2
Description  FTG for Mobile VIA??PL133T and PLE133T Chipsets
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28317ZC-2 Datasheet(HTML) 3 Page - SpectraLinear Inc

  CY28317ZC-2 Datasheet HTML 1Page - SpectraLinear Inc CY28317ZC-2 Datasheet HTML 2Page - SpectraLinear Inc CY28317ZC-2 Datasheet HTML 3Page - SpectraLinear Inc CY28317ZC-2 Datasheet HTML 4Page - SpectraLinear Inc CY28317ZC-2 Datasheet HTML 5Page - SpectraLinear Inc CY28317ZC-2 Datasheet HTML 6Page - SpectraLinear Inc CY28317ZC-2 Datasheet HTML 7Page - SpectraLinear Inc CY28317ZC-2 Datasheet HTML 8Page - SpectraLinear Inc CY28317ZC-2 Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CY28317-2
Rev 1.0, November 25, 2006
Page 3 of 20
VDD_REF,
VDD_PCI,
VDD_SDRAM,
VDD_48MHz
VDD_CPU_3.3
5, 9, 28, 29,
35, 45
P
Power Connection: Power supply for core logic, PLL circuitry, SDRAM outputs,
PCI outputs, reference outputs, 48-MHz output, and 24_48-MHz output.
Connect to 3.3V supply.
VDD_CPU_2.5
46
P
Power Connection: Power supply for CPU outputs. Connect to 2.5V supply.
GND_REF,
GND_PCI,
GND_SDRAM,
GND_48MHz,
GND_CPU
1, 6, 12, 23,
32, 38, 42
G
Ground Connections: Connect all ground pins to the common system ground
plane.
Pin Definitions (continued)
Pin Name
Pin No.
Pin Type
Pin Description
Table 1. Swing Select Functions
Mult0
Board Target
Trace/Term Z
Reference R, IREF=
VDD/(3*Rr)
Output Current
VOH @ Z
060
Rr = 221 1%
IREF = 5.00 mA
IOH = 4*IREF
1.0V @ 50
150
Rr = 475 1%
IREF = 2.32 mA
IOH = 6*IREF
0.7V @ 50


Similar Part No. - CY28317ZC-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28317ZC-2 CYPRESS-CY28317ZC-2 Datasheet
172Kb / 21P
   FTG for Mobile VIA PL133T and PLE133T Chipsets
logo
Silicon Laboratories
CY28317ZC-2 SILABS-CY28317ZC-2 Datasheet
216Kb / 20P
   FTG for Mobile VIA??PL133T and PLE133T Chipsets
logo
Cypress Semiconductor
CY28317ZC-2T CYPRESS-CY28317ZC-2T Datasheet
172Kb / 21P
   FTG for Mobile VIA PL133T and PLE133T Chipsets
logo
Silicon Laboratories
CY28317ZC-2T SILABS-CY28317ZC-2T Datasheet
216Kb / 20P
   FTG for Mobile VIA??PL133T and PLE133T Chipsets
More results

Similar Description - CY28317ZC-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28317-2 CYPRESS-CY28317-2 Datasheet
172Kb / 21P
   FTG for Mobile VIA PL133T and PLE133T Chipsets
logo
Silicon Laboratories
CY28317-2 SILABS-CY28317-2 Datasheet
216Kb / 20P
   FTG for Mobile VIA??PL133T and PLE133T Chipsets
logo
Cypress Semiconductor
CY28316 CYPRESS-CY28316 Datasheet
170Kb / 20P
   FTG for VIA PL133T and PLE133T
CY28316 CYPRESS-CY28316_02 Datasheet
158Kb / 18P
   FTG for VIA PL133T and PLE133T
logo
SpectraLinear Inc
CY28316 SPECTRALINEAR-CY28316 Datasheet
207Kb / 17P
   FTG for VIA PL133T and PLE133T
logo
Cypress Semiconductor
CY28325-3 CYPRESS-CY28325-3 Datasheet
266Kb / 19P
   FTG for VIA Pentium 4 Chipsets
logo
SpectraLinear Inc
CY28325-3 SPECTRALINEAR-CY28325-3 Datasheet
206Kb / 18P
   FTG for VIA??Pentium 4??Chipsets
logo
Cypress Semiconductor
CY28325-2 CYPRESS-CY28325-2 Datasheet
343Kb / 19P
   FTG for VIA Pentium 4 Chipsets
CY28349B CYPRESS-CY28349B_05 Datasheet
494Kb / 21P
   FTG for Intel짰 Pentium짰 4 CPU and Chipsets
CY28323B CYPRESS-CY28323B Datasheet
299Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com