Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC08351CIMTC Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08351CIMTC
Description  8-Bit, 42 MSPS, 40 mW A/D Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08351CIMTC Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC08351CIMTC Datasheet HTML 1Page - National Semiconductor (TI) ADC08351CIMTC Datasheet HTML 2Page - National Semiconductor (TI) ADC08351CIMTC Datasheet HTML 3Page - National Semiconductor (TI) ADC08351CIMTC Datasheet HTML 4Page - National Semiconductor (TI) ADC08351CIMTC Datasheet HTML 5Page - National Semiconductor (TI) ADC08351CIMTC Datasheet HTML 6Page - National Semiconductor (TI) ADC08351CIMTC Datasheet HTML 7Page - National Semiconductor (TI) ADC08351CIMTC Datasheet HTML 8Page - National Semiconductor (TI) ADC08351CIMTC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Converter Electrical Characteristics (Continued)
The following specifications apply for V
A =VD = +3.0 VDC,VREF = 2.4V, VIN = 1.63 VP-P, OE = 0V, CL = 20 pF,
f
CLK = 42 MHz, 50% duty cycle, unless otherwise specified. Boldface limits apply for TA =TMIN to TMAX: all other limits TA =
25˚C (Notes 7, 8)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 9)
Units
(Limits)
C
IN
Logic Input Capacitance
10
pF
Digital Output Characteristics
I
OH
High Level Output Current
V
D = 2.7V, VOH =VD −0.5V
−1.1
mA (min)
I
OL
Low Level Output Current
V
D = 2.7V, OE = DGND, VOL = 0.4V
1.8
mA (min)
V
OH
High Level Output Voltage
V
D = 2.7V, IOH = −360 µA
2.65
V
V
OL
Low Level Output Voltage
V
D = 2.7V, IOL = 1.6 mA
0.2
V
I
OZH,
I
OZL
TRI-STATE® Output Current
OE = V
D = 3.3V, VOH = 3.3V or VOL =0V
±10
µA
AC Electrical Characteristics
f
C1
Maximum Conversion Rate
42
MHz (min)
f
C2
Minimum Conversion Rate
2
MHz
t
OD
Output Delay
CLK High to Data Valid
14
19
ns (max)
Pipline Delay (Latency)
2.5
Clock
Cycles
t
DS
Sampling (Aperture) Delay
CLK Low to Acquisition of Data
2
ns
t
OH
Output Hold Time
CLK High to Data Invalid
9
ns
t
EN
OE Low to Data Valid
Loaded as in Figure 2
14
ns
t
DIS
OE High to High Z State
Loaded as in Figure 2
10
ns
ENOB
Effective Number of Bits
f
CLK = 30 MHz, fIN = 1 MHz
7.2
Bits
f
CLK = 42 MHz, fIN = 4.4 MHz
7.2
Bits
f
CLK = 42 MHz, fIN = 21 MHz
6.8
6.1
Bits (min)
SINAD
Signal-to-Noise & Distortion
f
CLK = 30 MHz, fIN = 1 MHz
45
dB
f
CLK = 42 MHz, fIN = 4.4 MHz
45
dB
f
CLK = 42 MHz, fIN = 21 MHz
43
38.5
dB (min)
SNR
Signal-to-Noise Ratio
f
CLK = 30 MHz, fIN = 1 MHz
44
dB
f
CLK = 42 MHz, fIN = 4.4 MHz
45
dB
f
CLK = 42 MHz, fIN = 21 MHz
44
41
dB (min)
THD
Total Harmonic Distortion
f
CLK = 30 MHz, fIN = 1 MHz
−57
dB
f
CLK = 42 MHz, fIN = 4.4 MHz
−51
dB
f
CLK = 42 MHz, fIN = 21 MHz
−46
−41
dB (min)
SFDR
Spurious Free Dynamic Range
f
CLK = 30 MHz, fIN = 1 MHz
57
dB
f
CLK = 42 MHz, fIN = 4.4 MHz
54
dB
f
CLK = 42 MHz, fIN = 21 MHz
49
41
dB (min)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: All voltages are measured with respect to GND = AGND = DGND = 0V, unless otherwise specified.
Note 3: When the input voltage at any pin exceeds the power supplies (that is, less than AGND or DGND, or greater than VA or VD), the current at that pin should
be limited to 25 mA. The 50 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of
25 mA to two.
Note 4: The absolute maximum junction temperature (TJmax) for this device is 150˚C. The maximum allowable power dissipation is dictated by TJmax, the
junction-to-ambient thermal resistance (
θJA), and the ambient temperature (TA), and can be calculated using the formula PDMAX=(TJmax - TA)/θJA. For the 20-pin
TSSOP,
θJA is 135˚C/W, so PDMAX = 926 mW at 25˚C and 481 mW at the maximum operating ambient temperature of 85˚C. Note that the power dissipation of this
device under normal operation will typically be about 68 mW (40 mW quiescent power + 23 mW reference ladder power+5mWdue to 1 TTL loan on each digital
output). The values for maximum power dissipation listed above will be reached only when the ADC08351 is operated in a severe fault condition (e.g., when input
or output pins are driven beyond the power supply voltages, or the power supply polarity is reversed). Obviously, such conditions should always be avoided.
Note 5: Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through ZERO Ohms.
Note 6: See AN-450, “Surface Mounting Methods and Their Effect on Product Reliability”, or the section entitled “Surface Mount” found in any post 1986 National
Semiconductor Linear Data Book, for other methods of soldering surface mount devices.
www.national.com
5


Similar Part No. - ADC08351CIMTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08351CIMTC NSC-ADC08351CIMTC Datasheet
492Kb / 15P
   8-Bit, 42 MSPS, 40 mW A/D Converter
ADC08351CIMTCX NSC-ADC08351CIMTCX Datasheet
492Kb / 15P
   8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Texas Instruments
ADC08351CIMTCX/NOPB TI1-ADC08351CIMTCX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   8-Bit, 42 MSPS, 40 mW A/D Converter
More results

Similar Description - ADC08351CIMTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08351 NSC-ADC08351 Datasheet
492Kb / 15P
   8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Texas Instruments
ADC08351 TI1-ADC08351 Datasheet
1Mb / 25P
[Old version datasheet]   8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7734 CADEKA-SPT7734 Datasheet
191Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7734 FAIRCHILD-SPT7734 Datasheet
86Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
   12-BIT, 40 MSPS, 170 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Texas Instruments
ADC14L040 TI1-ADC14L040_14 Datasheet
813Kb / 33P
[Old version datasheet]   14-Bit, 40 MSPS, 235 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com