Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC121S101CISD Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC121S101CISD
Description  Single Channel, 0.5 to Msps, 12-Bit A/D Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC121S101CISD Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC121S101CISD Datasheet HTML 1Page - National Semiconductor (TI) ADC121S101CISD Datasheet HTML 2Page - National Semiconductor (TI) ADC121S101CISD Datasheet HTML 3Page - National Semiconductor (TI) ADC121S101CISD Datasheet HTML 4Page - National Semiconductor (TI) ADC121S101CISD Datasheet HTML 5Page - National Semiconductor (TI) ADC121S101CISD Datasheet HTML 6Page - National Semiconductor (TI) ADC121S101CISD Datasheet HTML 7Page - National Semiconductor (TI) ADC121S101CISD Datasheet HTML 8Page - National Semiconductor (TI) ADC121S101CISD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Analog Supply Voltage V
A
−0.3V to 6.5V
Voltage on Any Digital Pin to GND
−0.3V to 6.5V
Voltage on Any Analog Pin to GND
−0.3V to (V
A +0.3V)
Input Current at Any Pin (Note 3)
±10 mA
Package Input Current (Note 3)
±20 mA
Power Consumption at T
A = 25˚C
See (Note 4)
ESD Susceptibility (Note 5)
Human Body Model
Machine Model
3500V
300V
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature Range
−40˚C
≤ T
A
≤ +125˚C
V
A Supply Voltage
+2.7V to +5.25V
Digital Input Pins Voltage Range
(regardless of supply voltage)
−0.3V to 5.25V
Analog Input Pins Voltage Range
0V to V
A
Clock Frequency
1 MHz to 20 MHz
Sample Rate
up to 1 Msps
Package Thermal Resistance
Package
θ
JA
6-lead LLP
94˚C / W
6-lead SOT-23
265˚C / W
Soldering process must comply with National Semiconduc-
tor’s Reflow Temperature Profile specifications. Refer to
www.national.com/packaging. (Note 6)
ADC121S101 Converter Electrical Characteristics (Notes 7, 9)
The following specifications apply for V
A = +2.7V to 5.25V, GND = 0V, fSCLK = 10 MHz to 20 MHz, CL =15pF,
f
SAMPLE = 500 ksps to 1 Msps, unless otherwise noted. Boldface limits apply for TA = -40˚C to +85˚C: all other limits TA =
25˚C unless otherwise noted.
Symbol
Parameter
Conditions
Typical
Limits
(Note 9)
Units
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
V
A = +2.7v to +3.6V
−40˚C
≤ T
A
≤ 125˚C
12
Bits
INL
Integral Non-Linearity
−40˚C
≤ T
A
≤ +85˚C
V
A = +2.7V to +3.6V
SOT-23
+0.4
±1.0
LSB (max)
-0.4
LSB (min)
LLP
+0.4
+1.0
LSB (max)
-0.4
-1.2
LSB (min)
T
A = 125˚C
V
A = +2.7v to +3.6V
SOT-23
+1.0
LSB (max)
-1.1
LSB (min)
LLP
+1.0
LSB (max)
-1.3
LSB (min)
DNL
Differential Non-Linearity
−40˚C
≤ T
A
≤ +85˚C
V
A = +2.7V to +3.6V
+0.5
+1.0
LSB (max)
−0.3
-0.9
LSB (min)
T
A = 125˚C
V
A = +2.7v to +3.6V
±1.0
LSB (max)
V
OFF
Offset Error
−40˚C
≤ T
A
≤ 125˚C
V
A = +2.7v to +3.6V
±0.1
±1.2
LSB (max)
LSB (min)
GE
Gain Error
−40˚C
≤ T
A
≤ 125˚C
V
A = +2.7 to +3.6V
SOT-23
±0.20
±1.2
LSB (max)
LLP
±0.20
±1.5
LSB (max)
DYNAMIC CONVERTER CHARACTERISTICS
SINAD
Signal-to-Noise Plus Distortion Ratio
V
A = +2.7 to 5.25V
−40˚C
≤ T
A
≤ 125˚C
f
IN = 100 kHz, −0.02 dBFS
72
70
dB (min)
SNR
Signal-to-Noise Ratio
V
A = +2.7 to 5.25V
−40˚C
≤ T
A
≤ +85˚C
f
IN = 100 kHz, −0.02 dBFS
72.5
70.8
dB (min)
V
A = +2.7 to 5.25V
T
A = +125˚C
f
IN = 100 kHz, −0.02 dBFS
70.6
www.national.com
3


Similar Part No. - ADC121S101CISD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC121S101CISD TI-ADC121S101CISD Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADC121S101CISD/NOPB TI-ADC121S101CISD/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADC121S101CISD/NOPB TI1-ADC121S101CISD/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 0.5 to 1-Msps, 12-Bit Analog-to-Digital Converter
ADC121S101CISDX TI-ADC121S101CISDX Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADC121S101CISDX/NOPB TI-ADC121S101CISDX/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
More results

Similar Description - ADC121S101CISD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC121S101 TI-ADC121S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADC081S101-MIL TI1-ADC081S101-MIL Datasheet
430Kb / 24P
[Old version datasheet]   Single-Channel, 0.5 to 1-Msps, 8-Bit A/D Converter
ADC081S101 TI1-ADC081S101 Datasheet
1Mb / 23P
[Old version datasheet]    Single Channel, 0.5 to 1 Msps, 8-Bit A/D Converter
ADC101S101 TI1-ADC101S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 10-Bit A/D Converter
logo
STMicroelectronics
RHF1201 STMICROELECTRONICS-RHF1201 Datasheet
193Kb / 18P
   Rad-hard 12-bit 0.5 to 50 Msps A/D converter
logo
Texas Instruments
ADC121S101 TI1-ADC121S101 Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 0.5 to 1-Msps, 12-Bit Analog-to-Digital Converter
logo
Rohm
BD79104MUF-M ROHM-BD79104MUF-M Datasheet
1Mb / 25P
   Successive Approximation A/D Converter 12 bit, 0.5 MSPS to 1 MSPS, 8-channel, SPI Interface
12.Jan.2023 Rev.001
logo
Analog Devices
AD1672 AD-AD1672_17 Datasheet
96Kb / 7P
   12-BIT, 3 MSPS, A TO D CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
ADC122S101 TAOS-ADC122S101 Datasheet
947Kb / 19P
   2 Channel, 1 MSPS 12-Bit A/D Converter
logo
Analog Devices
AD10265 AD-AD10265_15 Datasheet
2Mb / 24P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com