Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF5403G Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # UF5403G
Description  GLASS PASSIVATED RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

UF5403G Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  UF5403G Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited UF5403G Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.galaxycn.com
BLGALAXY ELECTRICAL
BL
Document Number 0269012
1.
FEATURES
Glass passivated junction
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Case:JEDEC DO-27,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.041 ounces,1.15 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
UF
5400G
UF
5402G
UF
5403G
UF
5404G
UF
5405G
UF
5406G
UF
5407G
UF
5408G
UNITS
Maximum recurrent peak reverse voltage
VRRM
50
200
300
400
500
600
800
1000
V
Maximum RMS voltage
VRMS
35
140
210
280
350
420
560
700
V
Maximum DC blocking voltage
VDC
50
200
300
400
500
600
800
1000
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
v at 3.0 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage @T
A=100
Maximum reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
2. Measured at 1.0MHZ and applied rev erse v oltage of 4.0V DC.
70
IFSM
UF
5401G
IF(AV)
3.0
150.0
100
UF5400G -- UF5408G
DO - 27
The plastic material carries U/L recognition
v
94V-0
Easily cleaned with alcohol,Isopropanol
and similar solvents
GLASS PASSIVATED RECTIFIERS
VOLTAGE RANGE: 50 --- 1000 V
CURRENT:
3.0 A
GALAXY ELECTRICAL
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
100
A
IR
100.0
10.0
1.0
1.7
A
A
50
75
45
3. Thermal
resistance junction to ambient.
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
- 55 ---- + 175
- 55 ---- + 175
20


Similar Part No. - UF5403G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF5403G WTE-UF5403G Datasheet
58Kb / 4P
   3.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Pan Jit International I...
UF5403G PANJIT-UF5403G Datasheet
37Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RCTIFIER
logo
Frontier Electronics.
UF5403G FRONTIER-UF5403G Datasheet
129Kb / 2P
   3A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
UF5403G LUGUANG-UF5403G Datasheet
158Kb / 2P
   Glass Passivated Rectifiers
UF5403G LUGUANG-UF5403G Datasheet
202Kb / 2P
   Glass Passivated Rectifiers
More results

Similar Description - UF5403G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4001SG TSC-1N4001SG_14 Datasheet
181Kb / 4P
   Glass Passivated Rectifiers
1N5400G TSC-1N5400G_14 Datasheet
199Kb / 4P
   Glass Passivated Rectifiers
logo
Galaxy Semi-Conductor H...
SF21G BILIN-SF21G Datasheet
111Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG Datasheet
34Kb / 2P
   GLASS PASSIVATED RECTIFIERS
1N4001G HY-1N4001G Datasheet
35Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
1N5400G CTC-1N5400G Datasheet
184Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001G TSC-1N4001G_14 Datasheet
198Kb / 4P
   Glass Passivated Rectifiers
logo
HY ELECTRONIC CORP.
RL251G HY-RL251G_18 Datasheet
184Kb / 3P
   Glass Passivated Rectifiers
RL201G HY-RL201G_18 Datasheet
177Kb / 3P
   Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
GR301G DACO-GR301G Datasheet
853Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG_17 Datasheet
134Kb / 3P
   GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com