Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4990A Datasheet(PDF) 6 Page - STMicroelectronics

Part # L4990A
Description  PRIMARY CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4990A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L4990A Datasheet HTML 2Page - STMicroelectronics L4990A Datasheet HTML 3Page - STMicroelectronics L4990A Datasheet HTML 4Page - STMicroelectronics L4990A Datasheet HTML 5Page - STMicroelectronics L4990A Datasheet HTML 6Page - STMicroelectronics L4990A Datasheet HTML 7Page - STMicroelectronics L4990A Datasheet HTML 8Page - STMicroelectronics L4990A Datasheet HTML 9Page - STMicroelectronics L4990A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
8
1012
1416182022
24
7.0
7.5
8.0
8.5
9.0
Vcc
[V]
Iq [m A ]
V14 = 0, V5 = Vr ef
Rt = 4.5Kohm,Tj = 25
°C
500K h z
300K h z
1M h z
100Khz
Figure 3. Quiescent current vs. input voltage.
-50
-25
0
25
50
75
100
125
150
4.9
4.95
5
5.05
5.1
Tj (
°C)
Vref [V])
Vcc = 15V
Iref = 1mA
Figure 7. Vref vs. junction temperature.
-50
-25
0
25
50
75
100
125
150
4.9
4.95
5
5.05
5.1
Tj (
°C)
Vref [V]
Vcc = 15V
Iref= 20mA
Figure 8. Vref vs. junction temperature.
8
10121416182022
0
6
12
18
24
30
36
Vcc [V]
Iq [mA]
Co = 1nF, Tj = 25
°C
DC = 1 00%
1M H z
50 0KH z
300KH z
10 0KH z
Figure 5. Quiescent current vs. input voltage
and switching frequency.
0
5
10
15
20
25
4.9
4.95
5
5.05
5.1
Iref [mA]
Vref [V]
Vcc=15V
Tj = 25
°C
Figure 6. Reference voltage vs. load current.
8
10121416
1 8
20
22
0
6
12
18
24
30
36
Vc c [V]
Iq [mA ]
C o = 1nF, Tj = 25
°C
DC = 0 %
1M Hz
500K Hz
300K Hz
100KHz
Figure 4. Quiescent current vs. input voltage
and switching frequency.
L4990 - L4990A
6/24


Similar Part No. - L4990A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4992 STMICROELECTRONICS-L4992 Datasheet
296Kb / 26P
   TRIPLE OUTPUT POWER SUPPLY CONTROLLER
June 2000
L4993 STMICROELECTRONICS-L4993 Datasheet
526Kb / 30P
   Low drop voltage regulator
L4993D STMICROELECTRONICS-L4993D Datasheet
526Kb / 30P
   Low drop voltage regulator
L4993D STMICROELECTRONICS-L4993D Datasheet
1Mb / 22P
   for car body applications
L4993DTR STMICROELECTRONICS-L4993DTR Datasheet
526Kb / 30P
   Low drop voltage regulator
More results

Similar Description - L4990A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6668 STMICROELECTRONICS-L6668_06 Datasheet
717Kb / 23P
   SMART PRIMARY CONTROLLER
TSM006 STMICROELECTRONICS-TSM006 Datasheet
179Kb / 13P
   Primary PWM Controller
July 2004 Revision 1
L6668 STMICROELECTRONICS-L6668 Datasheet
671Kb / 23P
   SMART PRIMARY CONTROLLER
TSM007 STMICROELECTRONICS-TSM007 Datasheet
131Kb / 12P
   Primary PWM Controller
logo
Texas Instruments
UCC1809-1 TI1-UCC1809-1_16 Datasheet
1Mb / 23P
[Old version datasheet]   Economy Primary Side Controller
logo
STMicroelectronics
L5991 STMICROELECTRONICS-L5991 Datasheet
427Kb / 19P
   PRIMARY CONTROLLER WITH STANDBY
logo
Texas Instruments
UCC1809-1 TI-UCC1809-1 Datasheet
162Kb / 11P
[Old version datasheet]   Economy Primary Side Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
UCC2960 TI-UCC2960 Datasheet
190Kb / 12P
[Old version datasheet]   PRIMARY-SLIDE STARTUP CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com