Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1191 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM1191
Description  Digital Power Monitor with Convert Pin and ALERTB Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1191 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM1191 Datasheet HTML 4Page - Analog Devices ADM1191 Datasheet HTML 5Page - Analog Devices ADM1191 Datasheet HTML 6Page - Analog Devices ADM1191 Datasheet HTML 7Page - Analog Devices ADM1191 Datasheet HTML 8Page - Analog Devices ADM1191 Datasheet HTML 9Page - Analog Devices ADM1191 Datasheet HTML 10Page - Analog Devices ADM1191 Datasheet HTML 11Page - Analog Devices ADM1191 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADM1191
Rev. B | Page 8 of 16
4
3
2
1
0
–1
–2
–3
–4
0
4000
2500
3000
3500
2000
1500
1000
500
CODE
Figure 10. INL for ADC
4
3
2
1
0
–1
–2
–3
–4
0
4000
2500
3000
3500
2000
1500
1000
500
CODE
Figure 11. DNL for ADC
0
100
80
90
70
60
50
40
30
20
10
02.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
VSETV (V)
Figure 12. Overcurrent Limit Threshold vs. SETV Pin Voltage
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
–40
80
60
40
20
0
–20
TEMPERATURE (°C)
Figure 13. ALERTB Output Low Voltage vs. Temperature @ 1 mA
0
1.0
0.8
0.6
0.4
0.2
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
VCC (V)
Figure 14. ALERTB Output Low Voltage vs. Supply Voltage @ 1 mA
0
2.0
1.6
1.2
0.8
0.4
1.8
1.4
1.0
0.6
0.2
03.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
ILOAD (mA)
Figure 15. ALERTB Output Low Voltage vs. Load Current


Similar Part No. - ADM1191

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1191 AD-ADM1191 Datasheet
389Kb / 16P
   Digital Power Monitor with Convert Pin and ALERTB O
REV. 0
ADM1191-2ARMZ-R71 AD-ADM1191-2ARMZ-R71 Datasheet
389Kb / 16P
   Digital Power Monitor with Convert Pin and ALERTB O
REV. 0
More results

Similar Description - ADM1191

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1191 AD-ADM1191 Datasheet
389Kb / 16P
   Digital Power Monitor with Convert Pin and ALERTB O
REV. 0
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
ADM1176 AD-ADM1176 Datasheet
683Kb / 24P
   Hot Swap Controller and I2C짰 Power Monitor with Convert Pin
REV. 0
ADM1192 AD-ADM1192_08 Datasheet
415Kb / 20P
   Digital Power Monitor with Clear Pin and ALERT Output
REV. B
ADM1192 AD-ADM1192 Datasheet
395Kb / 20P
   Digital Power Monitor with Clear Pin and ALERT Output
REV. 0
ADM1177 AD-ADM1177 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
Rev. PrD May 2006
ADM1177 AD-ADM1177_15 Datasheet
583Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Soft Start Pin
REV. C
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com