Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP297GSZ Datasheet(PDF) 11 Page - Analog Devices

Part # OP297GSZ
Description  Dual Low Bias Current Precision Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP297GSZ Datasheet(HTML) 11 Page - Analog Devices

Back Button OP297GSZ Datasheet HTML 7Page - Analog Devices OP297GSZ Datasheet HTML 8Page - Analog Devices OP297GSZ Datasheet HTML 9Page - Analog Devices OP297GSZ Datasheet HTML 10Page - Analog Devices OP297GSZ Datasheet HTML 11Page - Analog Devices OP297GSZ Datasheet HTML 12Page - Analog Devices OP297GSZ Datasheet HTML 13Page - Analog Devices OP297GSZ Datasheet HTML 14Page - Analog Devices OP297GSZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
OP297
Rev. F | Page 11 of 16
APPLICATIONS
PRECISION ABSOLUTE VALUE AMPLIFIER
PRECISION POSITIVE PEAK DETECTOR
The circuit in Figure 31 is a precision absolute value amplifier
with an input impedance of 30 MΩ. The high gain and low
TCV
In Figure 33, the CH must be of polystyrene, Teflon®, or
polyethylene to minimize dielectric absorption and leakage.
The droop rate is determined by the size of C
OS
of the OP297 ensure accurate operation with microvolt
input signals. In this circuit, the input always appears as a
common-mode signal to the op amps. The CMR of the OP297
exceeds 120 dB, yielding an error of less than 2 ppm.
H
and the bias
current of the OP297.
2N930
+15V
1N4148
RESET
VIN
5
6
7
1
3
–15V
+
1/2
OP297
+
1/2
OP297
2
1kΩ
1kΩ
1kΩ
1kΩ
CH
0.1µF
0.1µF
VOUT
+15V
–15V
5
6
7
1
3
4
+
1/2
OP297
+
1/2
OP297
2
8
R1
1kΩ
R3
1kΩ
D1
1N4148
D2
1N4148
R2
2kΩ
0V < VOUT < 10V
C1
30pF
C2
0.1µF
C3
0.1µF
VIN
Figure 33. Precision Positive Peak Detector
SIMPLE BRIDGE CONDITIONING AMPLIFIER
Figure 34 shows a simple bridge conditioning amplifier using
the OP297. The transfer function is
Figure 31. Precision Absolute Value Amplifier
R
R
R
R
R
V
V
F
REF
OUT
Δ
+
Δ
=
PRECISION CURRENT PUMP
Maximum output current of the precision current pump shown
in
REF43
The
provides an accurate and stable reference voltage for
the bridge. To maintain the highest circuit accuracy, R
Figure 32 is ±10 mA. Voltage compliance is ±10 V with
±15 V supplies. Output impedance of the current transmitter
exceeds 3 MΩ with linearity better than 16 bits.
F
should
be 0.1% or better with a low temperature coefficient.
15V
3
2
1
5
6
7
4
8
REF43
4
+
1/2
OP297
+
1/2
OP297
VREF
RF
R + ΔR
VOUT
VOUT = VREF
ΔR
R + ΔR
RF
R
+15V
5
6
7
1
2
8
3
–15V
+
1/2
OP297
1/2
OP297
R1
10kΩ
R2
10kΩ
VIN
R3
10kΩ
R4
10kΩ
R6
10kΩ
IOUT
10mA
IOUT =
=
= 10mA/V
VIN
R5
VIN
100Ω
Figure 34. A Simple Bridge Condition Amplifier Using the OP297
Figure 32. Precision Current Pump


Similar Part No. - OP297GSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP297GSZ AD-OP297GSZ Datasheet
342Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
Rev. G
OP297GSZ-REEL AD-OP297GSZ-REEL Datasheet
342Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
Rev. G
OP297GSZ-REEL7 AD-OP297GSZ-REEL7 Datasheet
342Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
Rev. G
More results

Similar Description - OP297GSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-297 AD-OP-297 Datasheet
592Kb / 16P
   DUAL LOW BIAS CURRENT PRECISION OPERATIONAL AMPLIFIER
REV. B
OP297 AD-OP297_03 Datasheet
266Kb / 12P
   Dual Low Bias Current Precision Operational Amplifier
REV. E
OP297 AD-OP297_15 Datasheet
342Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
OP297 AD-OP297 Datasheet
191Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
REV. D
OP297S AD-OP297S Datasheet
342Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
Rev. G
logo
Texas Instruments
OPA129UBE4 TI-OPA129UBE4 Datasheet
652Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA129 BURR-BROWN-OPA129 Datasheet
640Kb / 7P
   Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
OP1177 AD-OP1177_07 Datasheet
493Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
OP1177 AD-OP1177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
OP2177 AD-OP2177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com