Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL4148 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # LL4148
Description  SMALL SIGNAL SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

LL4148 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  LL4148 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited LL4148 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.4
+0.3
-0.1
0.4±0.1
Cathode indification
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified
MAXIMUM RATINGS
UNITS
Reverse voltage
V
R
V
Peak reverse voltage
V
RM
V
Average forw ard rectified current
Half w ave rectification w ith resistive load
at t
amb=25
oC and f
50Hz
Forw ard surge current at t
1S and T
J=25
oCI
FSM
mA
Pow er dissipaton at t
amb=25
oCP
tot
mW
Junction temperature
T
J
oC
Storage temperature range
T
STG
oC
UNITS
Forw ard voltage @ I
F=10mA
VF
V
Leakage current
at V
R=20V
I
R
n A
at V
R=75V
I
R
A
111111111at V
R=20V
T
J=150
oC
I
R
A
Capacitance at V
F=VR=0V
C
tot
pF
Voltage rise w hen sw itching on
tested w ith 50mA pulses
tp=0,1
S,rise time
30ns, fp=5 to 100KHz
Reverse recovery time
from I
F=10mA
V
R=6V,RL=100
,at I
R=1mA
Thermal resistance junction to ambient
R
JA
K/W
Rectification effciency at 100MHz,V
RF=2V
V
-
ns
1)Valid prov ided that electrodes are kept at ambient temperature
350.0
1)
0.45
-
-
-
-2.5
-
-
4.0
-
25.0
5.0
-
-
4.0
-
-
50.0
-
150.0
-
-
mA
ELECTRICAL CHARACTERISTICS
1) Valid prov ided that electrodes are kept at ambient temperature.
MIN
TYP
MAX
I
Polarity:Color band denotes cathode
V
fr
t
rr
-
-
175.0
500.00
500.0
1)
LL4148
LL4148
1111REVERSE VOLTAGE: 75 V
CURRENT: 0.15 A
Case:MINI-MELF glass case
SMALL SIGNAL SWITCHING DIODE
Silicon epitaxial diode
MINI-MELF
500mW power dissipation
High speed switching diode
GALAXY ELECTRICAL
V
Weight: Approx 0.031 grams
35-55--- +175
1.0
75.0
100.0
www.galaxycn.com
BL
Document Number 0268010
1.
BLGALAXY ELECTRICAL
O


Similar Part No. - LL4148

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
LL4148 DIOTECH-LL4148 Datasheet
662Kb / 2P
   SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
LL4148 VISHAY-LL4148 Datasheet
292Kb / 5P
   Small Signal Fast Switching Diodes
Rev. 1.8, 24-Mar-06
logo
Shenzhen Yixinwei Techn...
LL4148 YIXIN-LL4148 Datasheet
231Kb / 4P
   Silicon Epitaxial Planar Switching Diode
logo
Fairchild Semiconductor
LL4148 FAIRCHILD-LL4148 Datasheet
128Kb / 6P
   Small Signal Diode
logo
Weitron Technology
LL4148 WEITRON-LL4148 Datasheet
167Kb / 4P
   Surface Mount Switching Diodes
More results

Similar Description - LL4148

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
   Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
   Small-Signal Switching Diode
logo
Vishay Siliconix
MMBD6050 VISHAY-MMBD6050 Datasheet
94Kb / 5P
   Small Signal Switching Diode
Rev. 1.6, 15-May-13
MMBD914 VISHAY-MMBD914 Datasheet
75Kb / 3P
   Small Signal Switching Diode
Rev. 1.5, 15-May-13
logo
Yangzhou yangjie electr...
1N914BW YANGJIE-1N914BW Datasheet
213Kb / 3P
   Small Signal Switching Diode
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
   SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
BA604 VISHAY-BA604_12 Datasheet
53Kb / 3P
   Small Signal Switching Diode
Rev. 1.8, 01-Sep-10
MMBD914-V VISHAY-MMBD914-V_12 Datasheet
70Kb / 3P
   Small Signal Switching Diode
Rev. 1.4, 05-Aug-10
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
1N914THRU1N4454 CHENYI-1N914THRU1N4454 Datasheet
47Kb / 1P
   SMALL SIGNAL SWITCHING DIODE
LL4151 CHENYI-LL4151 Datasheet
170Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com