Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4148 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # 1N4148
Description  SMALL SIGNAL SWITCHING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1N4148 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  1N4148 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1N4148 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 1N4148 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Silicon epitaxial planar diode
High speed switching diode
500 mW power dissipation
These diodes are also available in glass case
DO-34. Mini-MELF
Weight: 0.004 ounces, 0.13 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
MAXIMUM RATINGS
UNITS
Reverse voltage
VR
V
Peak reverse voltage
VRM
V
Average forw ard rectified current
half w ave rectification w ith resist.load
    @TA=25
and f
50Hz
Forw ard surge current @ t<1s and T
J=25
IFSM
mA
Pow er dissipation
@ T
A=25
Ptot
mW
Junction temperature
TJ
Storage temperature range
TSTG
ELECTRICAL CHARACTERISTICS
UNITS
Forw ard voltage at I
F=10mA
VF
V
Leakage current
@ V
R=20V
IR
nA
@ V
R=75V
IR
μA
@ V
R=20V
T
J=150
IR
μA
Capacitance
@ V
F=VR=0V
CJ
pF
Voltage rise w hen sw itching
on
tested w ith 50mA pulses
tp=0.1μs. Rise time<30ns. fp=5 to 100KHz
Reverse recovery time
from I
F=10mA to IR=1mA
V
R=6V . RL=100Ω.
Thermal resistance junction to ambient
RθJA
K/W
Rectification efficiency at 100MHz,V
RF=2V
ηv
-
1N4148
1)Valid prov ided that leads at a distance of 8 mm f rom case are kept at ambient temperature.
-
25.0
5.0
50.0
V
ns
1N4148
MECHANICAL DATA
SMALL SIGNAL SWITCHING DIODE
Case: DO-35, glass case
REVERSE VOLTAGE : 75 V
CURRENT:
0.15 A
Polarity: Color band denotes cathode
IAV
500.0
5001)
mA
-
-
1.0
-
75.0
100.0
150.0
175
-55 --- +175
1)Valid prov ided that leads at a distance of 8 mm f rom case are kept at ambient temperature.
MIN
TYP
MAX
-
-
4
0.45
-
-
3501)
4
Vfr
-
-
2.5
trr
-
-
-
-
-
-
Document Number 0268001
1.
DO-35(GLASS)
BL GALAXYELECTRICAL
www.galaxycn.com
BLGALAXYELECTRICAL


Similar Part No. - 1N4148

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
logo
Zhaoxingwei Electronics...
1N4148 ZHAOXINGWEI-1N4148 Datasheet
45Kb / 1P
   Silicon Epitaxial Planar Diode
logo
Won-Top Electronics
1N4148 WTE-1N4148 Datasheet
42Kb / 4P
   FAST SWITCHING DIODE
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
logo
Dc Components
1N4148 DCCOM-1N4148 Datasheet
180Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH SPEED SWITCHING DIODES
More results

Similar Description - 1N4148

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
   Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
   Small-Signal Switching Diode
logo
Vishay Siliconix
MMBD6050 VISHAY-MMBD6050 Datasheet
94Kb / 5P
   Small Signal Switching Diode
Rev. 1.6, 15-May-13
MMBD914 VISHAY-MMBD914 Datasheet
75Kb / 3P
   Small Signal Switching Diode
Rev. 1.5, 15-May-13
logo
Yangzhou yangjie electr...
1N914BW YANGJIE-1N914BW Datasheet
213Kb / 3P
   Small Signal Switching Diode
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
   SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
BA604 VISHAY-BA604_12 Datasheet
53Kb / 3P
   Small Signal Switching Diode
Rev. 1.8, 01-Sep-10
MMBD914-V VISHAY-MMBD914-V_12 Datasheet
70Kb / 3P
   Small Signal Switching Diode
Rev. 1.4, 05-Aug-10
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
1N914THRU1N4454 CHENYI-1N914THRU1N4454 Datasheet
47Kb / 1P
   SMALL SIGNAL SWITCHING DIODE
LL4151 CHENYI-LL4151 Datasheet
170Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com