Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM2250 Datasheet(PDF) 8 Page - Analog Devices

Part # SSM2250
Description  Mono 1.5 W/Stereo 250 mW Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2250 Datasheet(HTML) 8 Page - Analog Devices

Back Button SSM2250 Datasheet HTML 4Page - Analog Devices SSM2250 Datasheet HTML 5Page - Analog Devices SSM2250 Datasheet HTML 6Page - Analog Devices SSM2250 Datasheet HTML 7Page - Analog Devices SSM2250 Datasheet HTML 8Page - Analog Devices SSM2250 Datasheet HTML 9Page - Analog Devices SSM2250 Datasheet HTML 10Page - Analog Devices SSM2250 Datasheet HTML 11Page - Analog Devices SSM2250 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SSM2250
Rev. A | Page 8 of 12
NC
NC
NC
LEFT IN
RIGHT IN
SHUTDOWN
5V
BTL
OUT
5V
100k
Ω
+
+
220
μF
+
220
μF
1k
Ω
1k
Ω
1
μF
1
μF
R1
20k
Ω
10
μF
R2
20k
Ω
R2
20k
Ω
R1
20k
Ω
SSM2250
5
14
1
2
3
4
13
12
11
10
6
7
9
8
NC
NC = NO CONNECT
NC
Figure 14. Typical Application
The output coupling capacitor creates a high-pass filter with a
cutoff frequency of
C
L
dB
C
R
f
π
=
2
1
3
(2)
where:
RL is the resistance of the headphone.
CC is the output coupling capacitor.
Although a majority of headphones have approximately 80 Ω of
resistance, the resistance can vary between models and manu-
facturers. Headphone resistances are commonly between 32 Ω
to 600 Ω. Using a 220 μF capacitor, as shown in Figure 14, the
worst-case −3 dB corner frequency would be 22 Hz, with a 32 Ω
headphone load. Smaller output capacitors could be used at the
expense of low frequency response to the headphones.
An input coupling capacitor should be used to remove dc bias
from the inputs to the SSM2250. Again, the input coupling
capacitor in combination with the input resistor creates a high-
pass filter with a corner frequency of
1
1
2
1
3
C
R
f
dB
π
=
(3)
Using the values shown in Figure 14, where R1 = 20 kΩ and
C1 = 1 μF, creates a corner frequency of 8 Hz. This is acceptable,
as the PC99 audio requirement specifies the computer audio
system bandwidth to be 20 Hz to 20 kHz.
Pin 10 on the SSM2250 provides the proper bias voltage for
the amplifiers. A 0.1 μF capacitor should be connected here to
reduce sensitivity to noise on the power supply. A larger capaci-
tor can be used if more rejection from power supply noise is
required.
The SSM2250 has excellent phase margin and is stable even
under heavy loading. Therefore, a feedback capacitor in parallel
with R2 is not required, as it is in some competitors’ products.
Power Dissipation
An important advantage in using a bridged output configura-
tion is that bridged output amplifiers are more efficient than
single-ended amplifiers in delivering power to a load.
OUTPUT POWER (W)
1.50
1.25
1.00
0.75
0.50
0.25
0
0
0.75
0.50
0.25
1.00
1.25
1.50
VDD = 5V
RL = 4Ω
RL = 16Ω
RL = 8Ω
Figure 15. Power Dissipation vs. Output Power in BTL Mode
L
DD
MAX
,
DISS
R
V
P
2
2
2
π
=
(4)
Using Equation 4 and the power derating curve in Figure 17,
the maximum ambient temperature can be easily found. This
ensures that the SSM2250 does not exceed its maximum
junction temperature of 150°C.
The power dissipation for a single-ended output application
where an output coupling capacitor is used is shown in
Figure 16.


Similar Part No. - SSM2250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2250 AD-SSM2250 Datasheet
287Kb / 10P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. 0
SSM2250RM AD-SSM2250RM Datasheet
287Kb / 10P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. 0
SSM2250RU AD-SSM2250RU Datasheet
287Kb / 10P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. 0
SSM2250 AD-SSM2250_15 Datasheet
790Kb / 12P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
More results

Similar Description - SSM2250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2250 AD-SSM2250 Datasheet
287Kb / 10P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
REV. 0
SSM2250 AD-SSM2250_15 Datasheet
790Kb / 12P
   Mono 1.5 W/Stereo 250 mW Power Amplifier
logo
National Semiconductor ...
LM4850 NSC-LM4850 Datasheet
1Mb / 20P
   Mono 1.5 W / Stereo 300 mW Power Amplifier
logo
Texas Instruments
LM4853 TI1-LM4853 Datasheet
1Mb / 25P
[Old version datasheet]   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
National Semiconductor ...
LM4858 NSC-LM4858 Datasheet
683Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
LM4853 NSC-LM4853 Datasheet
869Kb / 17P
   Mono 1.5 W / Stereo 300mW Power Amplifier
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
logo
Texas Instruments
TPA311 TI-TPA311_07 Datasheet
979Kb / 35P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com