Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBLF1050 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SBLF1050
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SBLF1050 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SBLF1050 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SBLF1050 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12
PIN
0.405(10.27)
0.383(9.72)
0.191(4.85)
0.171(4.35)
0.060(1.52)
0.037(0.94)
0.027(0.69)
0.105(2.67)
0.095(2.41)
0.205(5.20)
0.195(4.95)
PIN1
PIN2
0.014(0.36)
0.022(0.55)
0.110(2.80)
0.100(2.54)
0.330(8.38)
0.350(8.89)
0.122(3.08)
0.131(3.39)
0.140(3.56)
0.130(3.30)
0.110(2.80)
0.100(2.54)
0.172(4.36)
0.188(4.77)
DIA
Dimensions in inches and(millimeters)
DIA
www.galaxycn.com
BL
Document Number 0267032
1
.
BLGALAXY ELECTRICAL
FEATURES
Metal-Semiconductor junction with guard ring
ITO-220AC
Epitaxial construction
Low forward voltage drop,low switching losses
High surge capability
MECHANICAL DATA
Case:JEDEC ITO-220AC,molded plastic
Terminals: Leads solderable per
MIL- STD-750,Method 2026
Polarity: As marked
Weight: 0.064 ounces,1.81 gram
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SBLF SBLF SBLF SBLF SBLF
SBLF SBLF SBLF
1030 1035
1040
1045
1050
1060
1080
10100
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard rectified current
T
C=110
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
T
J=125
Maximum instantaneous forw ard voltage
@ 10 A
VF
V
Maximum reverse current
@T
C=25
at rated DC blocking voltage @T
C=100
Typical thermal resistance
(Note1)
RθJC
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
Note: 1. Thermal resistance junction to case.
GALAXY ELECTRICAL
-55--- + 150
30
35
40
45
50
60
80
100
IFSM
30
35
40
45
50
60
80
100
21
25
28
32
35
42
56
70
mA
IR
1.0
A
-55--- + 150
5.0
0.60
0.75
0.85
250
50
SBLF1030---SBLF10100
A
For use in low voltage,high frequency inverters free
xxxx wheeling,and polarity protection applications
IF(AV)
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE: 30 --- 100 V
CURRENT: 10 A
The plastic material carries U/L recognition 94V-0
10
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
inch(mm)


Similar Part No. - SBLF1050

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SBLF1050 LUGUANG-SBLF1050 Datasheet
211Kb / 2P
   Schottky Barrier Rectifiers
More results

Similar Description - SBLF1050

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com