Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRB2545CT Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # MBRB2545CT
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MBRB2545CT Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  MBRB2545CT Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MBRB2545CT Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3
12
K-HEATSINK
PIN1
0.421(10.69)
0.380(9.65)
0.045(1.14)
0.055(1.40)
0.325(8.25)
0.364(9.25)
0.35(8.89)ref.
0.180(4.58)
0.220(5.58)
0.020(0.51)
0.045(1.14)
0.045(1.14)
0.055(1.40)
0.172(4.37)
0.190(4.83)
0.575(14.60)
0.625(15.88)
0.080(2.03)
0.115(2.92)
0.012(0.30)
0.025(0.64)
0.110(2.79)
0.090(2.29)
PIN2
www.galaxycn.com
BL
Document Number 0267
026
BLGALAXYELECTRICAL
1.
FEATURES
MECHANICAL DATA
Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
am bient tem perature unless otherwise specified.
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard total device
m rectified current @T
C = 130°C
IF(AV)
A
Peak forw ard surge current 8.3ms single half
b sine-w ave superimposed on rated load
IFSM
A
Maximum forw ard
(IF=30A,TC=25 )
voltage (Note 1)
(IF=30A,TC=125 )
Maximum reverse current
@T
C=25
at rated DC blocking voltage
@T
C=125
Maximum thermal resistance (Note2)
R θJC
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
2. Thermal resistance from junction to case.
GALAXY ELECTRICAL
m A
45
25
150
32
45
VOLTAGE RANGE: 45 V
CURRENT: 25 A
Metal silicon junction, m ajority carrier conduction.
Case:JEDEC D2PAK,m olded plastic body
SCHOTTKY BARRIER RECTIFIER
High current capacity, low forward voltage drop.
NOTE: 1. Pulse test:300μs pulse width,1% duty cy cle.
-
55 ---- + 150
-
55 ---- + 150
Term inals:Leads, solderable per MIL-STD-750,
1 1
Method 2026
IR
VF
0.2
1.5
D
2PAK
MBRB2545CT
MBRB2545CT
Guard ring for over voltage protection.
High surge capacity.
For use in low voltage, high frequency inverters, free
111wheeling, and polarity protection applications.
Polarity: As m arked
Weight: 0.087 ounces,2.2 grams
40
V
0.82
Single phase,half wave,60Hz,resistive or inductive load.For capactive load,derate current by 20%.
inch(mm)
0.73


Similar Part No. - MBRB2545CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRB2545CT MOTOROLA-MBRB2545CT Datasheet
109Kb / 6P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
logo
Sangdest Microelectroni...
MBRB2545CT SMC-MBRB2545CT Datasheet
204Kb / 6P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
logo
General Semiconductor
MBRB2545CT GE-MBRB2545CT Datasheet
97Kb / 2P
   SCHOTTKY RECTIFIER
logo
Surge Components
MBRB2545CT SURGE-MBRB2545CT Datasheet
778Kb / 7P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
MBRB2545CT MCC-MBRB2545CT Datasheet
86Kb / 2P
   25 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBRB2545CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com