Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4888 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4888
Description  Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D Enhancement
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4888 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4888_06 Datasheet HTML 1Page - National Semiconductor (TI) LM4888_06 Datasheet HTML 2Page - National Semiconductor (TI) LM4888_06 Datasheet HTML 3Page - National Semiconductor (TI) LM4888_06 Datasheet HTML 4Page - National Semiconductor (TI) LM4888_06 Datasheet HTML 5Page - National Semiconductor (TI) LM4888_06 Datasheet HTML 6Page - National Semiconductor (TI) LM4888_06 Datasheet HTML 7Page - National Semiconductor (TI) LM4888_06 Datasheet HTML 8Page - National Semiconductor (TI) LM4888_06 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Electrical Characteristics (3V) (Notes 3, 7, 13)
The following specifications apply for V
DD = 3V unless otherwise noted. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4888
Units
(Limits)
Typical
Limit
(Note 8)
(Note 9)
I
DD
Quiescent Power Supply Current
V
IN = 0V, IO = 0A (Note 10) , BTL mode
4.5
mA
V
IN = 0V, IO = 0A (Note 10) , SE mode
2.5
mA
I
SD
Shutdown Current
GND applied to the SHUTDOWN pin
0.01
µA
V
IH
Headphone High Input Voltage
2.2
V
V
IL
Headphone Low Input Voltage
1.5
V
V
IHSD
Shutdown, Headphone micro,
3D Control
High Input voltage
1
1.4
V (min)
V
ILSD
Shutdown, Headphone micro,
3D Control
Low Input voltage
0.8
.4
V (max)
T
WU
Turn On Time
1µF Bypass Cap (C6)
140
ms
Electrical Characteristics for Bridged-Mode Operation (3V) (Notes 3, 7, 13)
The following specifications apply for V
DD = 3V unless otherwise specified. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4888
Units
(Limits)
Typical
Limit
(Note 8)
(Note 9)
V
OS
Output Offset Voltage
V
IN =0V
5
mV
P
O
Output Power (Note 11)
THD+N = 1%, f = 1kHz (Note 12)
LM4888SQ, R
L =3
.82
W
LM4888SQ, R
L =4
.70
W
LM4888SQ, R
L =8
.43
W
THD+N = 10%, f = 1kHz (Note 12)
LM4888SQ, R
L =3
1.0
W
LM4888SQ, R
L =4
.85
W
LM4888SQ, R
L =8
.53
W
THD+N
Total Harmonic Distortion+Noise
1kHz
LM4888SQ, R
L =4
Ω,P
O = 280mW
0.1
%
LM4888SQ, R
L =8
Ω,P
O = 200mW
0.05
%
PSRR
Power Supply Rejection Ratio
Input Unterminated, 217Hz
V
ripple = 200mVp-p
C
6= 1µF, RL =8
90
dB
Input Unterminated, 1kHz
V
ripple = 200mVp-p
C
6= 1µF, RL =8
80
dB
Input grounded, 217Hz
V
ripple = 200mVp-p
C
6= 1µF, RL =8
65
dB
Input grounded, 1kHz
V
ripple = 200mVp-p
C
6= 1µF, RL =8
73
dB
X
TALK
Channel Separation
f = 1kHz, C
6 = 1.0µF, 3D Control = Low
85
dB
V
NO
Output Noise Voltage
1kHz, A-weighted
21
µV
www.national.com
5


Similar Part No. - LM4888_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4888SQ NSC-LM4888SQ Datasheet
1Mb / 22P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D Enhancement
More results

Similar Description - LM4888_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4888 NSC-LM4888 Datasheet
1Mb / 22P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone & 3D Enhancement
LM4883 NSC-LM4883 Datasheet
1Mb / 23P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867 UTC-PA4867_15 Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Texas Instruments
LM4873 TI1-LM4873 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
National Semiconductor ...
LM4873 NSC-LM4873_02 Datasheet
956Kb / 25P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
UMC Corporation
PA4867 UMC-PA4867 Datasheet
235Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
National Semiconductor ...
LM4873 NSC-LM4873 Datasheet
532Kb / 19P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
Fangtek Ltd.
FT4888 FANGTEK-FT4888 Datasheet
1Mb / 14P
   Dual 2.1W Audio Power Amplifier with 3D Enhancement
logo
National Semiconductor ...
LM4867 NSC-LM4867 Datasheet
763Kb / 26P
   Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com