Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4867 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4867
Description  Output-Transient-Free Dual 2.1W Audop Amplifier Plus No Coupling Capacitor Stereo Headphone Function
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4867 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4867_02 Datasheet HTML 4Page - National Semiconductor (TI) LM4867_02 Datasheet HTML 5Page - National Semiconductor (TI) LM4867_02 Datasheet HTML 6Page - National Semiconductor (TI) LM4867_02 Datasheet HTML 7Page - National Semiconductor (TI) LM4867_02 Datasheet HTML 8Page - National Semiconductor (TI) LM4867_02 Datasheet HTML 9Page - National Semiconductor (TI) LM4867_02 Datasheet HTML 10Page - National Semiconductor (TI) LM4867_02 Datasheet HTML 11Page - National Semiconductor (TI) LM4867_02 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Typical Performance Characteristics (Continued)
THD+N vs Output Power
THD+N vs Frequency
20001365
20001363
THD+N vs Output Power
THD+N vs Frequency
20001366
20001364
Output Power vs
Load Resistance
Power Dissipation vs
Supply Voltage
20001362
20001360
www.national.com
8


Similar Part No. - LM4867_02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4867LQ NSC-LM4867LQ Datasheet
763Kb / 26P
   Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
LM4867MT NSC-LM4867MT Datasheet
763Kb / 26P
   Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
LM4867MTE NSC-LM4867MTE Datasheet
763Kb / 26P
   Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
More results

Similar Description - LM4867_02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4867 NSC-LM4867 Datasheet
763Kb / 26P
   Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
LM4868 NSC-LM4868 Datasheet
792Kb / 28P
   Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4867 UTC-PA4867_15 Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Texas Instruments
LM4873 TI1-LM4873 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
National Semiconductor ...
LM4873 NSC-LM4873_02 Datasheet
956Kb / 25P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
UMC Corporation
PA4867 UMC-PA4867 Datasheet
235Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
National Semiconductor ...
LM4873 NSC-LM4873 Datasheet
532Kb / 19P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
LM4883 NSC-LM4883 Datasheet
1Mb / 23P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone
logo
Global Mixed-mode Techn...
G1421 GMT-G1421 Datasheet
431Kb / 24P
   2W Stereo Audio Amplifier with No Headphone Coupling Capacitor Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com