Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS2014-001-EB Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # FMS2014-001-EB
Description  High Power GaAs SPDT Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2014-001-EB Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FMS2014-001-EB Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2014-001-EB Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2014-001-EB Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2014-001-EB Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2014-001-EB Datasheet HTML 5Page - Filtronic Compound Semiconductors FMS2014-001-EB Datasheet HTML 6Page - Filtronic Compound Semiconductors FMS2014-001-EB Datasheet HTML 7Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Sheet
3.0
1
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Contact Details (UK):
Tel: +44 (0) 1325 301111 Fax: +44 (0) 1325 306177 Email: sales@filcs.com
FMS2014-001
High Power GaAs SPDT Switch
Features:
♦ 3x3x0.9mm Packaged pHEMT Switch
♦ Excellent low control voltage performance
♦ Excellent harmonic performance under
GSM/DCS/PCS/EDGE power levels
♦ Very high Tx-Rx isolation: >28dB typ. at
1.8GHz
♦ Very low Insertion loss: 0.5dB at 1.8GHz
♦ Very low control current
♦ RoHS compliant
Functional Schematic
ANT
V1
RF1
V2
RF2
Description and Applications:
The FMS2014-001 is a low loss, high power and linear single pole double throw Gallium Arsenide
antenna switch designed for use in mobile handset applications.
The die is fabricated using the
Filtronic FL05 0.5
μm switch process technology, which offers excellent performance optimised for
switch applications.
The FMS2014-001 is designed for use in dual/tri and quad band GSM handset
antenna switch modules and RF front-end modules. It can also find use in other applications where
high power and linear RF switching is necessary.
Electrical Specifications: (T
AMBIENT = 25°C,Vctrl = 0V/2.5V, ZIN = ZOUT = 50Ω)
Parameter
Test Conditions
Min
Typ
Max
Units
Insertion Loss
0.5 – 1.0 GHz
1.0 – 2.0 GHz
0.45
0.5
0.5
0.55
dB
dB
Return Loss
0.5 – 2.5 GHz
16
20
dB
Isolation
0.5 – 1.0 GHz
1.0 – 2.0 GHz
-30
-26
-32
-30
dB
dB
2nd Harmonic Level
1 GHz, Pin = +35 dBm, 100% Duty Cycle
2 GHz, Pin = +33 dBm, 100% Duty Cycle
-60
-65
-70
-75
dBc
dBc
3rd Harmonic Level
1 GHz, Pin = +35 dBm, 100% Duty Cycle
2 GHz, Pin = +33 dBm, 100% Duty Cycle
-60
-65
-70
-75
dBc
dBc
Switching speed : Trise, Tfall
Ton, Toff
10% to 90% RF and 90% to 10% RF
50% control to 90% RF and 50% control to 10% RF
<0.3
1.0
μs
μs
Control Current
+35dBm RF input @1GHz
5
10
μA
Note:
External DC blocking capacitors are required on all RF ports (typ: 100pF)
Contact Details (USA): Tel: +1 (408) 850 5790
Fax: +1 (408) 850 5766
Email: sales@filcsi.com
Website: www.filtronic.com


Similar Part No. - FMS2014-001-EB

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2014-001-EB FILTRONIC-FMS2014-001-EB Datasheet
187Kb / 6P
   High Power GaAs SPDT Switch
More results

Similar Description - FMS2014-001-EB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-007921 MA-COM-MASW-007921_15 Datasheet
721Kb / 7P
   High Power GaAs SPDT Switch
MASW-007921 MA-COM-MASW-007921 Datasheet
165Kb / 6P
   High Power GaAs SPDT Switch
MASWSS0161 MA-COM-MASWSS0161_14 Datasheet
667Kb / 4P
   High Power GaAs SPDT Switch
logo
Filtronic Compound Semi...
FMS2014QFN FILTRONIC-FMS2014QFN Datasheet
187Kb / 6P
   High Power GaAs SPDT Switch
logo
M/A-COM Technology Solu...
MASW-008853 MA-COM-MASW-008853 Datasheet
115Kb / 3P
   GaAs SPDT 2.7 V High Power Switch
MASWSS0117_V3 MA-COM-MASWSS0117_V3 Datasheet
143Kb / 3P
   GaAs SPDT 2.7 V High Power Switch
MASWSS0181 MA-COM-MASWSS0181_15 Datasheet
661Kb / 4P
   GaAs SPDT 2.5 V High Power Switch
MASW-008853 MA-COM-MASW-008853_15 Datasheet
598Kb / 4P
   GaAs SPDT 2.7 V High Power Switch
MASWSS0204_V3 MA-COM-MASWSS0204_V3 Datasheet
142Kb / 3P
   GaAs SPDT 2.7 V High Power Switch
MASW-008075 MA-COM-MASW-008075 Datasheet
105Kb / 3P
   GaAs SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com