Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EB200P70-AJ Datasheet(PDF) 4 Page - Filtronic Compound Semiconductors

Part # EB200P70-AJ
Description  HIGH FREQUENCY PACKAGED PHEMT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

EB200P70-AJ Datasheet(HTML) 4 Page - Filtronic Compound Semiconductors

  EB200P70-AJ Datasheet HTML 1Page - Filtronic Compound Semiconductors EB200P70-AJ Datasheet HTML 2Page - Filtronic Compound Semiconductors EB200P70-AJ Datasheet HTML 3Page - Filtronic Compound Semiconductors EB200P70-AJ Datasheet HTML 4Page - Filtronic Compound Semiconductors EB200P70-AJ Datasheet HTML 5Page - Filtronic Compound Semiconductors EB200P70-AJ Datasheet HTML 6Page - Filtronic Compound Semiconductors EB200P70-AJ Datasheet HTML 7Page - Filtronic Compound Semiconductors EB200P70-AJ Datasheet HTML 8Page - Filtronic Compound Semiconductors EB200P70-AJ Datasheet HTML 9Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
4
Preliminary Datasheet v3.0
FPD200P70
TEMPERATURE RESPONSE
FPD200P70 Gain & Power Variation over Temperature
VDS = 5.0V IDS = 30mA at f = 5.8GHz
14.00
15.00
16.00
17.00
18.00
19.00
-40
-20
0
204060
80
Temperature (C)
9.00
10.00
11.00
12.00
13.00
14.00
15.00
16.00
17.00
18.00
19.00
SSG
P1dB
FPD200P70 IP3 Variation over Te mperature
VDS = 5.0V IDS = 30mA at f = 5.8GHz
20.00
21.00
22.00
23.00
24.00
25.00
26.00
27.00
28.00
-40
-20
0
20
40
60
80
Temperature (C)
OIP3
NOTE: Typical power, gain and Intermodulation variation over temperature is shown above. The devices
were biased nominally at VDS = 5V, IDS = 30mA at a test frequency of 5.8 GHz on eval board. The eval
board is tuned for minimum noise and maximum gain. The 1dB compression point is lower than the typical
number due to the change in matching.
TYPICAL I-V CHARACTERISTICS
110
FPD200P70 I-V Curves
0
10
20
30
40
50
60
70
80
90
100
110
0
0.5
1
1.5
2
2.5
3
3.5
VDS (V)
ID
(mA)
VG=+0.50V
VG=+0.25V
VG=0V
VG=-0.25V
VG=-0.50V
VG=-0.75V
Note: The recommended method for measuring IDSS, is to set the Drain-Source voltage (VDS) at 1.3V. This
measurement point avoids the onset of spurious self-oscillation which would normally distort the current
measurement (this effect has been filtered from the I-V curves presented above).


Similar Part No. - EB200P70-AJ

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
EB20-12 BB-BATTERY-EB20-12 Datasheet
203Kb / 1P
   VRLA Rechargeable Battery
EB20-12-B1 BB-BATTERY-EB20-12-B1 Datasheet
186Kb / 1P
   VRLA Rechargeable Battery
EB20-12FR BB-BATTERY-EB20-12FR Datasheet
203Kb / 1P
   VRLA Rechargeable Battery
EB20-12 BB-BATTERY-EB20-12_15 Datasheet
186Kb / 1P
   VRLA Rechargeable Battery
logo
ON Semiconductor
EB201 ONSEMI-EB201 Datasheet
121Kb / 8P
   High Cell Density MOSFETs Low On-Resistance Affords New Design Options
February, 2002 ??Rev. 1
More results

Similar Description - EB200P70-AJ

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD7612P70 FILTRONIC-FPD7612P70 Datasheet
190Kb / 3P
   HI-FREQUENCY PACKAGED PHEMT
FPD200P70 FILTRONIC-FPD200P70 Datasheet
190Kb / 3P
   HI-FREQUENCY PACKAGED PHEMT
FPD6836P70 FILTRONIC-FPD6836P70 Datasheet
191Kb / 3P
   HI-FREQUENCY PACKAGED PHEMT
FPD6836P70 FILTRONIC-FPD6836P70_1 Datasheet
304Kb / 9P
   LOW NOISE HIGH FREQUENCY PACKAGED PHEMT
LPD200P70 FILTRONIC-LPD200P70 Datasheet
61Kb / 3P
   PACKAGED HIGH DYNAMIC RANGE PHEMT
LP7612P70 FILTRONIC-LP7612P70 Datasheet
61Kb / 3P
   PACKAGED HIGH DYNAMIC RANGE PHEMT
LPD200SOT343 FILTRONIC-LPD200SOT343 Datasheet
68Kb / 2P
   PACKAGED HIGH DYNAMIC RANGE PHEMT
FPD1500DFN_ FILTRONIC-FPD1500DFN_ Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89 Datasheet
393Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89_1 Datasheet
475Kb / 7P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com