Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPD200P70 Datasheet(PDF) 5 Page - Filtronic Compound Semiconductors

Part # FPD200P70
Description  HIGH FREQUENCY PACKAGED PHEMT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD200P70 Datasheet(HTML) 5 Page - Filtronic Compound Semiconductors

  FPD200P70 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD200P70 Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD200P70 Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD200P70 Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD200P70 Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD200P70 Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD200P70 Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD200P70 Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD200P70 Datasheet HTML 9Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Preliminary specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
5
Preliminary Datasheet v3.0
FPD200P70
NOISE PARAMETERS
iased at 5V, 30mA
Biased at 3V, 30mA
Freq
Rn/50
B
(GHz)
Mag.
Angle
0.800
0.795
12.2
0.356
0.900
0.782
13.5
0.352
1.000
0.769
14.8
0.349
1.500
0.708
21.2
0.330
1.800
0.675
25.0
0.320
2.000
0.654
27.6
0.313
2.200
0.634
30.1
0.307
2.400
0.615
32.7
0.301
2.600
0.598
35.2
0.295
2.800
0.581
37.7
0.290
3.300
0.544
43.9
0.277
3.500
0.531
46.4
0.273
3.700
0.519
48.9
0.268
4.000
0.504
52.6
0.262
4.500
0.483
58.7
0.253
4.900
0.470
63.6
0.247
5.100
0.466
66.0
0.245
5.300
0.463
68.4
0.242
5.500
0.460
70.8
0.240
5.700
0.459
73.2
0.237
5.900
0.459
75.6
0.235
7.000
0.455
81.4
0.202
8.000
0.355
94.7
0.167
9.000
0.267
102.9
0.161
10.000
0.222
114.1
0.154
11.000
0.164
116.6
0.153
12.000
0.103
138.1
0.147
13.000
0.043
-128.1
0.176
14.000
0.129
-72.4
0.223
15.000
0.249
-36.9
0.300
Γopt
Freq
Rn/50
(GHz)
Mag.
Angle
0.800
0.788
10.9
0.454
0.900
0.788
12.1
0.443
1.000
0.788
13.2
0.433
1.500
0.787
19.1
0.386
1.800
0.784
22.6
0.362
2.000
0.782
24.9
0.347
2.200
0.778
27.2
0.334
2.400
0.774
29.6
0.321
2.600
0.769
31.9
0.310
2.800
0.763
34.2
0.300
3.300
0.746
39.9
0.280
3.500
0.738
42.2
0.274
3.700
0.730
44.5
0.269
4.000
0.715
47.9
0.263
4.500
0.688
53.5
0.257
4.900
0.662
58.0
0.255
5.100
0.649
60.2
0.255
5.300
0.634
62.4
0.255
5.500
0.619
64.7
0.255
5.700
0.604
66.9
0.255
5.900
0.587
69.1
0.256
7.000
0.470
78.6
0.214
8.000
0.367
90.8
0.177
9.000
0.281
97.7
0.171
10.000
0.239
108.3
0.161
11.000
0.185
109.7
0.158
12.000
0.124
127.3
0.147
13.000
0.031
-152.8
0.174
14.000
0.118
-76.9
0.216
15.000
0.244
-41.0
0.290
Γopt


Similar Part No. - FPD200P70

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD200P70 FILTRONIC-FPD200P70 Datasheet
190Kb / 3P
   HI-FREQUENCY PACKAGED PHEMT
More results

Similar Description - FPD200P70

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD7612P70 FILTRONIC-FPD7612P70 Datasheet
190Kb / 3P
   HI-FREQUENCY PACKAGED PHEMT
FPD200P70 FILTRONIC-FPD200P70 Datasheet
190Kb / 3P
   HI-FREQUENCY PACKAGED PHEMT
FPD6836P70 FILTRONIC-FPD6836P70 Datasheet
191Kb / 3P
   HI-FREQUENCY PACKAGED PHEMT
FPD6836P70 FILTRONIC-FPD6836P70_1 Datasheet
304Kb / 9P
   LOW NOISE HIGH FREQUENCY PACKAGED PHEMT
LPD200P70 FILTRONIC-LPD200P70 Datasheet
61Kb / 3P
   PACKAGED HIGH DYNAMIC RANGE PHEMT
LP7612P70 FILTRONIC-LP7612P70 Datasheet
61Kb / 3P
   PACKAGED HIGH DYNAMIC RANGE PHEMT
LPD200SOT343 FILTRONIC-LPD200SOT343 Datasheet
68Kb / 2P
   PACKAGED HIGH DYNAMIC RANGE PHEMT
FPD1500DFN_ FILTRONIC-FPD1500DFN_ Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89 Datasheet
393Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89_1 Datasheet
475Kb / 7P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com