Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2210PVC-3 Datasheet(PDF) 8 Page - SpectraLinear Inc

Part # CY2210PVC-3
Description  133 MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY2210PVC-3 Datasheet(HTML) 8 Page - SpectraLinear Inc

Back Button CY2210PVC-3 Datasheet HTML 2Page - SpectraLinear Inc CY2210PVC-3 Datasheet HTML 3Page - SpectraLinear Inc CY2210PVC-3 Datasheet HTML 4Page - SpectraLinear Inc CY2210PVC-3 Datasheet HTML 5Page - SpectraLinear Inc CY2210PVC-3 Datasheet HTML 6Page - SpectraLinear Inc CY2210PVC-3 Datasheet HTML 7Page - SpectraLinear Inc CY2210PVC-3 Datasheet HTML 8Page - SpectraLinear Inc CY2210PVC-3 Datasheet HTML 9Page - SpectraLinear Inc CY2210PVC-3 Datasheet HTML 10Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CY2210
Rev 1.0, November 25, 2006
Page 8 of 10
Notes:
7. CPUCLK on and CPUCLK off latency is 2 or 3 CPUCLK cycles.
8. CPU_STOP may be applied asynchronously. It is synchronized internally.
Switching Waveforms (continued)
CPU-PCI Clock Skew
CPU
t14
PCI
CPU_STOP Timing
CPUCLK
(Internal)
PCICLK
(Internal)
PCICLK
(Free-Running)
CPU_STOP
CPU, CPU/2, AGP
(External)
[7, 8]
PCI_STOP
CPUCLK
(Internal)
PCICLK
(Internal)
PCICLK
PCI_STOP
PCICLK
(External)
(Free-Running)
PWR_DOWN
CPUCLK
(Internal)
PCICLK
(Internal)
PWR_DWN
PCICLK
CPUCLK
(External)
(External)
VCO
Crystal
Shaded section on the VCO and Crystal waveforms indicates that the VCO and crystal oscillator are active, and there is a valid clock.


Similar Part No. - CY2210PVC-3

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2210PVC-3 CYPRESS-CY2210PVC-3 Datasheet
129Kb / 10P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
More results

Similar Description - CY2210PVC-3

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2210 CYPRESS-CY2210 Datasheet
129Kb / 10P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
CY2287 CYPRESS-CY2287 Datasheet
148Kb / 13P
   100-MHz Spread Spectrum Clock Synthesizer/Driver with USB, Hublink, and SDRAM Support
CY28329 CYPRESS-CY28329 Datasheet
290Kb / 17P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
CY2220 CYPRESS-CY2220 Datasheet
128Kb / 11P
   133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
logo
SpectraLinear Inc
CY28329 SPECTRALINEAR-CY28329 Datasheet
241Kb / 16P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
CY28329 SILABS-CY28329 Datasheet
189Kb / 16P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
CY28322-2 CYPRESS-CY28322-2 Datasheet
235Kb / 17P
   133-MHz Spread Spectrum Clock Synthesizer with Differential CPU Outputs
W320-03 CYPRESS-W320-03_05 Datasheet
302Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver
logo
Pericom Semiconductor C...
PI6C3420A PERICOM-PI6C3420A Datasheet
492Kb / 5P
   27 MHz Spread Spectrum Clock Synthesizer
logo
Renesas Technology Corp
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com