Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2210PVC-2 Datasheet(PDF) 3 Page - SpectraLinear Inc

Part # CY2210PVC-2
Description  133 MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY2210PVC-2 Datasheet(HTML) 3 Page - SpectraLinear Inc

  CY2210PVC-2 Datasheet HTML 1Page - SpectraLinear Inc CY2210PVC-2 Datasheet HTML 2Page - SpectraLinear Inc CY2210PVC-2 Datasheet HTML 3Page - SpectraLinear Inc CY2210PVC-2 Datasheet HTML 4Page - SpectraLinear Inc CY2210PVC-2 Datasheet HTML 5Page - SpectraLinear Inc CY2210PVC-2 Datasheet HTML 6Page - SpectraLinear Inc CY2210PVC-2 Datasheet HTML 7Page - SpectraLinear Inc CY2210PVC-2 Datasheet HTML 8Page - SpectraLinear Inc CY2210PVC-2 Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CY2210
Rev 1.0, November 25, 2006
Page 3 of 10
Notes:
2. TCLK is a test clock driven in on the XTALIN input in test mode.
3. Only CY2210-2 supports this option. In CY2210-3, this selection is defined as “N/A” or “Reserved”.
Function Table[2]
SEL133
SEL1
SEL0
CPUCLK
(MHz)
CPUCLK/2
(MHz)
AGPCLK
(MHz)
PCICLK
(MHz)
USBCLK
(MHz)
REFCLK
(MHz)
APICCLK
(MHz)
0
0
0
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
0
0
1
100.227[3]
50.114[3]
66.818[3]
33.409[3]
48.008[3]
14.318[3]
16.705[3]
0
1
0
100
50
66.67
33.33
OFF
14.318
16.67
0
1
1
100
50
66.67
33.33
48
14.318
16.67
1
0
0
TCLK/2
TCLK/4
TCLK/4
TCLK/8
TCLK/2
TCLK
TCLK/16
1
0
1
N/A
N/A
N/A
N/A
N/A
N/A
N/A
1
1
0
133.33
66.67
66.67
33.33
OFF
14.318
16.67
1
1
1
133.33
66.67
66.67
33.33
48
14.318
16.67
Actual Clock Frequency Values
Clock
Output
Target
Frequency
(MHz)
Actual
Frequency
(MHz)
PPM
-2
-3
-4
-2
-3
-4
-2
-3
-4
CPUCLK
100.0
100.0
100.0
99.126
99.126
100.227
–8740
–8740
+2714
CPUCLK
133.33
133.33
133.33
132.769
132.769
132.769
–4208
–4208
–4208
USBCLK
48.0
48.0
48.0
48.008
48.008
48.008
167
167
167
Clock Enable Configuration
CPU_STOP
PWR_DWN
PCI_STOP
CPUCLK
CPUCLK/2
AGP
PCI
PCI_F
REF
APIC
OSC.
VCOs
X
0
X
LOW
LOW
LOW
LOW
LOW
LOW
OFF
OFF
0
1
0
LOW
ON
LOW
LOW
ONONONON
0
1
1
LOW
ON
LOW
ON
ON
ON
ON
ON
1
1
0
ON
ON
ON
LOW
ONONONON
1
1
1
ON
ON
ON
ON
ON
ON
ON
ON
Clock Driver Impedances
Impedance
Buffer Name
VDD Range
Buffer Type
Minimum
Typical
Maximum
CPU, CPU/2, APIC
2.375–2.625
Type 1
13.5
29
45
USB, REF
3.135–3.465
Type 3
20
40
60
PCI, AGP
3.135–3.465
Type 5
12
30
55


Similar Part No. - CY2210PVC-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2210PVC-2 CYPRESS-CY2210PVC-2 Datasheet
129Kb / 10P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
More results

Similar Description - CY2210PVC-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2210 CYPRESS-CY2210 Datasheet
129Kb / 10P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with AGP, USB, and DRCG Support
CY2287 CYPRESS-CY2287 Datasheet
148Kb / 13P
   100-MHz Spread Spectrum Clock Synthesizer/Driver with USB, Hublink, and SDRAM Support
CY28329 CYPRESS-CY28329 Datasheet
290Kb / 17P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
CY2220 CYPRESS-CY2220 Datasheet
128Kb / 11P
   133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
logo
SpectraLinear Inc
CY28329 SPECTRALINEAR-CY28329 Datasheet
241Kb / 16P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
CY28329 SILABS-CY28329 Datasheet
189Kb / 16P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
CY28322-2 CYPRESS-CY28322-2 Datasheet
235Kb / 17P
   133-MHz Spread Spectrum Clock Synthesizer with Differential CPU Outputs
W320-03 CYPRESS-W320-03_05 Datasheet
302Kb / 18P
   200-MHz Spread Spectrum Clock Synthesizer/Driver
logo
Pericom Semiconductor C...
PI6C3420A PERICOM-PI6C3420A Datasheet
492Kb / 5P
   27 MHz Spread Spectrum Clock Synthesizer
logo
Renesas Technology Corp
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com