Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4969 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4969
Description  SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969 Datasheet(HTML) 1 Page - STMicroelectronics

  L4969 Datasheet HTML 1Page - STMicroelectronics L4969 Datasheet HTML 2Page - STMicroelectronics L4969 Datasheet HTML 3Page - STMicroelectronics L4969 Datasheet HTML 4Page - STMicroelectronics L4969 Datasheet HTML 5Page - STMicroelectronics L4969 Datasheet HTML 6Page - STMicroelectronics L4969 Datasheet HTML 7Page - STMicroelectronics L4969 Datasheet HTML 8Page - STMicroelectronics L4969 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1/35
L4969
August 2003
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
s
OPERATING SUPPLY VOLTAGE 6V TO 28V,
TRANSIENT UP TO 40V
s
LOW QUIESCENT CURRENT CONSUMP-
TION, LESS THAN 40
µA IN SLEEP MODE
s
TWO VERY LOW DROP VOLTAGE
REGULATORS 5V / 200mA
AND 5V/200mA
s
SEPARATE VOLTAGE REGULATOR FOR
CAN-TRANSCEIVER SUPPLY WITH LOW
POWER SLEEP MODE
s
EFFICIENT UC SUPERVISION AND RESET
LOGIC
s
24 BIT SERIAL INTERFACE
s
AN UNPOWERED OR INSUFFICIENTLY
SUPPLIED NODE DOES NOT DISTURB THE
BUS LINES
s
VS VOLTAGE SENSE COMPARATOR
s
SUPPORTS TRANSMISSION WITH
GROUNDSHIFT:
SINGLE WIRE: 1.5V, DIFFERENTIAL: 3V
DESCRIPTION
The L4969 is an integrated circuit containing 3 inde-
pendent Voltage Regulators and a standard fault tol-
erant low speed CAN line interface in multipower
BCD3S process.
It integrates all main local functions for automotive body
electronic applications connected to a CAN bus.
SO20
PowerSO20
ORDERING NUMBERS: L4969MD (SO20)
L4969 (PowerSO20)
PRELIMINARY DATA
SYSTEM VOLTAGE REGULATOR
WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
Figure 1. Block Diagram
VREG 1
VREG 2
VREG 3
Fault tolerant
low speed
CAN-transceiver
24 Bit SPI
Control and Status Memory
Identifier Filter
Watchdog and
adjustable RC-Oscillator
VS
V1
V2
V3
CANH
CANL
RTH
RTL
TX
RX
SCLK
SIN
SOUT
WAKE
NINT
NRESET


Similar Part No. - L4969

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4969UR-E STMICROELECTRONICS-L4969UR-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
L4969UR-E STMICROELECTRONICS-L4969UR-E Datasheet
1Mb / 22P
   for car body applications
L4969URD-E STMICROELECTRONICS-L4969URD-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
L4969URD-E STMICROELECTRONICS-L4969URD-E Datasheet
1Mb / 22P
   for car body applications
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
More results

Similar Description - L4969

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
logo
Infineon Technologies A...
IFX1054G INFINEON-IFX1054G Datasheet
1Mb / 21P
   Fault Tolerant Low Speed CAN-Transceiver
Rev. 1.0, 2009-05-12
TLE6254-3G INFINEON-TLE6254-3G_07 Datasheet
471Kb / 26P
   Fault Tolerant Low Speed CAN-Transceiver
Rev. 2.1, Aug. 2007
TLE6254-3G INFINEON-TLE6254-3G Datasheet
539Kb / 25P
   Fault Tolerant Low Speed CAN-Transceiver
Rev. 2.0, 2005-03-24
logo
Motorola, Inc
MC33389 MOTOROLA-MC33389 Datasheet
592Kb / 35P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
Freescale Semiconductor...
33389 FREESCALE-33389 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
33889 FREESCALE-33889 Datasheet
2Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
logo
NXP Semiconductors
PCA82C252 PHILIPS-PCA82C252 Datasheet
112Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 28
TJA1053 PHILIPS-TJA1053 Datasheet
113Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com