Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2362 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2362
Description  PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2362 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2362_1 Datasheet HTML 2Page - RF Micro Devices RF2362_1 Datasheet HTML 3Page - RF Micro Devices RF2362_1 Datasheet HTML 4Page - RF Micro Devices RF2362_1 Datasheet HTML 5Page - RF Micro Devices RF2362_1 Datasheet HTML 6Page - RF Micro Devices RF2362_1 Datasheet HTML 7Page - RF Micro Devices RF2362_1 Datasheet HTML 8Page - RF Micro Devices RF2362_1 Datasheet HTML 9Page - RF Micro Devices RF2362_1 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6 of 10
RF2362
Rev A6 DS070816
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
1
2
3
5
4
C3
4 pF
50
Ω μstrip
J1
RF IN
C2
220 pF
C1
10 nF
R1
0
Ω
VPD
50
Ω μstrip
C4
1 pF
50
Ω μstrip
J2
RF OUT
L1
4.7 nH
C5
220 pF
C6
10 nF
VCC
P1
1
2
3
P1-1
VPD
GND
VCC
C7
4.7
μF
2362400-


Similar Part No. - RF2362_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2362PCBA RFMD-RF2362PCBA Datasheet
83Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362PCBA RFMD-RF2362PCBA Datasheet
107Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_06 Datasheet
107Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
More results

Similar Description - RF2362_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2324 RFMD-RF2324_06 Datasheet
110Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362 Datasheet
83Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2324 RFMD-RF2324 Datasheet
102Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2324 RFMD-RF2324_1 Datasheet
96Kb / 4P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_06 Datasheet
107Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367_06 Datasheet
118Kb / 8P
   PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367_1 Datasheet
252Kb / 10P
   PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367 Datasheet
93Kb / 8P
   PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2157 RFMD-RF2157 Datasheet
192Kb / 10P
   PCS CDMA/TDMA 3V POWER AMPLIFIER
RF2381 RFMD-RF2381_06 Datasheet
125Kb / 8P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com