Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB170 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # SB170
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SB170 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SB170 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SB170 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.galaxycn.com
Document Number 0266004
2.
REVERSE VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.6--TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG.5--TYPICAL JUNCTION CAPACITANCE
PULSE DURATION,Sec.
PEAK FORWARD SURGE CURRENT
RATINGS AND CHARACTERISTIC CURVES
AMBIENT TEMPERATURE,
SB120 ---SB1A0
FIG.1 -- FORWARD CURRENT DERATING CURVE
FIG.4--TYPICAL REVERSE CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
FIG.2 --MAXIMUM NON-REPETITIVE
FIG.3 --TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
0
1
20
10
40
30
50
10
100
TJ=TJMAX
8.3ms Single Half
Sine-Wave
0.1
10
SB150-SB1A0
SB120-SB140
TJ=25℃
f=1.0MHz
Vsig=50mVp-p
1
100
10
100
400
0.01
0.1
1
020
40
60
10
100
80
100
TJ=25
TJ=75℃
TJ=100℃
1000
SB150-SB160
0.01
50
0.1
1
10
0
0 .2 0 .4 0 .6
1 .2 1 .4
P u ls e w idth=3 0 0
s
1 % D u ty C y c le
0.8 1.0
1.6
SB170-SB1A0
SB120-SB140
SB120-SB140
25
0
0
0.25
50
75
0.75
0.5
1.0
100
125
150
175
Resistive or
Inductive Load
0.375"(9.5mm)
Lead Length
SB150-SB1A0
0.01
0.1
1
100
10
0.1
10
100
1
BLGALAXY ELECTRICAL


Similar Part No. - SB170

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SB170 DIODES-SB170 Datasheet
63Kb / 2P
   1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30116 Rev. B-1
logo
DONGGUAN YOU FENG WEI E...
SB170 YFWDIODE-SB170 Datasheet
73Kb / 2P
   1.0Amp Schottky Barrier Rectifiers
logo
EIC discrete Semiconduc...
SB170 EIC-SB170 Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Diode Semiconductor Kor...
SB170 DSK-SB170 Datasheet
623Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
GOOD-ARK Electronics
SB170 GOOD-ARK-SB170 Datasheet
70Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB170

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com