Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLF-110 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # CLF-110
Description  MIXERS TRIPLE-BALANCED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

CLF-110 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  CLF-110 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION CLF-110 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
[ 76 ]
MIXERS
TRIPLE-BALANCED
MIXERS
TRIPLE-BALANCED
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
0.05 - 200
0.05 - 200
5.5/6.5
6.5/7
45/30
50/45
45/40
35/25
40/35
35/30
102
3
CLP-206
10 - 1000
5 - 500
6/7.5
7/8
50/40
40/30
30/20
40/25
30/18
25/15
102
4
CLP-2P4
0.05 - 1500
0.05 - 500
6/7.5
7/9
25/20
35/25
30/20
25/20
35/25
25/15
102
3
CLP-2H5
0.05 - 2000
0.05 - 500
6/8
7/9
25/20
40/30
30/20
25/20
40/30
25/15
102
3
CLP-2B6
10 - 2500
10 - 1000
7/8
7.5/8.5
55/35
45/30
35/25
35/20
35/20
27/20
103
3
CLP-205
500 - 3700
500 - 1000
--/--
9.5/11.5
45/25
45/25
45/25
40/20
40/20
40/20
103
3
CLP-210
10 - 2000
10 - 1000
6/8
6.5/8
32/25
35/25
35/25
33/20
30/20
30/20
105
5
CLP-3E6
10 - 2500
10 - 1000
7/8
7.5/8.5
55/35
45/30
35/25
35/20
30/20
27/20
105
6
CLP-305
10 - 3000
10 - 800
6.3/8
6.5/8.5
35/25
35/25
35/25
30/20
30/20
30/20
105
5
CLP-3B8
500 - 3700
500 - 1000
--/--
9.5/11.5
45/25
45/25
45/25
40/20
40/20
40/20
105
6
CLP-310
1 - 2500
1 - 2000
6.5/8.5
8.0/9.5
45/35
35/25
28/20
40/30
26/20
22/16
133
2
SMD-C8
5 - 1000
5 - 1000
6.5/8
7.5/9.5
35/20
40/30
30/23
30/20
30/20
25/20
159
1
SLD-K5
25 - 1800
25 - 1000
7.5/8.5
8/9
50/30
45/25
35/20
30/15
25/15
23/15
133
2
SMD-C5
50 - 2500
50 - 880
7/8.5
8/9.2
44/35
--/--
40/30
38/28
--/--
25/20
133
2
SMD-C7
800 - 3550
800 - 2500
--/--
10/11.8
--/--
--/--
28/20
--/--
--/--
23/15
133
2
SMD-C9**
IMPROVED DYNAMIC RANGE
LO = +10 dBm
THROUGH HOLE (RELAY)
NOTES:
1. 1dB Compression Point = +5 dBm (Typ)
2. IP3 (Input) = +18 dBm (Typ)
3. As IF frequency decrease below LF towards DC, conversion loss increases
up to 8 dB higher than maximum.
4. Maximum Input Power without damage = 250 mW ave. cw
LO Frequency is specified from 600 to 2595 MHz
** UB identifies the full bandwidth specification
SURFACE MOUNT
FREQUENCY RANGE
(MHz)
CONVERSION
LOSS (dB)
RF/LO
IF
XMB
TYP/MAX
FULL
BAND
TYP/MAX
LB
TYP/MIN
MB
TYP/MIN
UB
TYP/MIN
LB
TYP/MIN
MB
TYP/MIN
UB
TYP/MIN
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
PACKAGE
MODEL
PIN
OUT
FREQUENCY RANGE
(MHz)
CONVERSION
LOSS (dB)
RF/LO
IF
XMB
TYP/MAX
FULL
BAND
TYP/MAX
LB
TYP/MIN
MB
TYP/MIN
UB
TYP/MIN
LB
TYP/MIN
MB
TYP/MIN
UB
TYP/MIN
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
PACKAGE
MODEL
PIN
OUT
ALL MODELS
MODEL SMD-C7
XMB= 2LF to HF/2
XMB = 750 - 1000 MHz
FULL BAND = LF to HF
LB = 750 - 1200 MHz
LB= LF to 10LF
UB =1200 - 2500 MHz
MB = 10LF to HF/2
UB= HF/2 to HF
#1
4
1
5
2,3,6
--
--
#2
1
2
3
4,5,6
--
--
#3
1
8
3
2,5,6,7
2,5,6,7
4
#4
8
1
3
2,5,6,7
2,5,6,7
4
#5
4
1
233
--
#6
1
4
233
--
RF
LO
IF
GND
CASE GND
NO CONN.
PIN-OUT TABLE
GND = Ground externally
For pin location and package outline drawings, see back pages.
*Connect pins together externally.
159
133
103
102
105


Similar Part No. - CLF-110

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CLF-280 VCC-CLF-280 Datasheet
90Kb / 1P
   HEIGHT FRESNEL LENS 5MM ROUND STANDARD
logo
Tyco Electronics
CLF-41-70010 MACOM-CLF-41-70010 Datasheet
51Kb / 2P
   Delay on operate timing mode
CLF-41-70010 MACOM-CLF-41-70010 Datasheet
51Kb / 2P
   Compact Time Delay Relay
CLF-41-70120 MACOM-CLF-41-70120 Datasheet
51Kb / 2P
   Delay on operate timing mode
CLF-41-70120 MACOM-CLF-41-70120 Datasheet
51Kb / 2P
   Compact Time Delay Relay
More results

Similar Description - CLF-110

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SLD-K5M SYNERGY-SLD-K5M Datasheet
45Kb / 2P
   MIXERS TRIPLE-BALANCED
logo
Marki Microwave
M2-0243 MARKIMICROWAVE-M2-0243 Datasheet
138Kb / 2P
   TRIPLE-BALANCED MIXERS
M2B-0218 MARKIMICROWAVE-M2B-0218 Datasheet
192Kb / 2P
   TRIPLE-BALANCED MIXERS
logo
SYNERGY MICROWAVE CORPO...
CVP-206 SYNERGY-CVP-206 Datasheet
41Kb / 2P
   MIXERS TRIPLE-BALANCED
logo
Marki Microwave
M2-0020 MARKIMICROWAVE-M2-0020 Datasheet
199Kb / 2P
   TRIPLE-BALANCED MIXERS
M2H-0220 MARKIMICROWAVE-M2H-0220 Datasheet
246Kb / 3P
   TRIPLE-BALANCED MIXERS
M2-0440 MARKIMICROWAVE-M2-0440 Datasheet
191Kb / 2P
   TRIPLE-BALANCED MIXERS
M2-0226 MARKIMICROWAVE-M2-0226 Datasheet
247Kb / 3P
   TRIPLE-BALANCED MIXERS
M2-0240 MARKIMICROWAVE-M2-0240 Datasheet
143Kb / 2P
   TRIPLE-BALANCED MIXERS
M2H-0226 MARKIMICROWAVE-M2H-0226 Datasheet
242Kb / 3P
   TRIPLE-BALANCED MIXERS
logo
List of Unclassifed Man...
M2-0004 ETC2-M2-0004 Datasheet
112Kb / 2P
   TRIPLE-BALANCED MIXERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com