Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USF24 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # USF24
Description  SUPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

USF24 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  USF24 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited USF24 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Case:JEDEC DO--15,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.014 ounces,0.39 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load. For capacitive load,derate by 20%.
USF22
USF23
USF24
UNITS
Maximum recurrent peak reverse voltage
VRRM
100
150
200
V
Maximum RMS voltage
VRMS
70
105
140
V
Maximum DC blocking voltage
VDC
100
150
200
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 2.0A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time (Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
3. Thermal resistance f rom junction to ambient.
35
- 55 ----- + 150
20
15
350.0
50
0.92
SUPER FAST RECTIFIER
USF21
50
The plastic material carries U/L recognition 94V-0
VOLTAGE RANGE: 50 --- 200 V
CURRENT: 2.0 A
DO - 15
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
A
- 55 ----- + 150
10.0
40
GALAXY ELECTRICAL
A
75.0
IR
IFSM
USF21 --- USF24
A
Easily cleaned with alcohol,Isopropanol
and similar solvents
IF(AV)
2.0
www.galaxycn.com
BLGALAXY ELECTRICAL
BL
Document Number 0264029
1
.


Similar Part No. - USF24

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
USF24 RECTRON-USF24 Datasheet
33Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 2.0 Amperes
logo
Diode Semiconductor Kor...
USF24 DSK-USF24 Datasheet
274Kb / 2P
   SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
USF24 LUGUANG-USF24 Datasheet
1Mb / 2P
   Super Fast Rectifiers
logo
List of Unclassifed Man...
USF240 ETC2-USF240 Datasheet
157Kb / 2P
   Ultra-Stable Low TC Film Resistors
logo
Caddock Electronics, In...
USF240 CADDOCK-USF240 Datasheet
181Kb / 2P
   Type USF Ultra-Stable Low TC Film Resistors
More results

Similar Description - USF24

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SF11 YANGJIE-SF11 Datasheet
145Kb / 2P
   Super Fast Rectifier
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
   SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
   SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
   SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
SF101 JINANJINGHENG-SF101 Datasheet
88Kb / 2P
   SUPER FAST RECTIFIER
SF201 JINANJINGHENG-SF201 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SF31 CHENG-YI-SF31 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
SF51 CHENG-YI-SF51 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
   SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com