Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UGP20K Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # UGP20K
Description  ULTRA FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

UGP20K Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  UGP20K Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited UGP20K Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Number 0264025
2.
FIG.4--TYPICAL REVERSE CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
FIG.2 --PEAK FORWARD SURGE CURRENT
FIG.3 --TYPECAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
RATINGS AND CHARACTERISTIC CURVES
AMBIENT TEMPERATURE,
UGP20A --- UGP20K
FIG.1 -- FORWARD DERATING CURVE
REVERSE VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.5--TYPICAL JUNCTION CAPACITANCE
0.01
0.1
1
10
0.2
1.0
0.6
2.2
1.4
1.8
0.02
0.04
0.2
0.4
2
4
TJ=25
Pulse Width=300
µs
1
2
4
6
10
20
40
60
100
0.1 0.2
0.4
1
2
4
10
40
100
20
TJ=25
f=1.0MHZ
0
40
1
10
100
50
8.3ms Single Half
Sine-Wave
70
60
30
UGP20J-UGP20K
UGP20A-UGP20G
20
10
550
1.0
0
25
50
75
100
125
150
0
175
1.5
2.0
0.5
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0.375"(9.5mm)Lead Length
100
0.1
1
10
10
40
20
100
60
80
110
TJ=100
TJ=125℃
BLGALAXY ELECTRICAL
www.galaxycn.com


Similar Part No. - UGP20K

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
UGP20K ZOWIE-UGP20K Datasheet
61Kb / 2P
   SINTERED GLASS PASSIVATED ULTRAFAST EFFICIENT RECTIFIER
logo
TAITRON Components Inco...
UGP20K TAITRON-UGP20K Datasheet
191Kb / 4P
   2.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
logo
Leshan Radio Company
UGP20K LRC-UGP20K Datasheet
203Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 800V Forward Current2.0A
logo
Diode Semiconductor Kor...
UGP20K DSK-UGP20K Datasheet
260Kb / 2P
   ULTRA FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
UGP20K BILIN-UGP20K Datasheet
253Kb / 2P
   ULTRA FAST RECTIFIER
More results

Similar Description - UGP20K

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
UF5400 PFS-UF5400 Datasheet
170Kb / 2P
   ULTRA FAST RECTIFIER
logo
Solid States Devices, I...
SDR6K SSDI-SDR6K_2 Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
   Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
   Ultra Fast Rectifier
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
   ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0135A SSDI-RC0135A Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0164A SSDI-RC0164A Datasheet
138Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
   ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com