Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL2305SI-1HT Datasheet(PDF) 10 Page - SpectraLinear Inc

Part # SL2305SI-1HT
Description  Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL2305SI-1HT Datasheet(HTML) 10 Page - SpectraLinear Inc

Back Button SL2305SI-1HT Datasheet HTML 3Page - SpectraLinear Inc SL2305SI-1HT Datasheet HTML 4Page - SpectraLinear Inc SL2305SI-1HT Datasheet HTML 5Page - SpectraLinear Inc SL2305SI-1HT Datasheet HTML 6Page - SpectraLinear Inc SL2305SI-1HT Datasheet HTML 7Page - SpectraLinear Inc SL2305SI-1HT Datasheet HTML 8Page - SpectraLinear Inc SL2305SI-1HT Datasheet HTML 9Page - SpectraLinear Inc SL2305SI-1HT Datasheet HTML 10Page - SpectraLinear Inc SL2305SI-1HT Datasheet HTML 11Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Rev 1.4, May 25, 2007
Page 10 of 11
SL2305
Package Outline and Package Dimensions
8-Pin TSSOP Package (173 mil)
Thermal Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Still air
-
110
-
°C/W
1m/s air flow
-
100
-
°C/W
Thermal Resistance
Junction to Ambient
3m/s air flow
-
80
-
°C/W
Thermal Resistance
Junction to Case
Independent of air flow
-
35
-
°C/W


Similar Part No. - SL2305SI-1HT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL2305SI-1HT SILABS-SL2305SI-1HT Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
More results

Similar Description - SL2305SI-1HT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
logo
Silicon Laboratories
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP09 SPECTRALINEAR-SL23EP09 Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com