Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL2304NZZI-1T Datasheet(PDF) 6 Page - SpectraLinear Inc

Part # SL2304NZZI-1T
Description  Low Jitter and Skew DC to 160MHz Clock Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL2304NZZI-1T Datasheet(HTML) 6 Page - SpectraLinear Inc

  SL2304NZZI-1T Datasheet HTML 1Page - SpectraLinear Inc SL2304NZZI-1T Datasheet HTML 2Page - SpectraLinear Inc SL2304NZZI-1T Datasheet HTML 3Page - SpectraLinear Inc SL2304NZZI-1T Datasheet HTML 4Page - SpectraLinear Inc SL2304NZZI-1T Datasheet HTML 5Page - SpectraLinear Inc SL2304NZZI-1T Datasheet HTML 6Page - SpectraLinear Inc SL2304NZZI-1T Datasheet HTML 7Page - SpectraLinear Inc SL2304NZZI-1T Datasheet HTML 8Page - SpectraLinear Inc SL2304NZZI-1T Datasheet HTML 9Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Rev 1.3, May 16, 2007
Page 6 of 9
SL2304NZ
Operating Conditions (I-Grade and VDD=3.3V)
Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF and Ambient Temperature range -40 to +85°C
Description
Symbol
Condition
Min
Typ
Max
Unit
Operating Voltage
VDD
VDD+/-10%
2.97
3.3
3.63
V
Operating Temperature
TA
Ambient Temperature
-40
85
°C
Input Capacitance
VIH
Pins 1 and 2
6
8
pF
Output Capacitance
COUT
Pins 3, 5, 7 and 8
4
6
pF
Load Capacitance
CL
Pins 3, 5, 7 and 8
25
pF
DC Electrical Characteristics (I-Grade and VDD=3.3V)
Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF and Ambient Temperature range -40 to +85°C
Description
Symbol
Condition
Min
Typ
Max
Unit
Input LOW Voltage
VINL
CLKIN and OE
0.8
V
Input HIGH Voltage
VINH
CLKIN and OE
2.0
VDD+0.3
V
Input LOW Current
IINL
0 < VIN < 0.8V
-6
+/-3
6
µA
Input HIGH Current
IINH
2.4V < VIN < VDD
-6
+/-3
6
µA
IOL=24mA
0.80
V
Output Low Voltage
VOL
IOL=12mA
0.55
V
IOH=-24mA
2.0
V
Output High Voltage
VOH
IOH=-12mA
2.4
V
Power Supply Current
IDD1
CLKIN=33MHz
CL=0 (No load at outputs)
8
11
mA
Power Supply Current
IDD2
CLKIN=66MHz
CL=0 (No load at outputs)
9
13
mA
Power Supply Current
IDD3
CLKIN=133MHz
CL=0 (No load at outputs)
–14
20
mA
Switching Electrical Characteristics (I-Grade and VDD=3.3V)
Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF and Ambient Temperature range -40 to +85°C
Description
Symbol
Condition
Min
Typ
Max
Unit
Output Frequency Range
FOUT
CL=25pf
0
160
MHz
Input Duty Cycle
DC1
Measured at VDD/2
20
50
80
%
Output Duty Cycle
DC2
CL=15pF, Fout=66 MHz
Measured at VDD/2
45
50
55
%
Output Duty Cycle
DC3
CL=15pF, Fout=133 MHz
Measured at VDD/2
45
50
55
%


Similar Part No. - SL2304NZZI-1T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL2304NZZI-1T SILABS-SL2304NZZI-1T Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
More results

Similar Description - SL2304NZZI-1T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL23EP09NZ SPECTRALINEAR-SL23EP09NZ Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
logo
Silicon Laboratories
SL2304NZ SILABS-SL2304NZ Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910 Datasheet
162Kb / 7P
   Low Skew Clock Buffer
CY7B9910 CYPRESS-CY7B9910_07 Datasheet
371Kb / 11P
   Low Skew Clock Buffer
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
   Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
SpectraLinear Inc
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com