Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28510OC Datasheet(PDF) 7 Page - SpectraLinear Inc

Part # CY28510OC
Description  Peripheral I/O Clock Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28510OC Datasheet(HTML) 7 Page - SpectraLinear Inc

Back Button CY28510OC Datasheet HTML 3Page - SpectraLinear Inc CY28510OC Datasheet HTML 4Page - SpectraLinear Inc CY28510OC Datasheet HTML 5Page - SpectraLinear Inc CY28510OC Datasheet HTML 6Page - SpectraLinear Inc CY28510OC Datasheet HTML 7Page - SpectraLinear Inc CY28510OC Datasheet HTML 8Page - SpectraLinear Inc CY28510OC Datasheet HTML 9Page - SpectraLinear Inc CY28510OC Datasheet HTML 10Page - SpectraLinear Inc CY28510OC Datasheet HTML 11Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CY28510
Rev 1.0, November 20, 2006
Page 7 of 12
Dial-a-Frequency Operation
VCO Frequency = (14.318180 MHz) x (N/ M)
Output1 = VCO/4 = 66.669 MHz
Output2 = VCO/8 = 33.335 MHz
To operate the Dial-a-Frequency feature, you must select the
individual output that is to be modified by selecting the Spread
spectrum control enable bit in the Clock Spread Enable
Registers to multiplex the SS PLL as the input source, which
is the only PLL that can have the “N” register value changed.
Then you must disable spread spectrum by setting MSTRSRD
in the Clock Spread Spectrum Control Register (Byte 2, bit 2)
to 0 so that the spread PLL is not being modulated. It is then
possible to change the N value from it’s default value of 149 to
any value within ±25%. You must also set the DAFEN bit to a
1 in Byte 6, bit 0 to enable the Dial-a-Frequency feature.
Please note that the long-term or accumulated jitter will be
about 3nsec, which does not affect the operation of the device
since only Cycle-to-Cycle jitter can cause system problems.
Crystal Recommendations
The CY28510 requires a Parallel Resonance Crystal.
Substituting a series resonance crystal will cause the
CY28510 to operate at the wrong frequency and violate the
ppm specification. For most applications there is a 300-ppm
frequency shift between series and parallel crystals due to
incorrect loading. See Table 6.
Crystal Loading
Crystal loading plays a critical role in achieving low ppm perfor-
mance. To realize low ppm performance, the total capacitance
the crystal will see must be considered to calculate the appro-
priate capacitive loading (CL). The following diagram shows a
typical crystal configuration using the two trim capacitors. An
important clarification for the following discussion is that the
trim capacitors are in series with the crystal not parallel. It’s a
common misconception that load capacitors are in parallel
with the crystal and should be approximately equal to the load
capacitance of the crystal.
Byte 7: Dial-a-Frequency® Control Register N [default = 66.669 MHz, N = 149d, M = 8d]
Bit
@Pup
Description
71
N7, MSB
60
N6
50
N5
41
N4
30
N3
21
N2
10
N1
01
N0, LSB
Table 6. Crystal Recommendations
Frequency
(Fund)
Cut
Loading
Load Cap
Drive
(max.)
Shunt Cap
(max.)
Motional
(max.)
Tolerance
(max.)
Stability
(max.)
Aging
(max.)
14.31818 MHz
AT
Parallel
20 pF
0.1 mW
5 pF
0.016 pF
50 ppm
50 ppm
5 ppm
Figure 1. Crystal Capacitive Clarification


Similar Part No. - CY28510OC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28510OC CYPRESS-CY28510OC Datasheet
99Kb / 13P
   Peripheral I/O Clock Generator
CY28510OCT CYPRESS-CY28510OCT Datasheet
99Kb / 13P
   Peripheral I/O Clock Generator
More results

Similar Description - CY28510OC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28510 CYPRESS-CY28510 Datasheet
99Kb / 13P
   Peripheral I/O Clock Generator
logo
Silicon Laboratories
EFM32GG990 SILABS-EFM32GG990 Datasheet
2Mb / 81P
   Configurable peripheral I/O locations
EFM32GG895 SILABS-EFM32GG895 Datasheet
2Mb / 81P
   Configurable peripheral I/O locations
EFM32WG232 SILABS-EFM32WG232 Datasheet
1Mb / 75P
   Configurable peripheral I/O locations
EFM32TG822 SILABS-EFM32TG822 Datasheet
2Mb / 68P
   Configurable peripheral I/O locations
EFM32ZG108 SILABS-EFM32ZG108 Datasheet
1Mb / 54P
   Configurable peripheral I/O locations
EFM32TG222 SILABS-EFM32TG222 Datasheet
2Mb / 66P
   Configurable peripheral I/O locations
EFM32GG980 SILABS-EFM32GG980 Datasheet
2Mb / 81P
   Configurable peripheral I/O locations
EFM32LG295 SILABS-EFM32LG295 Datasheet
2Mb / 82P
   Configurable peripheral I/O locations
EFM32GG940 SILABS-EFM32GG940 Datasheet
1Mb / 73P
   Configurable peripheral I/O locations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com