Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28800 Datasheet(PDF) 3 Page - SpectraLinear Inc

Part # CY28800
Description  100-MHz Differential Buffer for PCI Express and SATA
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28800 Datasheet(HTML) 3 Page - SpectraLinear Inc

  CY28800 Datasheet HTML 1Page - SpectraLinear Inc CY28800 Datasheet HTML 2Page - SpectraLinear Inc CY28800 Datasheet HTML 3Page - SpectraLinear Inc CY28800 Datasheet HTML 4Page - SpectraLinear Inc CY28800 Datasheet HTML 5Page - SpectraLinear Inc CY28800 Datasheet HTML 6Page - SpectraLinear Inc CY28800 Datasheet HTML 7Page - SpectraLinear Inc CY28800 Datasheet HTML 8Page - SpectraLinear Inc CY28800 Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CY28800
Rev 1.0, November 21, 2006
Page 3 of 15
Table 2. Block Read and Block Write Protocol
Block Write Protocol
Block Read Protocol
Bit
Description
Bit
Description
1Start
1Start
2:8
Slave address – 7 bits
2:8
Slave address – 7 bits
9
Write = 0
9
Write = 0
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code – 8 bits
'00000000' stands for block operation
11:18
Command Code – 8 bits
'00000000' stands for block operation
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Byte Count from master – 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address – 7 bits
29:36
Data byte 0 from master – 8 bits
28
Read = 1
37
Acknowledge from slave
29
Acknowledge from slave
38:45
Data byte 1 from master – 8 bits
30:37
Byte count from slave – 8 bits
46
Acknowledge from slave
38
Acknowledge from host
....
Data bytes from master/Acknowledge
39:46
Data byte 0 from slave – 8 bits
....
Data Byte N – 8 bits
47
Acknowledge from host
....
Acknowledge from slave
48:55
Data byte 1 from slave – 8 bits
....
Stop
56
Acknowledge from host
....
Data bytes from slave/Acknowledge
....
Data byte N from slave – 8 bits
....
Acknowledge from host
....
Stop
Table 3. Byte Read and Byte Write Protocol
Byte Write Protocol
Byte Read Protocol
Bit
Description
Bit
Description
1
Start
1
Start
2:8
Slave address – 7 bits
2:8
Slave address – 7 bits
9
Write = 0
9
Write = 0
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code – 8 bits
'100xxxxx' stands for byte operation, bits[6:0] of the
command code represents the offset of the byte to be
accessed
11:18
Command Code – 8 bits
'100xxxxx' stands for byte operation, bits[6:0]
of the command code represents the offset of
the byte to be accessed
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Data byte from master – 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address – 7 bits
29
Stop
28
Read = 1
29
Acknowledge from slave
30:37
Data byte from slave – 8 bits
38
Acknowledge from master
39
Stop


Similar Part No. - CY28800

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28800 CYPRESS-CY28800 Datasheet
328Kb / 16P
   100-MHz Differential Buffer for PCI Express and SATA
CY28800OXC CYPRESS-CY28800OXC Datasheet
328Kb / 16P
   100-MHz Differential Buffer for PCI Express and SATA
CY28800OXCT CYPRESS-CY28800OXCT Datasheet
328Kb / 16P
   100-MHz Differential Buffer for PCI Express and SATA
More results

Similar Description - CY28800

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28400 SPECTRALINEAR-CY28400 Datasheet
163Kb / 12P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400_05 Datasheet
220Kb / 13P
   100-MHz Differential Buffer for PCI Express and SATA
CY28400 CYPRESS-CY28400 Datasheet
245Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
CY28401 CYPRESS-CY28401 Datasheet
235Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
logo
SpectraLinear Inc
CY28400-2 SPECTRALINEAR-CY28400-2 Datasheet
237Kb / 15P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28401 CYPRESS-CY28401_05 Datasheet
233Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
logo
Silicon Laboratories
SL28DB200 SILABS-SL28DB200 Datasheet
127Kb / 8P
   100 MHz Differential Buffer for PCI Express and SATA
logo
SpectraLinear Inc
CY28401 SPECTRALINEAR-CY28401 Datasheet
180Kb / 13P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400-2 CYPRESS-CY28400-2 Datasheet
371Kb / 16P
   100-MHz Differential Buffer for PCI Express and SATA
CY28800 CYPRESS-CY28800 Datasheet
328Kb / 16P
   100-MHz Differential Buffer for PCI Express and SATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com