Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL23EP05SC-1T Datasheet(PDF) 3 Page - SpectraLinear Inc

Part # SL23EP05SC-1T
Description  Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP05SC-1T Datasheet(HTML) 3 Page - SpectraLinear Inc

  SL23EP05SC-1T Datasheet HTML 1Page - SpectraLinear Inc SL23EP05SC-1T Datasheet HTML 2Page - SpectraLinear Inc SL23EP05SC-1T Datasheet HTML 3Page - SpectraLinear Inc SL23EP05SC-1T Datasheet HTML 4Page - SpectraLinear Inc SL23EP05SC-1T Datasheet HTML 5Page - SpectraLinear Inc SL23EP05SC-1T Datasheet HTML 6Page - SpectraLinear Inc SL23EP05SC-1T Datasheet HTML 7Page - SpectraLinear Inc SL23EP05SC-1T Datasheet HTML 8Page - SpectraLinear Inc SL23EP05SC-1T Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Rev 1.0, May 21, 2007
Page 3 of 11
SL23EP05
General Description
The SL23EP05 is a low skew, low jitter Zero Delay Buffer with
very low operating current.
The product includes an on-chip high performance PLL that
locks into the input reference clock and produces five (5)
output clock drivers tracking the input reference clock for
systems requiring clock distribution.
In addition to CLKOUT that is used for internal PLL feedback,
there is a single bank with four (4) outputs, bringing the
number of total available output clocks to five (5).
Input and output Frequency Range
The input and output frequency range is the same. But, it
depends on VDD and drive levels as given in the below
Table 1.
VDD(V)
Drive
Min(MHz)
Max(MHz)
3.3
HIGH
10
220
3.3
STD
10
167
2.5
HIGH
10
200
2.5
STD
10
133
Table 1. Input/Output Frequency Range
If the input clock frequency is DC (0 to VDD), this is detected
by an input frequency detection circuitry and all five (5) clock
outputs are forced to Hi-Z. The PLL is shutdown to save
power. In this shutdown state, the product draws less than
10 A supply current.
SpreadThru
Feature
If a Spread Spectrum Clock (SSC) were to be used as an
input clock, the SL23EP05 is designed to pass the modulated
Spread Spectrum Clock (SSC) signal from its reference input
to the output clocks. The same spread characteristics at the
input are passed through the PLL and drivers without any
degradation in spread percent (%), spread profile and
modulation frequency.
High and Low-Drive Product Options
The SL23EP05 is offered with High-Drive “-1H” and Standard-
Drive “-1” options. These drive options enable the users to
control load levels, frequency range and EMI control. Refer to
the AC electrical tables for the details.
Skew and Zero Delay
All outputs should drive the similar load to achieve output-to-
output skew and input-to-output specifications given in the AC
electrical tables. However, Zero delay between input and
outputs can be adjusted by changing the loading of CLKOUT
relative to the banks A and B clocks since CLKOUT is the
feedback to the PLL.
Power Supply Range (VDD)
The SL23EP05 is designed to operate in a wide power supply
range from 2.250V (Min) to 3.360V (Max). This power supply
range complies with 3.3V+/-10% and 2.5V+/-10% standard
power supply requirements used in most systems. An internal
on-chip voltage regulator is used to supply PLL constant
power supply of 1.8V, leading to a consistent and stable PLL
electrical performance in terms of skew, jitter and power
dissipation. Contact SLI for 1.8V power supply version ZDB
called SL23EPL05.


Similar Part No. - SL23EP05SC-1T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL23EP05SC-1T SILABS-SL23EP05SC-1T Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
More results

Similar Description - SL23EP05SC-1T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP09 SPECTRALINEAR-SL23EP09 Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com