Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL23EP04NZZC-1T Datasheet(PDF) 5 Page - SpectraLinear Inc

Part # SL23EP04NZZC-1T
Description  Low Jitter and Skew DC to 220 MHz Clock Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP04NZZC-1T Datasheet(HTML) 5 Page - SpectraLinear Inc

  SL23EP04NZZC-1T Datasheet HTML 1Page - SpectraLinear Inc SL23EP04NZZC-1T Datasheet HTML 2Page - SpectraLinear Inc SL23EP04NZZC-1T Datasheet HTML 3Page - SpectraLinear Inc SL23EP04NZZC-1T Datasheet HTML 4Page - SpectraLinear Inc SL23EP04NZZC-1T Datasheet HTML 5Page - SpectraLinear Inc SL23EP04NZZC-1T Datasheet HTML 6Page - SpectraLinear Inc SL23EP04NZZC-1T Datasheet HTML 7Page - SpectraLinear Inc SL23EP04NZZC-1T Datasheet HTML 8Page - SpectraLinear Inc SL23EP04NZZC-1T Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Rev 1.1, April 16, 2007
Page 5 of 12
SL23EP04NZ
Switching Electrical Characteristics (C-Grade and VDD=3.3V)
Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF and Ambient Temperature range 0 to +70°C
Description
Symbol
Condition
Min
Typ
Max
Unit
FOUT1
CL=15pF
0
-
220
MHz
Output Frequency Range
FOUT2
CL=30pF
0
-
180
MHz
Input Duty Cycle
DC1
Measured at VDD/2
20
50
80
%
Output Duty Cycle
DC2
CL=15pF, Fout=166 MHz
Measured at VDD/2
45
50
55
%
Output Duty Cycle
DC3
CL=15pF, Fout=166 MHz
Measured at VDD/2
45
50
55
%
Output Rise Time
tr
CL=15pF, measured at 0.8V to 2.0V
1.4
ns
Output Fall Time
tf
CL=15pF, all versions, measured at
0.8V to 2.0V
1.4
ns
CLKIN=66MHz, CL=15pF
5
ns
CLKIN High or Low Time
tHL
CLKIN=140MHz, CL=15pF
2
ns
Output to Output Skew
SKW1
Measured at VDD/2 and
Outputs are equally loaded
–40
90
ps
Part to Part Skew
SKW2
Measured at VDD/2 and
Outputs are equally loaded
80
150
ps
Propagation Delay Time
PDT
Measured at VDD/2 from CLKIN to
Output Clock rising edge and Outputs
are equally loaded
3.0
3.8
ns
Cycle-to-Cycle Jitter
CCJ1
CLKIN=66MHz and CL=0 (No Load)
50
100
ps
Cycle-to-Cycle Jitter
CCJ2
CLKIN=166MHz and CL=0 (No Load)
40
80
ps


Similar Part No. - SL23EP04NZZC-1T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL23EP04NZZC-1T SILABS-SL23EP04NZZC-1T Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
More results

Similar Description - SL23EP04NZZC-1T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL23EP09NZ SPECTRALINEAR-SL23EP09NZ Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
SL2304NZ SPECTRALINEAR-SL2304NZ Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
logo
Silicon Laboratories
SL2304NZ SILABS-SL2304NZ Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com