Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28RS480ZXC Datasheet(PDF) 10 Page - SpectraLinear Inc

Part # CY28RS480ZXC
Description  Clock Generator for ATI RS480 Chipset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28RS480ZXC Datasheet(HTML) 10 Page - SpectraLinear Inc

Back Button CY28RS480ZXC Datasheet HTML 6Page - SpectraLinear Inc CY28RS480ZXC Datasheet HTML 7Page - SpectraLinear Inc CY28RS480ZXC Datasheet HTML 8Page - SpectraLinear Inc CY28RS480ZXC Datasheet HTML 9Page - SpectraLinear Inc CY28RS480ZXC Datasheet HTML 10Page - SpectraLinear Inc CY28RS480ZXC Datasheet HTML 11Page - SpectraLinear Inc CY28RS480ZXC Datasheet HTML 12Page - SpectraLinear Inc CY28RS480ZXC Datasheet HTML 13Page - SpectraLinear Inc CY28RS480ZXC Datasheet HTML 14Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CY28RS480
Rev 1.0, November 22, 2006
Page 10 of 14
AC Electrical Specifications
Parameter
Description
Condition
Min.
Max.
Unit
Crystal
TDC
XIN Duty Cycle
The device will operate reliably with input
duty cycles up to 30/70 but the REF clock
duty cycle will not be within specification
47.5
52.5
%
TPERIOD
XIN Period
When XIN is driven from an external
clock source
69.841
71.0
ns
TR / TF
XIN Rise and Fall Times
Measured between 0.3VDD and 0.7VDD
–10.0
ns
TCCJ
XIN Cycle to Cycle Jitter
As an average over 1- s duration
500
ps
LACC
Long-term Accuracy
Over 150 ms
300
ppm
CPU Outputs
TR/TF
Output Slew Rate
Measured @ test load using VOCM
±400 mV, 0.85 to 1.65
27
V/ns
VDIFF
Differential Voltage
Measured at load single ended
0.4
2.3
V
TSKEW
Any CPU to CPU Clock Skew
Measured at crossing point VOX
–250
ps
_ VDIFF
Change in VDIFF_DC Magnitude
Measured at load single ended
–150
150
mV
VCM
Common Mode Voltage
Measured at load single ended
1.05
1.45
V
_ VCM
Change in VCM
Measured at load single ended
–200
200
mV
TDC
Duty Cycle
Measured at VOX
45
55
%
TJCYC
Cycle to Cycle Jitter
Measured at VOX
0200
ps
SRC
TDC
SRCT and SRCC Duty Cycle
Measured at crossing point VOX
45
55
%
TPERIOD
100-MHz SRCT and SRCC Period
Measured at crossing point VOX
9.997001
10.00300
ns
TPERIODSS
100-MHz SRCT and SRCC Period, SSC Measured at crossing point VOX
9.997001
10.05327
ns
TPERIODAbs
100-MHz SRCT and SRCC Absolute
Period
Measured at crossing point VOX
10.12800
9.872001
ns
TPERIODSSAbs 100-MHz SRCT and SRCC Absolute
Period, SSC
Measured at crossing point VOX
9.872001
10.17827
ns
TSKEW
Any SRCT/C to SRCT/C Clock Skew
Measured at crossing point VOX
–250
ps
TSKEW
Any SRCS clock to Any SRCS clock
Skew
Measured at crossing point VOX
–250
ps
TCCJ
SRCT/C Cycle to Cycle Jitter
Measured at crossing point VOX
–125
ps
LACC
SRCT/C Long Term Accuracy
Measured at crossing point VOX
300
ppm
TR / TF
SRCT and SRCC Rise and Fall Times
Measured from VOL = 0.175 to
VOH = 0.525V
175
700
ps
TRFM
Rise/Fall Matching
Determined as a fraction of
2*(TR – TF)/(TR + TF)
–20
%
TR
Rise TimeVariation
125
ps
TF
Fall Time Variation
125
ps
VHIGH
Voltage High
Math averages Figure 5
660
850
mv
VLOW
Voltage Low
Math averages Figure 5
–150
mv
VOX
Crossing Point Voltage at 0.7V Swing
250
550
mV
VOVS
Maximum Overshoot Voltage
VHIGH + 0.3
V
VUDS
Minimum Undershoot Voltage
–0.3
V
VRB
Ring Back Voltage
See Figure 5. Measure SE
0.2
V
HTT66 HyperTransport Output
F66
Operating Frequency
66.67
MHz


Similar Part No. - CY28RS480ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28RS480ZXC CYPRESS-CY28RS480ZXC Datasheet
217Kb / 15P
   Clock Generator for ATI RS480 Chipset
CY28RS480ZXC-1 CYPRESS-CY28RS480ZXC-1 Datasheet
231Kb / 16P
   Clock Generator for ATI RS480 Chipset
CY28RS480ZXC-1T CYPRESS-CY28RS480ZXC-1T Datasheet
231Kb / 16P
   Clock Generator for ATI RS480 Chipset
CY28RS480ZXCT CYPRESS-CY28RS480ZXCT Datasheet
217Kb / 15P
   Clock Generator for ATI RS480 Chipset
More results

Similar Description - CY28RS480ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28RS480 CYPRESS-CY28RS480 Datasheet
217Kb / 15P
   Clock Generator for ATI RS480 Chipset
CY28RS480-1 CYPRESS-CY28RS480-1 Datasheet
231Kb / 16P
   Clock Generator for ATI RS480 Chipset
CY28RS400 CYPRESS-CY28RS400 Datasheet
256Kb / 19P
   Clock Generator for ATI RS400 Chipset
logo
SpectraLinear Inc
CY28RS400 SPECTRALINEAR-CY28RS400 Datasheet
179Kb / 18P
   Clock Generator for ATI RS400 Chipset
logo
Renesas Technology Corp
ICS951416 RENESAS-ICS951416 Datasheet
435Kb / 26P
   System Clock Chip for ATI RS480
2019
ICS951412B RENESAS-ICS951412B Datasheet
395Kb / 22P
   System Clock Chip for ATI RS480 K8-based Systems
2019
logo
Integrated Circuit Syst...
ICS951412 ICST-ICS951412 Datasheet
283Kb / 10P
   System Clock Chip for ATI RS480 K8-based Systems
logo
Renesas Technology Corp
IDTCV137 RENESAS-IDTCV137 Datasheet
323Kb / 18P
   PROGRAMMABLE FLEXPC™ CLOCK FOR AMD K8 PROCESSOR ATI RS480
MARCH 2005
IDTCV149 RENESAS-IDTCV149 Datasheet
595Kb / 18P
   PROGRAMMABLE FLEXPC™ CLOCK FOR AMD K8 PROCESSOR ATI RS480
MAY 2004
logo
Silicon Laboratories
SL28541 SILABS-SL28541 Datasheet
307Kb / 31P
   Clock Generator for Intel짰Mobile Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com