Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2SSTV16859ZC Datasheet(PDF) 2 Page - SpectraLinear Inc

Part # CY2SSTV16859ZC
Description  13-Bit to 26-Bit Registered Buffer PC2700-/PC3100-Compliant
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY2SSTV16859ZC Datasheet(HTML) 2 Page - SpectraLinear Inc

  CY2SSTV16859ZC Datasheet HTML 1Page - SpectraLinear Inc CY2SSTV16859ZC Datasheet HTML 2Page - SpectraLinear Inc CY2SSTV16859ZC Datasheet HTML 3Page - SpectraLinear Inc CY2SSTV16859ZC Datasheet HTML 4Page - SpectraLinear Inc CY2SSTV16859ZC Datasheet HTML 5Page - SpectraLinear Inc CY2SSTV16859ZC Datasheet HTML 6Page - SpectraLinear Inc CY2SSTV16859ZC Datasheet HTML 7Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CY2SSTV16859
Rev 1.0, November 21, 2006
Page 2 of 7
Pin Configuration (continued)
56 QFN Package
1
2
3
4
5
6
7
8
9
10
11
12
13
Q7A
Q5A
Q6A
Q4A
Q3A
Q2A
Q1A
Q13B
VDDQ
Q12B
Q11B
Q10B
Q9B
14
Q8B
27
26
25
24
23
22
21
20
19
18
17
16
15
28
42
41
40
39
38
37
36
35
34
33
32
31
30
D10
D8
D9
D7
RESET#
GND
CLK#
CLK
VDDQ
VDD
VREF
D6
D5
29
D4
44
45
46
47
48
49
50
51
52
53
54
55
56
43
Pin Description
Pin
Name
Description
TSSOP
QFN
51
38
RESET#
Disable Clocking and Reset Latch
7,15,34,39,43,50,54,58,63
37,48
GND
Ground
37,46,60
26,33,45
VDD
Supply Voltage
6,18,27,33,38,47,59,64
9,17,23,27,34,44,49,55
VDDQ
Supply Voltage, Quiet
45
32
VREF
Reference Voltage for Data Inputs
D(1:13)
16,14,13,12,11,10,9,8,5,4,3,2,1
7,6,5,4,3,2,1,56,54,53,52,51,50
QA(1:13)
Data Outputs
32,31,30,29,28,25,24,23,22,21,20,
19,17
22,21,20,19,18,16,15,14,13,12
11,10,8
QB(1:13)
Data Outputs
35,36,40,41,42,44,52,53,55,56,57,
61,62
24,25,28,29,30,31,39,40,41,42
43,46,47
D(1:13)
Data Inputs
48,49
35,36
CLK, CLK# Differential Clock Signals
Table 1. Function Table[1,2,3]
INPUTS
OUTPUT
RESET#
CLK
CLK#
D
Q
H
LL
H
HH
H
L or H
L or H
X
Q0
L
X or floating
X or floating
X or floating
L
Notes:
1. H = High voltage level.
2. L = Low voltage level.
3. X = Don’t care.


Similar Part No. - CY2SSTV16859ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2SSTV16859ZC CYPRESS-CY2SSTV16859ZC Datasheet
237Kb / 8P
   13-Bit to 26-Bit Registered Buffer PC2700-/PC3200-Compliant
CY2SSTV16859ZCT CYPRESS-CY2SSTV16859ZCT Datasheet
237Kb / 8P
   13-Bit to 26-Bit Registered Buffer PC2700-/PC3200-Compliant
More results

Similar Description - CY2SSTV16859ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2SSTV16859 CYPRESS-CY2SSTV16859 Datasheet
237Kb / 8P
   13-Bit to 26-Bit Registered Buffer PC2700-/PC3200-Compliant
logo
Pericom Semiconductor C...
PI74SSTVF16859 PERICOM-PI74SSTVF16859 Datasheet
193Kb / 8P
   13-Bit to 26-Bit Registered Buffer
logo
Cypress Semiconductor
CY2SSTV16857 CYPRESS-CY2SSTV16857 Datasheet
143Kb / 8P
   14-Bit Registered Buffer PC2700-/PC3200-Compliant
logo
Integrated Circuit Syst...
ICSSSTVA16859B ICST-ICSSSTVA16859B Datasheet
130Kb / 11P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Device Techn...
ICSSSTVA16859C IDT-ICSSSTVA16859C Datasheet
293Kb / 10P
   DDR 13-Bit to 26-Bit Registered Buffer
ICSSSTVF16859B IDT-ICSSSTVF16859B Datasheet
114Kb / 10P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Alliance Semiconductor ...
ASM4SSTVF16859 ALSC-ASM4SSTVF16859 Datasheet
162Kb / 16P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICSSSTVF16859 ICST-ICSSSTVF16859 Datasheet
187Kb / 10P
   DDR 13-Bit to 26-Bit Registered Buffer
ICS16859C ICST-ICS16859C Datasheet
95Kb / 8P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Alliance Semiconductor ...
AS80SSTVF16859 ALSC-AS80SSTVF16859 Datasheet
122Kb / 13P
   DDR 13-Bit to 26-Bit Registered Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com