Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4948 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4948
Description  QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4948 Datasheet(HTML) 2 Page - STMicroelectronics

  L4948 Datasheet HTML 1Page - STMicroelectronics L4948 Datasheet HTML 2Page - STMicroelectronics L4948 Datasheet HTML 3Page - STMicroelectronics L4948 Datasheet HTML 4Page - STMicroelectronics L4948 Datasheet HTML 5Page - STMicroelectronics L4948 Datasheet HTML 6Page - STMicroelectronics L4948 Datasheet HTML 7Page - STMicroelectronics L4948 Datasheet HTML 8Page - STMicroelectronics L4948 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
OPERATING CONDITION
Symbol
Parameter
Value
Unit
VS
Supply Voltage
-15 to 27
V
IL
Load Current IO1
IO2
IO3
IO4
300
400
600
100
mA
mA
mA
mA
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction-case
max
2
°C/W
PIN CONNECTION
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
-35 to 60
V
VI
Input Voltage (ON/OFF)
0 to 12
V
VO
Output Voltage (LVW, Reset)
0 to 12
V
Tstg
Storage Temperature Range
-65 to 150
°C
Tj
Junction Temperature Range
max 150
°C
Load Dump (5ms rise, 115ms decay)
60
V
APPLICATION CIRCUIT
L4948
2/9


Similar Part No. - L4948

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4940 STMICROELECTRONICS-L4940 Datasheet
129Kb / 13P
   VERY LOW DROP 1.5 A REGULATORS
L4940D2T10 STMICROELECTRONICS-L4940D2T10 Datasheet
129Kb / 13P
   VERY LOW DROP 1.5 A REGULATORS
L4940D2T10-TR STMICROELECTRONICS-L4940D2T10-TR Datasheet
1Mb / 23P
   Very low drop 1.5 A regulator
L4940D2T12 STMICROELECTRONICS-L4940D2T12 Datasheet
129Kb / 13P
   VERY LOW DROP 1.5 A REGULATORS
L4940D2T12-TR STMICROELECTRONICS-L4940D2T12-TR Datasheet
1Mb / 23P
   Very low drop 1.5 A regulator
More results

Similar Description - L4948

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4946B STMICROELECTRONICS-L4946B Datasheet
88Kb / 9P
   QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
L4946 STMICROELECTRONICS-L4946 Datasheet
88Kb / 9P
   QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
L4923 STMICROELECTRONICS-L4923 Datasheet
53Kb / 6P
   WITH RESET AND INHIBIT 5V.1A VERY LOW DROP REGULATOR
TDA8139 STMICROELECTRONICS-TDA8139 Datasheet
84Kb / 5P
   5.1V AND ADJUSTABLE VOLTAGE REGULATOR WITH DISABLE AND RESET
logo
ON Semiconductor
NCV7425 ONSEMI-NCV7425 Datasheet
367Kb / 20P
   LIN Transceiver with Voltage Regulator and Reset Pin
May, 2012 ??Rev. 1
logo
STMicroelectronics
LEXX STMICROELECTRONICS-LEXX Datasheet
1Mb / 24P
   Very low-dropout voltage regulator with inhibit function
May 2017 Rev 15
logo
ON Semiconductor
NCV7425 ONSEMI-NCV7425_15 Datasheet
291Kb / 20P
   LIN Transceiver with Voltage Regulator and Reset Pin
May, 2015 ??Rev. 3
logo
TOKO, Inc
TK119XX TOKO-TK119XX Datasheet
134Kb / 23P
   VOLTAGE REGULATOR WITH RESET OUTPUT
logo
STMicroelectronics
LHC4913 STMICROELECTRONICS-LHC4913 Datasheet
77Kb / 6P
   3A POSITIVE LOW DROP VOLTAGE REGULATOR WITH INHIBIT FUNCTION
August 2002
logo
Taiwan Semiconductor Co...
TS2938CS12 TSC-TS2938CS12 Datasheet
102Kb / 6P
   500mA Ultra Low Dropout Voltage Regulator with Inhibit Function
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com