Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2713PCBA-D Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2713PCBA-D
Description  QUADRATURE MODULATOR/DEMODULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2713PCBA-D Datasheet(HTML) 4 Page - RF Micro Devices

  RF2713PCBA-D Datasheet HTML 1Page - RF Micro Devices RF2713PCBA-D Datasheet HTML 2Page - RF Micro Devices RF2713PCBA-D Datasheet HTML 3Page - RF Micro Devices RF2713PCBA-D Datasheet HTML 4Page - RF Micro Devices RF2713PCBA-D Datasheet HTML 5Page - RF Micro Devices RF2713PCBA-D Datasheet HTML 6Page - RF Micro Devices RF2713PCBA-D Datasheet HTML 7Page - RF Micro Devices RF2713PCBA-D Datasheet HTML 8Page - RF Micro Devices RF2713PCBA-D Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4 of 16
RF2713
Rev A5 DS061016
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description (Demodulator Configuration)
Interface Schematic
1I INPUT A
When the RF2713 is configured as a Quadrature Demodulator, both mixers
are driven by the IF. Whether driving the mixers single-endedly (as shown in
the application schematic) or differentially, the A Inputs (pins 1 and 3)
should be connected to each other. Likewise, both B Inputs (pins 2 and 4)
should be connected to each other. This ensures that the IF will reach each
mixer with the same amplitude and phase, yielding the best I and Q output
amplitude and quadrature balance. Note that connecting the inputs in par-
allel changes the input impedance (see the Gilbert Cell mixer equivalent
circuit). The single-ended input impedance (as shown in the application cir-
cuit) becomes 630
Ω, but in the balanced configuration, the input imped-
ance would remain 1260
Ω.
The mixers are Gilbert Cell designs with balanced inputs. The equivalent
schematic for one of the mixers is shown on the following page. The input
impedance of each pin is determined by the 1260
Ω resistor to VCC in par-
allel with a transistor base. Note from the schematic that all four input pins
have an internally set DC bias. For this reason, all four inputs (pins 1
through 4) should be DC blocked. The capacitance values of the blocking
capacitors is determined by the IF frequency. When driving single-endedly,
both the series (pins 1 and 3) and shunt (pins 2 and 4) blocking capacitors
should be low impedances, relative to the 630
Ω input impedance.
2I INPUT B
Same as pin 1, except complementary input.
See pin 1.
3Q INPUT A
Same as pin 1, except Q Buffer Amplifier.
See pin 1.
4Q INPUT B
Same as pin 3, except complementary input.
See pin 1.
5BG OUT
Band Gap voltage reference output. This voltage output is held constant
over variations in supply voltage and operating temperature and may be
used as a reference for other external circuitry. This pin should not be
loaded such that the sourced current exceeds 1mA. This pin should be
bypassed with a large (0.1
μF) capacitor.
6I IF OUT
This pin is not used in the Demodulator Configuration, but must be con-
nected to VCC in order to properly bias the I mixer.
7Q IF OUT
Same as pin 6, except Q mixer.
Same as pin 6.
8Q OUT
Q Mixer’s Baseband Output. This pin is NOT internally DC blocked and has
DC present due to internal biasing. This is an emitter-follower type output
with an internal 2k
Ω pull-down resistor. Even though the AC output imped-
ance is ~50
Ω, this pin is intended to drive only high impedance loads such
as an opamp or an ADC. The output transistor is NOT biased such that it
can drive a large signal into a 50
Ω load. DC coupling of this output is per-
mitted provided that the DC impedance to ground, which appears in paral-
lel with the internal pull-down resistor, is significantly greater than 2k
Ω.
9I OUT
Same as pin 8, except Q Mixer’s Baseband Output.
Same as pin 8.
10
GND
Ground connection. Keep traces physically short and connect immediately
to ground plane for best performance.
11
GND
Same as pin 10.
12
GND
Same as pin 10.
1260
Ω
1260
Ω
INPUT A
VCC
VCC
INPUT B
IF OUT
I/Q OUT
2 k
Ω
VCC


Similar Part No. - RF2713PCBA-D

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2713PCBA-D RFMD-RF2713PCBA-D Datasheet
177Kb / 14P
   QUADRATURE MODULATOR/DEMODULATOR
More results

Similar Description - RF2713PCBA-D

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2713 RFMD-RF2713 Datasheet
135Kb / 12P
   QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713_06 Datasheet
177Kb / 14P
   QUADRATURE MODULATOR/DEMODULATOR
logo
Intersil Corporation
HFA3724 INTERSIL-HFA3724 Datasheet
186Kb / 24P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3726 INTERSIL-HFA3726 Datasheet
162Kb / 21P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
   400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
Maxim Integrated Produc...
MAX2450 MAXIM-MAX2450 Datasheet
107Kb / 8P
   3V, Ultra-Low-Power Quadrature Modulator/Demodulator
19-0455; Rev 1; 9/98
logo
Analog Devices
ADL5542 AD-ADL5542_15 Datasheet
238Kb / 12P
   Quadrature Demodulator
ADL5387 AD-ADL5387_15 Datasheet
668Kb / 28P
   Quadrature Demodulator
REV. B
logo
NXP Semiconductors
TDA8040T PHILIPS-TDA8040T Datasheet
88Kb / 16P
   Quadrature demodulator
1996 Oct 08
TDA8042M PHILIPS-TDA8042M Datasheet
108Kb / 16P
   Quadrature demodulator
1997 Apr 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com