Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4947PD Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4947PD
Description  5V-0.5A VERY LOW DROP REGULATOR WITH RESET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4947PD Datasheet(HTML) 4 Page - STMicroelectronics

  L4947PD Datasheet HTML 1Page - STMicroelectronics L4947PD Datasheet HTML 2Page - STMicroelectronics L4947PD Datasheet HTML 3Page - STMicroelectronics L4947PD Datasheet HTML 4Page - STMicroelectronics L4947PD Datasheet HTML 5Page - STMicroelectronics L4947PD Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
current) is maximum 13mA - over full T - when no
load current is required.
The internal antisaturation circuit allows a drastic
reduction in the current peak which takes place
during the start up.
The reset function supervises the regulator output
voltage inhibiting the microprocessor when the
device is out of regulation and resetting it at the
power-on after a settable delay. The reset is LOW
when the output voltage value is lower than the
reset threshold voltage. At the power-on phase
the output voltage increases (see Fig. 2) and -
when it reaches the power-on VO threshold VRT
(On) - the reset output becomes HIGH after a de-
lay time set by the external capacitor Cd. At the
power-off the output voltage decreases : at the
VRT(Off) threshold value (VO-0.15V typ. value) the
reset output instantaneously goes down (LOW
status) inhibiting the microprocessor. The typical
power on-off hysteresis is 50mV.
The three gain stages (operational amplifier,
driver and power PNP) require the external ca-
pacitor (Comin =20
µF) to guarantee the global
stability of the system.
Load dump and field decay protections (
± 80V),
reverse voltage (– 18V) and short circuit protec-
tion, thermal shutdown are the main features that
make the L4947PD specially suitable for applica-
tions in the automotive enviroment.
EXTERNAL COMPENSATION
Since the purpose of a voltage regulator is to sup-
ply and load variations, the open loop gain of the
regulator must be very high at low frequencies.
This may cause instability as a result of the vari-
ous poles present in the loop. To avoid this insta-
bility dominant pole compensation is used to re-
duce phase shift due to other poles at the unity
gain frequency. The lower the frequency of these
others poles at the unity gain frequency. The
lower the frequency of these other poles, the
greater must be capacitor esed to create the
dominant pole for the same DC gain.
Where the output transistor is a lateral PNP type
there is a pole in the regulation loop at a fre-
quencybtoo low to be compensated by a capaci-
tor which can be integrated. An external compen-
sation is therefore necessary so a very high value
capacitor must be connected from the output to
ground.
The paeassitic equivalent series resistance of the
capacitor used adds a zero to the regulation loop.
This zero may compromise the stability of the
system since its effect tends to cancel the effect
of the pole added. In regulators this ESR must be
less than 3
Ω and the minimum capacitor value is
47
µF.
Figure 1: Typical Dropout Voltage vs. Tj
(Io = 500mA).
Vrpeak
Vrthys
VO
VRT(on)
VRT(off)
(1)
(2)
Vdthh
Vdthl
VR
VD
Td
(2)
Vdisch
Vrsat
D94AT109
Figure 2: Reset Waveforms:
(1) Without External Capacitor Cd.
(2) With External Capacitor Cd.
L4947PD
4/6


Similar Part No. - L4947PD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4947 STMICROELECTRONICS-L4947 Datasheet
57Kb / 6P
   5V-0.5A VERY LOW DROP REGULATOR WITH RESET
logo
List of Unclassifed Man...
L4947 ETC2-L4947 Datasheet
56Kb / 3P
   VERY LOW DROP 5V VOLTAGE REGULATOR WITH RESET
logo
STMicroelectronics
L4947R STMICROELECTRONICS-L4947R Datasheet
57Kb / 6P
   5V-0.5A VERY LOW DROP REGULATOR WITH RESET
More results

Similar Description - L4947PD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4947 STMICROELECTRONICS-L4947 Datasheet
57Kb / 6P
   5V-0.5A VERY LOW DROP REGULATOR WITH RESET
L387A STMICROELECTRONICS-L387A_03 Datasheet
245Kb / 6P
   VERY LOW DROP 5V REGULATOR WITH RESET
L387AH STMICROELECTRONICS-L387AH Datasheet
262Kb / 6P
   VERY LOW DROP 5V REGULATOR WITH RESET
L387A STMICROELECTRONICS-L387A Datasheet
81Kb / 6P
   VERY LOW DROP 5V REGULATOR WITH RESET
logo
List of Unclassifed Man...
L487 ETC2-L487 Datasheet
56Kb / 3P
   VERY LOW DROP 5V VOLTAGE REGULATOR WITH RESET
logo
STMicroelectronics
L4922 STMICROELECTRONICS-L4922 Datasheet
50Kb / 6P
   VERY LOW DROP REGULATOR WITH RESET
L4923 STMICROELECTRONICS-L4923 Datasheet
53Kb / 6P
   WITH RESET AND INHIBIT 5V.1A VERY LOW DROP REGULATOR
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
   5V VERY LOW DROP VOLTAGE REGULATOR
L4941 STMICROELECTRONICS-L4941 Datasheet
948Kb / 14P
   VERY LOW DROP 1A REGULATOR
L4941 STMICROELECTRONICS-L4941_06 Datasheet
952Kb / 17P
   Very low drop 1A regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com