Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3108PCBA-41X Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF3108PCBA-41X
Description  TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3108PCBA-41X Datasheet(HTML) 3 Page - RF Micro Devices

  RF3108PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF3108PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF3108PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF3108PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF3108PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF3108PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF3108PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF3108PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF3108PCBA-41X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3 of 12
RF3108
Rev A7 DS051003
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall (DCS/PCS Mode)
Temp=25°C, VCC=3.5V,
V
APCDCS/PCS = 2.6 V, PIN =6dBm,
Freq=1710MHz to 1910MHz,
25% Duty Cycle, Pulse Width=1154
μs
Operating Frequency Range
1710 to 1910
MHz
Maximum Output Power
+32
+33
dBm
Temp=25°C, VCC=3.5V,
V
APCDCS/PCS = 2.6 V, 1710 MHz to 1785 MHz
31.5
32.5
dBm
1850MHz to 1910MHz
31.5
dBm
50% Duty Cycle, Pulse Width 2308
μs,
1710MHz to 1785MHz
31.0
dBm
1850MHz to 1910MHz
29.5
30.0
dBm
Temp=+85°C, VCC=2.9V, VAPC=2.6V,
1710MHz to 1785MHz
29.0
29.5
dBm
1850MHz to 1910MHz
Total Efficiency
45
52
%
At POUT,MAX, VCC=3.5V,
1710MHz to 1785MHz
40
47
%
At POUT,MAX, VCC=3.5V,
1850MHz to 1910MHz
Recommended Input Power Range
+4
+6
+8
dBm
Output Noise Power
-77
dBm
RBW=100kHz, 1805MHz to 1880MHz and
1930MHz to 1990MHz,
POUT > 34.5dBm, VCC=3.5V
Forward Isolation
-37
-30
dBm
V
APCDCS/PCS = 0.2 V, P
IN=+8dBm
Second Harmonic
-60
-45
dBc
POUT, =+32.5dBm
Third Harmonic
-65
-50
dBc
All other spurious
-36
dBm
Input Impedance
50
Ω
Input VSWR
-
2.5
P
OUT,MAX -5 dB < P
OUT <POUT,MAX
Output Load VSWR
8:1
Spurious<-36dBm,
VAPCDCS/PCS=0.2V to 2.6V, RBW=100kHz
Output Load Impedance
50
Ω
Load impedance presented at RF OUT pin
Power Control VAPC2
Power Control “ON”
2.6
V
Max. POUT, Voltage supplied to the input
Power Control “OFF”
0.2
0.5
V
Min. POUT, Voltage supplied to the input
Power Control Range
62
68
dB
VAPC1,2=0.2V to 2.6V, PIN=+8dBm
Gain Control Slope
100
dB/V
P
OUT = -10 dBm to +33 dBm
APC Input Capacitance
10
pF
DC to 2MHz
APC Input Current
4.5
5
mA
V
APC =2.6 V
10
μAV
APC=0V
Turn On/Off TIme
100
ns
VAPC=0to2.6V
Overall Power Supply
Power Supply Voltage
3.5
V
Specifications
2.9
4.7
V
Nominal operating limits, POUT<+33dBm
2.9
4.3
V
50% Duty Cycle, Pulse Width 2308
μs
Power Supply Current
2
A
DC Current at POUT,MAX
110
μAPIN<-30dBm, VAPC1,2=0.2V,
Temp=-40to+85°C


Similar Part No. - RF3108PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3108PCBA-41X RFMD-RF3108PCBA-41X Datasheet
220Kb / 10P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
More results

Similar Description - RF3108PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3108 RFMD-RF3108 Datasheet
195Kb / 10P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3108 RFMD-RF3108_06 Datasheet
220Kb / 10P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3110 RFMD-RF3110 Datasheet
198Kb / 12P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
logo
RF Monolithics, Inc
RF3133 RFM-RF3133 Datasheet
191Kb / 16P
   QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
logo
RF Micro Devices
RF3133 RFMD-RF3133_05 Datasheet
200Kb / 16P
   QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
RF3160 RFMD-RF3160 Datasheet
101Kb / 8P
   DUAL-BAND GSM/DCS POWER AMP MODULE
logo
ANADIGICS, Inc
AWT6102M2 ANADIGICS-AWT6102M2 Datasheet
242Kb / 8P
   EGSM/DCS/PCS Triple Band Power Amplifier Module
logo
RF Micro Devices
RF3145 RFMD-RF3145_1 Datasheet
310Kb / 18P
   QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
RF3145 RFMD-RF3145 Datasheet
142Kb / 18P
   QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
logo
STMicroelectronics
STB7003 STMICROELECTRONICS-STB7003 Datasheet
221Kb / 9P
   TRI-BAND GSM/DCS/PCS LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com