Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3108 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3108
Description  TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3108 Datasheet(HTML) 2 Page - RF Micro Devices

  RF3108 Datasheet HTML 1Page - RF Micro Devices RF3108 Datasheet HTML 2Page - RF Micro Devices RF3108 Datasheet HTML 3Page - RF Micro Devices RF3108 Datasheet HTML 4Page - RF Micro Devices RF3108 Datasheet HTML 5Page - RF Micro Devices RF3108 Datasheet HTML 6Page - RF Micro Devices RF3108 Datasheet HTML 7Page - RF Micro Devices RF3108 Datasheet HTML 8Page - RF Micro Devices RF3108 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 of 12
RF3108
Rev A7 DS051003
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +6.0
V
DC
Power Control Voltage (V
APC1,2)
-0.5 to +3.0
V
DC Supply Current
2400
mA
Input RF Power
+13
dBm
Duty Cycle at Max Power
50
%
Output Load VSWR
8:1
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-55 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall (GSM Mode)
Temp=+25°C, V
CC = 3.5 V, VAPCGSM =2.6 V,
P
IN =6dBm, Freq =880 MHz to 915MHz,
25% Duty Cycle, Pulse Width=1154
μs
Operating Frequency Range
880 to 915
MHz
Maximum Output Power
+34.5
35.5
dBm
Temp = 25°C, V
CC =3.5 V, VAPCGS
M =2.6V
34.0
dBm
50% Duty Cycle, Pulse Width=2308
μs
+32.0
dBm
Temp=+85 °C, V
CC =2.9 V, VAPCGS
M =2.6V
Total Efficiency
47
55
%
At POUT,MAX, VCC=3.5V
Input Power for Max Output
+4
+6
+8
dBm
Output Noise Power
-72
dBm
RBW=100kHz, 925MHz to 935MHz,
POUT > 34.5dBm
-81
dBm
RBW=100kHz, 935MHz to 960MHz,
POUT > 34.5dBm
Forward Isolation
-30
dBm
V
APCGS
M=0.2V, PIN=+8dBm
Second Harmonic
-40
-35
dBc
Third Harmonic
-50
-43
dBc
All other non harmonic spurious
-36
dBm
Input Impedance
50
Ω
Input VSWR
2.5:1
POUT,MAX-5dB<POUT<POUT,MAX
Output Load VSWR
8:1
Spurious<-36dBm, V
APCGS
M=0.2V to 2.6V,
RBW=100kHz
Output Load Impedance
50
Ω
Load impedance presented at RF OUT pad
Power Control VAPC1
Power Control “ON”
2.6
V
Max. POUT, Voltage supplied to the input
Power Control “OFF”
0.2
0.5
V
Min. POUT, Voltage supplied to the input
Power Control Range
70
dB
V
APC1,2 =0.2 V to 2.6V
Gain Control Slope
100
dB/V
POUT=-10dBm to 35dBm
APC Input Capacitance
10
pF
DC to 2MHz
APC Input Current
4.5
5
mA
V
APC =2.6 V
10
μAV
APC =0V
Turn On/Off Time
2
μSV
APC =0 to 2.6V
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.


Similar Part No. - RF3108

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3108 RFMD-RF3108 Datasheet
195Kb / 10P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3108 RFMD-RF3108 Datasheet
220Kb / 10P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3108PCBA RFMD-RF3108PCBA Datasheet
195Kb / 10P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3108PCBA-41X RFMD-RF3108PCBA-41X Datasheet
220Kb / 10P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3108 RFMD-RF3108_06 Datasheet
220Kb / 10P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
More results

Similar Description - RF3108

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3108 RFMD-RF3108 Datasheet
195Kb / 10P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3108 RFMD-RF3108_06 Datasheet
220Kb / 10P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3110 RFMD-RF3110 Datasheet
198Kb / 12P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
logo
RF Monolithics, Inc
RF3133 RFM-RF3133 Datasheet
191Kb / 16P
   QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
logo
RF Micro Devices
RF3133 RFMD-RF3133_05 Datasheet
200Kb / 16P
   QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
RF3160 RFMD-RF3160 Datasheet
101Kb / 8P
   DUAL-BAND GSM/DCS POWER AMP MODULE
logo
ANADIGICS, Inc
AWT6102M2 ANADIGICS-AWT6102M2 Datasheet
242Kb / 8P
   EGSM/DCS/PCS Triple Band Power Amplifier Module
logo
RF Micro Devices
RF3145 RFMD-RF3145_1 Datasheet
310Kb / 18P
   QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
RF3145 RFMD-RF3145 Datasheet
142Kb / 18P
   QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
logo
STMicroelectronics
STB7003 STMICROELECTRONICS-STB7003 Datasheet
221Kb / 9P
   TRI-BAND GSM/DCS/PCS LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com