Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3108 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3108
Description  TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3108 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3108_1 Datasheet HTML 1Page - RF Micro Devices RF3108_1 Datasheet HTML 2Page - RF Micro Devices RF3108_1 Datasheet HTML 3Page - RF Micro Devices RF3108_1 Datasheet HTML 4Page - RF Micro Devices RF3108_1 Datasheet HTML 5Page - RF Micro Devices RF3108_1 Datasheet HTML 6Page - RF Micro Devices RF3108_1 Datasheet HTML 7Page - RF Micro Devices RF3108_1 Datasheet HTML 8Page - RF Micro Devices RF3108_1 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
PCS IN
VCC
PCS VAPC
GND
GSM VAPC
GSM IN
VCC
GSM OUT
GND
GND
GND
GND
VCC
PCS OUT
14
13
11
12
9
10
8
1
2
4
3
6
5
7
RF3108
TRIPLE-BAND GSM/DCS/PCS
POWER AMP MODULE
The RF3108 is a high-power, high-efficiency power amplifier module offering high
performance in GSM or GPRS applications. The device is self-contained with 50
Ω
input and output terminals. The device is manufactured on an advanced GaAs HBT
process, and has been designed for use as the final RF amplifier in GSM/DCS and
PCS handheld digital cellular equipment and other applications in the 880MHz to
915MHz and 1710MHz to 1910MHz bands. On-board power control provides over
70dB of control range with an analog voltage input, and provides power down with
a logic “low” for standby operation. The device is packaged in an ultra-small
(9mmx10mm) LCC, minimizing the required board space.
Features
Single 2.9V to 4.7V Supply Volt-
age
+35.5dBm GSM Output Pwr at
3.5V
+33.0dBm DCS/PCS Output Pwr
at 3.5V
55% GSM and 50% DCS/PCS
Efficiency
Supports GSM, E-GSM and
DCS/PCS
9mmx10mm Package Size
Applications
3V Dual-Band/Triple-Band GSM
Handsets
Commercial and Consumer Sys-
tems
Portable Battery-Powered Equip-
ment
GPRS Class 12 Compatible
RF3108
Triple-Band GSM/DCS/PCS Power Amp Module
RF3108PCBA-41X
Fully Assembled Evaluation Board
Rev A7 DS051003
RF3108Triple-
Band
GSM/DCS/PC
S Power Amp
Module
Package Style: Module (9mmx10mm)


Similar Part No. - RF3108_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3108PCBA RFMD-RF3108PCBA Datasheet
195Kb / 10P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3108PCBA-41X RFMD-RF3108PCBA-41X Datasheet
220Kb / 10P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3108 RFMD-RF3108_06 Datasheet
220Kb / 10P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
More results

Similar Description - RF3108_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3108 RFMD-RF3108 Datasheet
195Kb / 10P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3108 RFMD-RF3108_06 Datasheet
220Kb / 10P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
RF3110 RFMD-RF3110 Datasheet
198Kb / 12P
   TRIPLE-BAND GSM/DCS/PCS POWER AMP MODULE
logo
RF Monolithics, Inc
RF3133 RFM-RF3133 Datasheet
191Kb / 16P
   QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
logo
RF Micro Devices
RF3133 RFMD-RF3133_05 Datasheet
200Kb / 16P
   QUAD-BAND GSM850/GSM/DCS/PCS POWER AMP MODULE
RF3160 RFMD-RF3160 Datasheet
101Kb / 8P
   DUAL-BAND GSM/DCS POWER AMP MODULE
logo
ANADIGICS, Inc
AWT6102M2 ANADIGICS-AWT6102M2 Datasheet
242Kb / 8P
   EGSM/DCS/PCS Triple Band Power Amplifier Module
logo
RF Micro Devices
RF3145 RFMD-RF3145_1 Datasheet
310Kb / 18P
   QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
RF3145 RFMD-RF3145 Datasheet
142Kb / 18P
   QUAD-BAND GSM/EDGE/GSM850/DCS/PCS POWER AMPLIFIER MODULE
logo
STMicroelectronics
STB7003 STMICROELECTRONICS-STB7003 Datasheet
221Kb / 9P
   TRI-BAND GSM/DCS/PCS LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com