Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3807PCK-414 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF3807PCK-414
Description  GaAs HBT PRE-DRIVER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3807PCK-414 Datasheet(HTML) 4 Page - RF Micro Devices

  RF3807PCK-414 Datasheet HTML 1Page - RF Micro Devices RF3807PCK-414 Datasheet HTML 2Page - RF Micro Devices RF3807PCK-414 Datasheet HTML 3Page - RF Micro Devices RF3807PCK-414 Datasheet HTML 4Page - RF Micro Devices RF3807PCK-414 Datasheet HTML 5Page - RF Micro Devices RF3807PCK-414 Datasheet HTML 6Page - RF Micro Devices RF3807PCK-414 Datasheet HTML 7Page - RF Micro Devices RF3807PCK-414 Datasheet HTML 8Page - RF Micro Devices RF3807PCK-414 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4 of 20
RF3807
Rev A5 DS080220
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall - DCS1800
Frequency
1805
1880
MHz
IREF=14mA, VCC=8V, VREF=8V, VBIAS=8V,
Temp=+25°C
P1dB
29.0
dBm
PIN, Maximum
18.0
dBm
Total Efficiency
53.0
%
@P1dB
Total Power Added Efficiency
52.0
%
@P1dB
Gain (S21)
14.5
dB
Second Harmonic (2fo)
-36.0
dBc
@P1dB
Third Harmonic (3fo)
-36.0
dBc
@P1dB
Input Return Loss (S11)
-14.0
dB
Output Return Loss (S22)
-6.0
dB
Two-Tone Specification
OIP3
40.0
dBm
15dBm/tone
41.0
dBm
17dBm/tone
42.0
dBm
19dBm/tone
42.0
dBm
21dBm/tone
Overall - PCS1900
Frequency
1930
1990
MHz
IREF=14mA, VCC=8V, VREF=8V, VBIAS=8V,
Temp=+25°C
P1dB
28.0
dBm
PIN, Maximum
18.0
dBm
Total Efficiency
49.0
%
@P1dB
Total Power Added Efficiency
48.0
%
@P1dB
Gain (S21)
14.0
dB
Second Harmonic (2fo)
-41.0
dBc
@P1dB
Third Harmonic (3fo)
-41.0
dBc
@P1dB
Input Return Loss (S11)
-12.0
Output Return Loss (S22)
-7.0
dB
Two-Tone Specification
OIP3
39.5
dBm
15dBm/tone
41.5
dBm
17dBm/tone
42.5
dBm
19dBm/tone
41.5
dBm
21dBm/tone


Similar Part No. - RF3807PCK-414

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3807PCK-414 RFMD-RF3807PCK-414 Datasheet
1Mb / 18P
   GaAs HBT PRE-DRIVER AMPLIFIER
More results

Similar Description - RF3807PCK-414

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3809 RFMD-RF3809_1 Datasheet
809Kb / 22P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3809 RFMD-RF3809 Datasheet
1Mb / 18P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802_06 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802 Datasheet
62Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3806 RFMD-RF3806 Datasheet
557Kb / 18P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3807 RFMD-RF3807 Datasheet
1Mb / 18P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800 Datasheet
59Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3805 RFMD-RF3805 Datasheet
62Kb / 2P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800_07 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
RF3802 RFMD-RF3802_1 Datasheet
1Mb / 12P
   GaAs HBT PRE-DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com